Part Number Hot Search : 
330M10 AME8822 17555 ON0872 511120 120EI NT91214B 04023
Product Description
Full Text Search
 

To Download TIP127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
DESCRIPTION *With TO-220C package *DARLNGTON *High DC current gain *Low collector saturation voltage *Complement to type TIP120/121/122 APPLICATIONS *Designed for general-purpose amplifier and low-speed switching applications PINNING
PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
TIP125/126/127
ABSOLUTE MAXIMUM RATINGS(Tc=25 )
SYMBOL PARAMETER TIP125 VCBO Collector-base voltage TIP126 TIP127 TIP125 VCEO Collector-emitter voltage TIP126 TIP127 VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current-DC Collector current-Pulse Base current-DC Collector power dissipation Junction temperature Storage temperature TC=25 Ta=25 Open collector Open base Open emitter CONDITIONS VALUE -60 -80 -100 -60 -80 -100 -5 -5 -8 -120 65 2 150 -65~150 V A A mA W V V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER TIP125 VCEO(SUS) Collector-emitter sustaining voltage TIP126 TIP127 VCE(sat)-1 VCE(sat)-2 VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage TIP125 ICBO Collector cut-off current TIP126 TIP127 TIP125 ICEO Collector cut-off current TIP126 TIP127 IEBO hFE-1 hFE-2 COB Emitter cut-off current DC current gain DC current gain Output capacitance IC=-3A ,IB=-12mA IC=-5A ,IB=-20mA IC=-3.0A ; VCE=-3V VCB=-60V, IE=0 VCB=-80V, IE=0 VCB=-100V, IE=0 VCE=-30V, IB=0 VCE=-40V, IB=0 VCE=-50V, IB=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-3V IC=-3.0A ; VCE=-3V IE=0 ; VCB=-10V,f=0.1MHz IC=-0.1A, IB=0 CONDITIONS SYMBOL
TIP125/126/127
MIN -60 -80 -100
TYP.
MAX
UNIT
V
-2.0 -4.0 -2.5
V V V
-0.2
mA
-0.5
mA
-2 1000 1000 300
mA
pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
PACKAGE OUTLINE
TIP125/126/127
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
TIP125/126/127
4


▲Up To Search▲   

 
Price & Availability of TIP127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X