Part Number Hot Search : 
A3422 C1507 MSZ5260 DG442 FF0750L SSL20 S2415 ARV241
Product Description
Full Text Search
 

To Download TIP127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-220 Plastic-Encapsulated Transistors
TIP125, 126, 127
FEATURES Power dissipation PCM:
Darlington TRANSISTOR (PNP)
TO-220
1. BASE 2. COLLECTOR
2
W (Tamb=25)
3. EMITTER
Collector current -5 A ICM: Collector-base voltage TIP125: -60 V V(BR)CBO: TIP126: -80 V TIP127: -100 V Operating and storage junction temperature range TJ, Tstg: -55 to +150 unless otherwise specified)
Test conditions
123
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage TIP125 TIP126 TIP127 Collector-emitter breakdown voltage TIP125 TIP126 TIP127 Collector cut-off current TIP125 TIP126 TIP127 Collector cut-off current TIP125 TIP126 TIP127 Emitter cut-off current
Symbol
MIN -60
MAX
UNIT
V(BR)CBO
Ic= -1mA, IE=0
-80 -100 -60
V
V(BR)CEO
Ic= -100mA, IB=0
-80 -100
V
VCB= -60V, IE=0 ICBO VCB= -80V, IE=0 VCB= -100V, IE=0 VCE=-30V, IB=0 ICEO VCE=-40V, IB=0 VCE=-50V, IB=0 IEBO hFE(1) VEB= -5V, IC=0 VCE= -3V, IC= -0.5A VCE= -3V, IC= -3 A IC=-3A, IB=-12 mA IC=-5 A, IB=-20 mA VCE=-3V, IC=- 3 A 1000 1000
-0.2 -0.2 -0.2 -0.5 -0.5 -0.5 -2 mA mA mA
DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter ON voltage VCE(sat) VBE(on)
-2 -4 -2.5
V V


▲Up To Search▲   

 
Price & Availability of TIP127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X