Part Number Hot Search : 
MB90671 ANTXV1N C1510 Z5245B 2N7002LL MB90671 2SD998 00400
Product Description
Full Text Search
 

To Download SW215000E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW215000E(2V1500AH)
Outer dimensions (mm)
401
Specifications
Nominal Voltage Rated capacity (10 hour rate) Total Height Height Dimensions Length Width Weight Approx 2V
Terminal Type (mm)
20
1500 Ah 369 mm (14.5 inches) 342 mm (13.5 inches)
M8 20
351
401 mm (15.8 inches) 351 mm (13.8 inches) 100Kg(220lbs)
Characteristics
10 hour rate(150 A) 5 hour rate(240 A) 1 hour rate(825 A) 1.5 hour discharge to 1.75 V Capacity affected by Temperature (10hour rate) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) 1500 AH 1200 AH 825AH 600 A 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25 (77 )
Capacity 25 (77 )
Internal Resistance Full charged Battery at 25 (77 ) 0.9 m
Capacity after 3 month storage Self-Discharge Capacity after 6 month storage at 25 (77 ) Capacity after 12 month storage Terminal Charge (constant Voltage) Cycle Float
2.30 2.20 2.10 2.00 1.90 1.80 1.70 1.60 1.50 1.40 1.30 01 2
11
342
369
300A 150A 17.3A
750A 1500A 3165A
4 6 8 10
20
40 60
2
4 6 8 10 20 50
100 200
T20 Initial Charging Current less than 375 A Voltage 2.35-2.40V Voltage 2.25-2.30V
Constant Current(Amp) and Constant Power(Watt)Discharge Table at 25 (77
Time
1.60V 1.70V 1.75V 1.80V 1.85V A W A W A W A W A W
R
)
50h 100h
10min
30min
1h
3h
4h
5h
8h
10h
20h
Edition Nov. 2009


▲Up To Search▲   

 
Price & Availability of SW215000E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X