|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Two-way Detection Type SSCF Series Detection from both left and right direction contributes to improved and flexible design of the set mechanism. Detector Push Slide Rotary Encoders Operating life Power Dual-in-line Package Type TACT SwitchTM CustomProducts 1 2 Non shorting Lead For PC board PC board with hook Detector Switch Typical Specifications Items Rating max. min. Resistive load Contact resistance Initial /After operating life Operating force Without load With load Specifications 0.1A 12V DC/50BA 3V DC 100m max./300m 0.7N max. 50,000cycles 50,000cycles 0.1A 12V DC max. Product Line Poles Positions Changeover timing Terminal type For PC board SSCF210100 Screw 3,000 SSCF210300 SSCF310100 4 3 2 Mounting method PC board Minimum order unit pcs Product No. SSCF110100 Drawing No. 1 Notes 1. Products other than those listed in the above chart are also available. Please contact us for details. 2. Please place purchase orders per minimum order unit integer . Dimensions No. Photo For PC board Travel Momentary ON OFF Unit:mm Style PC board mounting hole dimensions 36 (2 7 ) 18 (7) (7) 36 (27 ) 5.8 3.9 2 P2.5 (2) (2) 2 1 5 10.9 9 7.4 3.8 12.4 5-o0.9 holes 0.6 PC board mounting face Terminal No.1 11 2.5 0.35 0.83 46 Detector Switch Two-way Detection Type SSCF Series Dimensions No. Photo For PC board Screw mounting Travel Momentary 36u (27u) (7 ) Unit:mm Style ON OFF 18u (7) 36u (27u ) 2 5.8 3.9 1.5 (2 ) (2 ) 2 9 Detector Push CO . 3 10.9 2.6 6 5 2 3 R3 Slide 12.4 2 7.4 Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts 0.6 PC board mounting face Terminal No.1 11 8.5 2.5 2 3.8 0.35 0.83 For PC board With hook Travel Momentary ON OFF 18u (7 ) ( 7 ) (2 ) 2 9 (2) 36u PC board mounting hole dimensions 5.8 3.9 2 36u ) (27u (27 u) Thickness of board in use : t1.6 only 3 5 12.4 3.72 P2.5 les ho .9 -o0 5 5.5 7.4 3.35 3.8 3 1.5 1.5 14.6 1.7 1.5 0.6 0.8 0.45 11 14.6 2.5 PC board mounting face Terminal No.1 0.35 0.83 0.45 ON OFF 36 u Lead Screw mounting Travel Momentary 36 (27 u 18u u) (7 ) (2 ) 2 (7 ) (2) (27 u) 5.8 3.9 2 1.5 4 10.9 R 3 5 9 2.6 7.4 12.4 3 2 6 a 0.6 5 11 8.5 5 PC board mounting face Terminal No.1 2 3.9 1 0.35 0.83 Terminal Type For PC board 0.4 Unit:mm Lead Detail of a 0.8 1.9 2.8 Circuit Diagram For PC board Lead 1.5 2.4 R1 R1 R0 .9 5 432 1 3 2 1 4 0.6 2 0.6 3 0.6 15 0.6 0.6 (Common) (Common) (Common) o1 hole Thickness of board in use : t1.2 , t1.6 (Common) 3 C 0 .3 47 Detector Switches List of Varieties General-purpose Type General-purpose Type Series SSCF Detector Photo Push Slide Rotary Encoders Power Dual-in-line Package Type TACT SwitchTM CustomProducts Operating temperature range SSCM SPVP SPVC1 SPVN SPVS SPVG SPVL Operation type 40 to 85 10 to 60 40 to 85 50mA 20V DC 100BA 3V DC 500m max. 1mA 5V DC 50BA 3V DC 2 max. Rating max. 0.1A 12V DC 1mA 5V DC 1mA 5V DC 10mA 16V DC Resistive load Rating min. 50BA 3V DC 100BA 3V DC 50BA 3V DC Resistive load Initial contact 2 max. 5 max. 1 max. 2 max. resistance 100m max. Insulation 100M min. 100V DC resistance Voltage 100V AC for 1 minute proof Terminal strength Actuator strength Operating life without Load Operating life with Load Cold 5N for 1 minute 10N 0.5N for 1 minute 0.5N 5N 3N for 1 minute 10N Dry heat Damp heat 11 W Dimensions 5.8 D mm 12.4 H Manual 350 10 , 1 soldering 3 0s Dip Soldering soldering 260 5 , 5 1s Reflow soldering Number of poles Operation force Page 0.7N max. 46 Electrical Mechanical Environmental performance performance Durability performance 0.5N for 1 minute 5N 10N 1N for 1 minute 5N 20 2 for 96h 85 40 2 2 for 96h 40 2 for 96h 20 2 for 96h , 90 to 95%RH for 96h 6.3 7.4 2.8 3.8 3.6 1 350 5 3.5 3.3 5.5 6.5 2 , 3s max. 5.55 6.6 1 5 4 1.5 3.5 5.65 1.2 350 5 , 3s max. 350 10 , 1 3 0s 260 5 , 3s max. Please see P.79 1 0.35N max. 0.55N max. 0.85N max. 48 49 50 Please see P.79 0.35N max. 51 53 0.4N max. 55 0.35N max. 60 26 |
Price & Availability of SSCF110100 |