Part Number Hot Search : 
TA1810A 2SC2510A SG3644M 4812S BCX51 WP483IDT X9279UBI 1N5416
Product Description
Full Text Search
 

To Download SMV1440L-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMV1440L-LF
PHASE NOISE (1 Hz BW, typical) 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1
Applications * PCS Handhelds * Portable Receivers * Mobile Radios Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (20. dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 1380
Typ -93 -15
Max 1500 -13 3
Units MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C
0 99 -3 0 50
3 50 3 5
-40 SUB-L Min Typ 3 13
85
Max 17
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
1600 1575 1550 1525 1500 1475 1450 1425 1400 1375 1350 1325 1300 1275 1250 0 0.5 1 1.5 2 2.5
SMV1440L-LF
Rev A1
FREQUENCY (MHz)
85 C 25 C -40 C
3
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
POWER OUTPUT (dBm)
5 4 3 2 1 0 -1 -2 -3 -4 1269 1327 1380 1429 1477 1525 1573
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF O0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
0.030 MIN. CUTBACK FROM LIVE PADS
FREQUENCY (MHz)
85 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION
Z-COMM XXXXXXXX-LF W/O# D/C
P1 P2 P3 REST
Vt RF Out Vcc GROUND
PACKAGE SUB MINI SUB MINI-L
H 0.110 0.080
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of SMV1440L-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X