Part Number Hot Search : 
MFM65 1062246 MN512K TSOP6156 S2222A BSS51 141000 BSS51
Product Description
Full Text Search
 

To Download SMV1400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMV1400A
PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1
-50 -60 -70 -80
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module Applications * PCS Handhelds * Portable Receivers * GPS systems Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
-90 -100 -110 -120 -130 -140 1000 10000 100000
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 1380
Typ -94 -10
Max 1420
Units MHz dBc/Hz dBc
0 100 1 3.25 50
3 5.5 50 2 5
Vdc MHz/V dBm pF MHz/V MHz C
-55 SUB-L Min Typ 3 15
85
Max 20
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
1600
SMV1400A
Rev A1
FREQUENCY (MHz)
1550 1500 1450 1400 1350 1300 1250 1200 0.00 0.50 1.00 1.50 2.00 2.50 3.00
85 C 25 C -55 C
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
POWER OUTPUT (dBm)
10 8 6 4 2 0 -2 -4 -6 1250 1300 1350 1400 1450 1500 1550 1600
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF O0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
0.030 MIN. CUTBACK FROM LIVE PADS
FREQUENCY (MHz)
85 C 25 C -55 C
Physical Dimensions
PIN CONFIGURATION
Z-COMM XXXXXXXX-LF W/O# D/C
P1 P2 P3 REST
Vt RF Out Vcc GROUND
PACKAGE SUB MINI SUB MINI-L
H 0.110 0.080
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of SMV1400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X