Part Number Hot Search : 
4N26SD GBJ1506 3VK7M BU1850 4N26SD 07010 HIP701 A1521
Product Description
Full Text Search
 

To Download SMP600G-FM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMP600G-FM
MECHANICAL DATA Dimensions in mm.
P.I.N. PHOTODIODE
FEATURES
* * * * * * * * * HIGH SENSITIVITY VISIBLE AND UV BLIND PHOTODIODE ISOLATED FROM PACKAGE EXCELLENT LINEARITY LOW NOISE WIDE SPECTRAL RESPONSE RG850 INTEGRAL OPTICAL FI TER L TO39 HERMETIC METAL CAN PACKAGE EMI SCREENING MESH AVAILABLE
WINDOW O 5.9 0.1
O 9.1 0.2 O 8.1 0.1
SENSITIVE SURFACE
O 0.45 LEAD 5.08 0.2
3 2 1
20
3.8 0.2
DESCRIPTION
The SMP600G-FM is a Silicon P.I.N. photodiode incorporated in a hermetic metal can package. The electrical terminations are via two leads of diameter 0.018" on a pitch centre diameter of 0.2". The can structure incorporates an optical filter that only transmits infra-red light. The photodiode is electrically isolated from the package, which has a separate earth lead. The larger photodiode active area provides greater sensitivity than the SMP550 range of devices, with a slight reduction in speed. Inherent in the device geometry is a reduction in the receiving angle. The photodiode structure has been optimised for high sensitivity, light measurement applications. The metal can, isolated photodiode and optional screening mesh ensure a rugged device with a high degree of immunity to conducted and radiated electrical interference.
TO-39 Package
Pin 1 - Anode Pin 2 - Cathode Pin 3 - Case
ABSOLUTE MAXIMUM R ATINGS
(Tcase = 25C unless otherwise stated)
Operating temperature range Storage temperature range Temperature coefficient of responsively Temperature coefficient of dark current Reverse breakdown voltage Semelab plc .
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
-40C to +70C -45C to +80C 0.35% per C x2 per 8C rise 60V
Prelim. 1/98
SMP600G-FM
CHARACTERISTICS (Tamb=25C unless otherwise stated) Characteristic Test Conditions.
Responsively Active Area Dark Current Breakdown Voltage Capacitance E = 0 Dark E = 0 Dark E = 0 Dark E = 0 Dark E = 0 Dark 30V Reverse 50 900nm
Directional characteristics
Min.
0.45
Typ.
0.55 15
Max.
Units
A/W mm2
at 900nm
1V Reverse 10V Reverse 10A Reverse 0V Reverse 20V Reverse 60
2
6
nA V pF
80 90 25 12 20x10-14 0.45
Rise Time NEP
ns W/Hz
Directional Characteristics
1
80 70
Angle from sensor to illumination
1 0.9 0.8
Normalised Incident Power
60
0.8
50
0.6
0.7 0.6 0.5 0.4 0.3 0.2
40 30
0.4
20
0.2
10
0.1 0
0 0 0.2 0.4 0.6 0.8 1 Normalised incident power
0
10
20
30
40
50
60
70
80
90
Angle from sensor to illumination
Spectral Response
100
Relative Responsivity (%)
80 60 40 20 0 0 200 400 600 Wavelength (nm) 800 1000 1200
Semelab plc .
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/98


▲Up To Search▲   

 
Price & Availability of SMP600G-FM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X