Part Number Hot Search : 
XN06112 SA399 HT7963 MK23H2 AC180 5C6V2 OP599 BSX62
Product Description
Full Text Search
 

To Download SML7002308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5-1-2 Bicolor lamps
3.3 x 6 Bow Shaped Bicolor LEDs
SML70023 Series (available as Direct Mount)
Part Number Emitting Color Lens Color Forward Voltage Luminous Intensity Peak Wavelength Dominant Wavelength Spectrum Half Bandwidth Iv P d Conditions Conditions Conditions Conditions Conditions VF (nm) (nm) (nm) (mcd) IF (mA) IF (mA) IF (mA) IF (mA) IF (mA) (V) TYP MAX TYP TYP TYP TYP 1.9 2.5 10 25 20 630 10 620 10 35 10 2.0 2.5 10 35 20 560 10 567 10 20 10 1.9 2.5 10 25 20 630 10 620 10 35 10 1.9 2.5 10 25 20 587 10 590 10 33 10 1.9 2.5 10 25 20 610 10 605 10 35 10 2.0 2.5 10 35 20 560 10 567 10 20 10 1.9 2.5 10 25 20 587 10 590 10 33 10 2.0 2.5 10 35 20 560 10 567 10 20 10 2.0 2.5 10 150 20 590 10 590 10 15 10 2.0 2.5 10 40 20 570 10 571 10 30 10 2.0 2.5 20 26 3 650 20 639 20 20 20 2.0 2.5 20 3.8 3 560 20 567 20 20 20 2.0 2.5 20 120 20 635 20 625 20 15 20 2.2 2.5 20 30 20 560 20 567 20 15 20 2.0 2.5 10 150 20 590 20 590 10 15 20 2.2 2.5 10 30 20 560 20 567 10 15 20 Chip Material GaAsP GaP GaAsP GaAsP GaAsP GaP GaAsP GaP AlGaInP GaP AlGaInP GaP AlGaInP AlGaInP AlGaInP AlGaInP Remark
A: Red B: Green A: Red SML72923C B: Orange A: Amber SML78423C B: Green A: Orange SML79423C B: Green A: Ultrahigh luminosity orange SMLS79723C B: Yellow A: Ultrahigh luminosity red SMLU76423C-S B: Green A: Red SMLU72423C-S Ultrahigh B: Green luminosity A: Orange SMLU79423C-S B: Green SML72423C *Mass production in preparation
Water clear Water clear Water clear Water clear Water clear Water clear Water clear Water clear
Cathode common Cathode common Cathode common Cathode common Cathode common Cathode common Cathode common Cathode common
Directional Characteristics (representative example)
External Dimensions
6.00.2 3.60.2
5.80.5 3.9 Resin burr 0.3max Resin heap 1.5max
(Unit: mm)
Dimensional Tolerance: 0.3
3.10.2
30 60
B
0
A
0 30 60 60 30 30
20.0min
0.65max 0.50.1 0.50.1
1.0min 1.5min
60
(2.54) (2.54)
90 100%
50
0
50
90 100%
90 100%
50
0
50
90 100%
6.2
Internal Circuit Drawing
Product Mass: Approx. 0.26 g
3.6
LEDs
247
5-1 Visible Light LEDs
Absolute Maximum Ratings
Visible Light Unicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C Ratings GaP GaAsP 75 30 -0.45 100 3 -30 to +85 -30 to +100 5 -30 to +80 70 GaAlAs AlGaInP InGaN 120 25C or higher f=1kHz, tw100 s GaN Conditions
Visible Light Bicolor Lamp
Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C GaP GaAsP 75 Ratings GaAlAs 30 -0.45 100 4 -30 to +85 -30 to +100 5 AlGaInP InGaN 120 Conditions Same conditions for simultaneous lighting 25C or higher f=1kHz, tw100 s
Visible Light Unicolor Surface Mount LEDs
Parameter IF IF IFP VR Top Tstg Unit mA mA/C mA V C C Ratings GaP GaAsP 30 -0.45 100*1 3 -30 to +85 -30 to +100 5 -30 to +80 *1: 70mA for SEC1005/1007 Series *2: 50mA for SEC1005/1007 Series GaAlAs AlGaInP InGaN 20 -0.27 70*2 GaN Conditions
25C or higher f=1kHz, tw100 s
Visible Light Bicolor Surface Mount LEDs
Ratings Parameter PD IF IF IFP VR Top Tstg Unit mW mA mA/C mA V C C SEC2002/2004 75 (Same conditions for simultaneous lighting) 30 -0.45 70 4 -30 to +85 -30 to +100 Conditions
25C or higher f=1kHz, tw100 s
Visible Light Three Element Surface Mount LEDs
Parameter Unit Red PD IF IF IFP VR Top Tstg mW mA mA/C mA V C C 75 30 -0.45 70 5 -30 to +80 -30 to +100 50 Ratings SECT3M02C-S Green/Blue 120 When one chip lights up (same as green/blue for simultaneous lighting) 25C or higher f=1kHz, tw100 s Conditions
218
LEDs


▲Up To Search▲   

 
Price & Availability of SML7002308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X