Part Number Hot Search : 
MY85C 87568 XB0485P PDSP1 AD203 1240M1 NX2016SA EDF1DM
Product Description
Full Text Search
 

To Download SMG2305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMG2305
-4.2A, -20V,RDS(ON) 65m[ Elektronische Bauelemente
P-Channel Enhancement Mode Power Mos.FET
RoHS Compliant Product
Description
A
SC-59 Dim A Min 2.70 1.40 1.00 0.35 1.70 0.00 0.10 0.20 0.85 2.40 Max 3.10 1.60 1.30 0.50 2.10 0.10 0.26 0.60 1.15 2.80
The SMG2305 provide the designer with the best combination of fast switching, low on-resistance and cost-effectiveness.
The SMG2305 is universally preferred for all commercial industrial surface mount application and suited for low
L
3 Top View
S
2
B
1
B C D
voltage applications such as DC/DC converters.
G
D
G H
C J K
Features
* Super high dense cell design for extremely low RDS(ON) * Reliable and rugged
H
Drain Gate Source
J K L S
Applications
* Power Management in Notebook Computer * Protable Equipment * Battery Powered System
D
All Dimension in mm
G
Marking : 2305
S
Absolute Maximum Ratings
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current Total Power Dissipation Linear Derating Factor Operating Junction and Storage Temperature Range Tj, Tstg
3 3
Symbol
VDS VGS ID@TA=25 C ID@TA=70 C IDM PD@TA=25 C
o o o
Ratings
-20
12 -4.2 -3.4 -10 1.38 0.01 -55~+150
Unit
V V A A A W
W / oC
o
C
Thermal Data
Parameter
Thermal Resistance Junction-ambient
3
Symbol
Rthj-a
Ratings
90
o
Unit
C /W
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 4
SMG2305
Elektronische Bauelemente -4.2A, -20V,RDS(ON) 65m[ P-Channel Enhancement Mode Power Mos.FET
Electrical Characteristics( Tj=25 C
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Gate Threshold Voltage Gate-Source Leakage Current Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
o
Unless otherwise specified)
Min.
-20
_
Symbol
BVDSS BVDS/ Tj VGS(th) IGSS IDSS
Typ.
_
Max.
_ _
Unit
V V/ V nA uA uA
Test Condition
VGS=0V, ID=-250uA Reference to 25 C ,ID=-1mA VDS=VGS, ID=-250uA VGS= 12V VDS=-20V,VGS=0 VDS=-16V,VGS=0 VGS=-10V, ID=-4.5A VGS=-4.5V, ID=-4.2A
o
-0.1
_ _ _ _ _ _
-0.5
_ _ _ _ _
_
100
-1 -10 53 65
100
250
_
Static Drain-Source On-Resistance 2
RDS(ON)
_ _
_
_
m[
VGS=-2.5V, ID=-2A VGS=-1.8V, ID=-1A
Total Gate Charge
2
Qg Qgs Qgd Td(ON) Tr Td(Off) Tf Ciss Coss Crss Gfs
_ _ _
10.6 2.32 3.68 5.9 3.6 32.4 2.6 740 167 126 9
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Forward Transconductance
_
_ _
nC
ID=-4.2A VDS=-16V VGS=-4.5V
_ _
_ _ _ _ _
VDS=-15V ID=-4.2A nS VGS=-10V RG=6[ RD=3.6 [
_ _
_
_
_ _
pF
VGS=0V VDS=-15V f=1.0MHz
_
_
S
VDS=-5V, ID=-2.8A
Source-Drain Diode
Parameter
Forward On Voltage
2
Symbol
VSD Trr
Qrr
Min.
_ _
Typ.
_
Max.
-1.2
Unit
V
Test Condition
IS=-1.2A, VGS=0V. Is=-4.2A,VGS=0V dl/dt=100A/uS
Reverse Recovery Time
Reverse Recovery Charge
27.7
_ _
nS
_
22
nC
Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse widthO 300us, dutycycleO2%. 3.Surface mounted on 1 inch2 copper pad of FR4 board; 270C/W when mounted on min. copper pad.
http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 4
SMG2305
Elektronische Bauelemente -4.2A, -20V,RDS(ON) 65m [ P-Channel Enhancement Mode Power Mos.FET
Characteristics Curve
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 4
SMG2305
Elektronische Bauelemente -4.2A, -20V,RDS(ON) 65m [ P-Channel Enhancement Mode Power Mos.FET
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of SMG2305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X