Part Number Hot Search : 
MV54643 XD441 FM380 2415S LVC14A 425F3XGM 90F423G AP2302GN
Product Description
Full Text Search
 

To Download SLA406006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLA4060
Absolute maximum ratings
Symbol VCBO VCEO VEBO IC ICP IB PT VISO Tj Tstg Ratings 120 120 6 5 8 (PW1ms, Du50%) 0.5 5 (Ta=25C) 25 (Tc=25C) 1000 (Between fin and lead pin, AC) 150 -40 to +150 5
NPN Darlington General purpose
(Ta=25C)
External dimensions A
***
SLA (12-pin)
Electrical characteristics
Symbol ICBO IEBO VCEO hFE VCE(sat) VBE(sat) ton tstg 120 2000 5000 1.0 1.6 0.5 5.5 1.5 15000 1.5 2.0 V V Specification min typ max 10 10 Unit
(Ta=25C)
Unit V V V A A A W Vrms C C C/W
Conditions VCB=120V VEB=6V IC=25mA VCE=2V, IC=3A IC=3A, IB=3mA VCC 30V, IC=3A, IB1=-IB2=3mA
A
mA V
s s s
tf
j-c
sEquivalent circuit diagram
2 1 5 4 8 9 12 11
R1
R2
3
6
7
10
R1: 2.5k typ R2: 200 typ
Characteristic curves
IC-VCE Characteristics (Typical)
5
1mA 0.8mA 0.7mA IB=2mA
0.5m A
hFE-IC Characteristics (Typical)
20000 10000
typ
hFE-IC Temperature Characteristics (Typical)
20000 10000 5000
0.6mA
(VCE=2V)
(VCE=2V)
4
5000
0.4m A
3
IC (A)
1000
1000
500
500
2
C 25 =1 C Ta 75 C 25 C 0 -3
hFE
1
100 50
hFE
0.05 0.1 0.5 1 5
100 50 20 0.02
0 0
1
2
3
4
5
VCE (V)
20 0.02
0.05
0.1
0.5
1
5
IC (A)
IC (A)
VCE(sat)-IC Temperature Characteristics (Typical)
2
VCE(sat)-IB Characteristics (Typical)
3
IC-VBE Temperature Characteristics (Typical)
5
(IC / IB=1000)
(VCE=2V)
4
VCE (sat) (V)
VCE (sat) (V)
2
1
25C 75C
Ta=-30C
IC=5A IC=3A
IC (A)
3
2
C 75C 25C 125
1
1
0 0.5
1
IC (A)
5
0 0.2
0.5
1
5
10
50
0 0
1
-30C
125C
IC=1A
Ta=
IB (mA)
VBE (V)
2
3
j-a-PW Characteristics
20
25
PT-Ta Characteristics
With Silicone Grease Natural Cooling Heatsink: Aluminum in mm
W ith
Safe Operating Area (SOA)
10 5
s 1m
s 100
10
20
Inf
10 ms
j-a (C / W)
init
PT (W)
5
15
10 0x 10 0x
1
IC (A)
150
eH ea tsin k
2
0.5
10
1
5
Without Heatsink
50 x50 x2
0.1
Single Pulse
0.05 Without Heatsink
0.5 1
5
10
50 100
500 1000
0 -40
Ta=25C
0
50
100
0.03 3 5 10 50 100 200
PW (mS)
Ta (C)
VCE (V)
22


▲Up To Search▲   

 
Price & Availability of SLA406006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X