Part Number Hot Search : 
23200 TDA8374 EL817 OM5205SC KT03ETS BR301 2SC4153 AK5534VN
Product Description
Full Text Search
 

To Download SFP9N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFP9N50
Silicon N-Channel MOSFET
Features
9A,500V, RDS(on)(Max0.85)@VGS=10V Ultra-low Gate charge(Typical 30nC) Fast Switching Capability 100%Avalanche Tested Maximum Junction Temperature Range(150)
General Description
This Power MOSFET is produced using Winsemi's advanced planar stripe,DMOS technology.This latest technology has been especially designed to minimize on-state resistance, have a high rugged avalanche characteristics .This devices is specially well suited for high efficiency switch model power supplies, power
factor correction and half bridge and full bridge resonant topology line a electronic lamp ballast.
Absolute Maximum Ratings
Symbol
VDSS ID Continuous Drain Current(@Tc=100) IDM VGS EAS EAR dv/dt PD Derating Factor above 25 TJ,Tstg TL Junction and Storage Temperature Channel Temperature 1.0 -55~150 300 W/ Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Repetitive Avalanche Energy Peak Diode Recovery dv /dt Total Power Dissipation(@Tc=25) (Note2) (Note1) (Note3) (Note1) 5.1 32 30 510 13 3.5 125 A A V mJ mJ V/ ns W Drain Source Voltage Continuous Drain Current(@Tc=25)
Parameter
Value
500 9
Units
V A
Thermal Characteristics
Symbol
RQJC RQCS RQJA
Parameter
Thermal Resistance , Junction -to -Case Thermal Resistance , Case-to-Sink Thermal Resistance , Junction-to -Ambient
Value Min
-
Typ
0.5 -
Max
1 62
Units
/W /W /W
Rev.A Aug.2010
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
SFP9N50
Electrical Characteristics(Tc=25)
Characteristics
Gate leakage current Gate-source breakdown voltage Drain cut -off current Drain -source breakdown voltage Gate threshold voltage Drain -source ON resistance Forward Transconductance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge(gate-source Qg plus gate-drain) Gate-source charge Gate-drain("miller") Charge Qgs Qgd VGS=10V, nC ID=9A (Note4,5) 7 15 9 18 tf toff RG=9.1 RD=31 VDD=400V, 30 38 (Note4,5) 26 19 -
Symbol
IGSS V(BR)GSS IDSS V(BR)DSS VGS(th) RDS(ON) gfs Ciss Crss Coss tr ton
Test Condition
VGS=30V,VDS=0V IG=10 A,VDS=0V VDS=400V,VGS=0V ID=250 A,VGS=0V VDS=10V,ID=250 A VGS=10V,ID=4.8A VDS=50V,ID=4.8A VDS=25V, VGS=0V, f=1MHz VDD=250V, ID=9A
Min
30 500 2 3.7 -
Type
-
Max
100 1 4 0.85
Unit
nA V A V V S
1018 155 8 11 23
ns pF
Source-Drain Ratings and Characteristics(Ta=25)
Characteristics
Continuous drain reverse current Pulse drain reverse current Forward voltage(diode) Reverse recovery time Reverse recovery charge
Symbol
IDR IDRP VDSF trr Qrr
Test Condition
IDR=9A,VGS=0V IDR=9A,VGS=0V, dIDR / dt =100 A / s
Min
-
Type
1.4 442 2.16
Max
9 32 2.0 633 3.24
Unit
A A V ns C
Note 1.Repeativity rating :pulse width limited by junction temperature 2.L=18.5mH IAS=9A,VDD=50V,RG=0,Starting TJ=25 3.ISD9A,di/dt300A/us,VDD2/7
Steady, all for your advance
SFP9N50
Fig.1 On State Characteristics
Fig.2 Transfer Characteristics
Fig.3 Capacitance Variation vs Drain Voltage
Fig.4 Maximum Avalanche Energy vs On-State Current
Fig.5 On-Resistance Variation vs Junction temperature
Fig.6 Gate Charge Characteristics
3/7
Steady, all for your advance
SFP9N50
Fig.7 Maximum Safe Operation Area
Fig.8 Maximum Drain Current vs Case temperature
Fig.9 Transient thermal Response Curve
4/7
Steady, all for your advance
SFP9N50
Fig.10 Gate Test circuit & Waveform
Fig.11 Resistive Switching Test Circuit & Waveform
Fig.12 Unclamped Inductive Switching Test Circuit & Waveform
5/7
Steady, all for your advance
SFP9N50
Fig.13 Peak Diode Recovery dv/dt Test Circuit & Waveform
6/7
Steady, all for your advance
SFP9N50
TO-220C Package Dimension
Unit:mm
7/7
Steady, all for your advance


▲Up To Search▲   

 
Price & Availability of SFP9N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X