Part Number Hot Search : 
CA3028B SS120 CH168 AM5888S SUG91D CLR1210 8041NLI 500CA
Product Description
Full Text Search
 

To Download SCG9864 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCG9864
8-BIT MICROCONTROLLER
SCG9864 Microcontroller Specification
FEATURE SUMMARY Technology
- CMOS technology.
I/O ports
- - 2 8-bit programmable I/O ports. 1 7-bit output port.
CPU
- - 8-bit CPU core. 126 powerful and easy-to-use instruction set.
Timer
- - - 2 8-bit pre-scalar auto reload timers which can be cascaded to form one 16-bit timer. 1 real time timer. 1 watch dog timer.
Memory
- - - Internal ROM: 64K x 8 Internal RAM: 128 x 8 Memory is organized as 16K-byte page.
Operating Voltage
- 2.4V to 5.5V.
I/O structure
- Memory mapped I/O structure.
Oscillation Frequency
- - RC Oscillator for the main system clock up to 4MHz, instruction cycle ~0.5us. Subsystem clock frequency of 32.768kHz for real time timer.
Power Down
- Stop mode (Stop oscillation)
Interrupts
- - - - 2 timer interrupts. 1 real time interrupt. 1 external event interrupt. 1 software interrupt.
Score Concept Semiconductor Ltd.
1
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
Function Overview
Program Memory Map RAM Area:
Address $00-$0F $10-$7F $80-$FF Description H/W registers and I/Os Reserved Data memory and Stack
Figure 1. Memory map in RAM area
ROM Area:
Physical Address $0000-$3BFF Page 0 Program Reset address at $0000 $3C00-$3FFF $4000-$7FFF $8000-$BFFF $C000-$FFFF IC Test Program Page 1 Page 2 Page 3 Software interrupt at $FFC0 External interrupt at $FFD0 Timer 1 interrupt at $FFE0 Timer 0/RTC interrupt at $FFF0 Figure 2. Memory map in ROM area Description
Score Concept Semiconductor Ltd.
2
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
CPU core
An 8-bit accumulator based CPU core can directly address up to 64 x 16K byte addressing space. Most of the instructions are executed in two cycles. Instruction is generally one byte and will have an extra byte for some addressing modes. CPU Registers: Program Counter (PC) The 14-bit Program Counter stores address for instruction fetch during program execution. It makes up a page size of 16K bytes. Together with the Program Page Register (iPAGE), it becomes a 20-bit address that can access up to 1,048,576 bytes. When the CPU resets, the content of the iPAGE:PC will be 00:0000. If interrupt occurs, the type of interrupt will then determine its content. PC will automatically be incremented to the next instruction after an instruction fetch. Table 1. Different types of interrupt Interrupt Timer 0 / RTC Interrupt Timer 1 Interrupt External Interrupt Software Interrupt Page Register (PAGE) An 8-bit Page Register to change the program flow. The most significant two bits are always set to zero. Data Bank Register (BANK) An 8-bit Bank Register to access data memory. The most significant two bits are always set to zero. Program Page Register (iPAGE) An 8-bit Program Page Register is combined with PC for instruction fetch. The most significant two bits are always set to zero. Accumulator (A) An 8-bit Accumulator for arithmetic, logical and data movement operation. Temporary Register (B) An 8-bit temporarily storage for accumulator. Index Registers (X, Y) These two 8-bit registers can be used for general registers and index registers of the indirect addressing mode. They can also be used as pointer for table read and memory write instructions.
IPAGE:PC 3H:3FF0H 3H:3FE0H 3H:3FD0H 3H:3FC0H
Score Concept Semiconductor Ltd.
3
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
Stack Register (SP) A 7-bit Stack Register (SP) stores the address for stack operation. After CPU resets, the value is $00. The SP has to be initialized at $FF by software. This means the stack frame starts from the highest address memory location. Program Status (PS) This is an 8-bit Program Status Register. However only 4-bit is used for controlling ALU operations and instruction execution sequences.
Program Status
Bit 7 6 5 4 3 2 1 0
Sign
Zero Carry Interrupt Mask
Reserved
Figure 3. 8-bit Program Status Carry Flag (C) Whenever there is a carry or borrow occurs after an arithmetic operation, carry flag is set to 1. Otherwise, it is cleared to 0. Besides, the "Rotate" instructions can also change the carry flag which value is a bit shifted out of the specified source operand. Executing single instruction of "SETC" or "CLRC" can also alter this flag. Upon returning from an interrupt service routine, this flag will be restored. Zero Flag (Z) For arithmetic and logical operations, Zero flag will be set to 1 if the result is zero. Besides, for operation that involves moving source operand to accumulator, zero flag will also be set to 1 if the content of the source operand is zero. Upon returning from an interrupt service routine, this flag will be restored. Sign Flag (N) Sign flag stores the most significant bit of a result after the following operations: a. Arithmetic b. Logic c. Move from source operand to accumulator This flag will also be restored upon returning from an interrupt service routine.
Score Concept Semiconductor Ltd.
4
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
Interrupt Mask Flag (I) The flag will be set to 1 when entering an interrupt service routine. By that time, all other interrupt events will be pending. After exiting from the interrupt service routine, this interrupt mask flag will be cleared to 0. Then interrupt handling will be resumed.
Memory
There are 64K bytes internal ROM with each page size is 16K bytes. Regarding the instruction pointer, it is organized as iPAGE:PC for instruction fetch. Change of program flow between pages is by modifying the PAGE register and then followed by executing a JMP or CALL instruction. These two instructions will load the PAGE register to iPAGE and change the content in PC for long JMP or CALL instruction. It does not need to change the PAGE register if it is a short JMP/CALL (JMP/CALL within page) because the PAGE register is normally the same as the iPAGE register. To exit a subroutine, long or short return type must be specified for long or short CALL respectively. The microcontroller has 128 bytes internal RAM data storage of address $80-$FF. This area includes stack frame and data memory. The stack frame is usually initialized at the highest RAM address location, i.e. $FF.
Oscillation Circuits
Main system and subsystem oscillation circuitry generates the internal clock signal for the CPU and other hardware timings. The main system clock uses the RC oscillation source. The operating frequency is up to 4 MHz. This clock is for the CPU and the two timers. The subsystem clock is for the real time signals. It uses 32.768 kHz crystal. It has to be tied to a voltage level, either HIGH or LOW, if the real time timer and the watch dog timer are not used.
Power Down
The microcontroller supports power down mode for saving power. Executing a STOP instruction will stop the main system oscillation to save most of microcontroller power. Only an external interrupt will release the microcontroller from STOP mode.
Interrupts
The MICROCONTROLLER has 2 timer interrupts, one real time interrupt, one external event interrupt and one software interrupt. When interrupt occurs, the content of PC, iPAGE and PS are pushed onto the stack in sequence. And then, the corresponding interrupt vector is loaded into iPAGE:PC. Upon executing a RTI instruction, the registers are popped out of the stack in the reversed order. The preference of interrupt priority is Timer 0 / RTC interrupt, Timer 1 interrupt and then external interrupt.
Score Concept Semiconductor Ltd.
5
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
I/O ports
The microcontroller has one 7-bit output port and two software controllable 8-bit I/O ports. For I/O port 0, there is a pull-low resistor when it is configured as in input mode, and this resistor is disabled when it is in output mode. For I/O port 1, it is floating when in input mode. For Port 2, it is a 7-bit output port only.
Timers
The microcontroller has two programmable 8-bit timers (T0 and T1) for system timing. It has also a real time timer and a watch dog timer when subsystem clock is employed. All the timers can be enabled or disabled by configuring an internal register, TCONG. At CPU resets, all of them are disabled. T0 and T1 are up-counters and can be configured as either two 8-bit pre-scalar auto reload timer or as a 16-bit pre-scalar auto reload timer. The timer overflow flag will be set if the timer overflows. Then an interrupt will be generated if the corresponding interrupt enable bit is set to 1. The real time timer provides 0.5 sec interrupt for RTC functions. Watch dog timer will overflow in ~1 sec and then will reset the CPU.
Score Concept Semiconductor Ltd.
6
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
BLOCK DIAGRAM
P0 INTERRUPT CONTROL RTC P1 WATCH DOG
P1 OUTPUT LATCH P0 OUTPUT LATCH
CONTROL
XTAL
ALU P2 A B X Y SP PS
P2 OUTPUT LATCH
TIMER0 PC iPAGE TIMER1 PAGE OSC BANK
CPU CORE
ADDRESS BUS & CONTROL DATA BUS
INTERNAL ROM 64Kx 8
INTERNAL RAM 128x8
Figure 4. Block diagram of SCG9864
Score Concept Semiconductor Ltd.
7
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
PIN DESCRIPTIONS
Table 2. Pin Description Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
Name
P_CLK CLK320 CLK32I GND P0RW0 P0RW1 P0RW2 P0RW3 VDD P0RW4 P0RW5 P0RW6 P0RW7 GND P1RW0 P1RW1 P1RW2 P1RW3 VDD P1RW4 P1RW5 P1RW6 P1RW7 GND P2W0 P2W1 P2W2 P2W3 VDD P2W4 P2W5 P2W6 PWMP PWMM GND VDD TEST RESET EXT_INT
Type
I/P O/P I/P Power I/O I/O I/O I/O Power I/O I/O I/O I/O Power I/O I/O I/O I/O Power I/O I/O I/O I/O Power O/P O/P O/P O/P Power O/P O/P O/P O/P O/P Power Power I/P I/P I/P
Description
RC Oscillator for the Main System clock 32.768KHz RTC 32.768KHz RTC Ground (optional) Port 0 Port 0 Port 0 Port 0 Supply voltage Port 0 Port 0 Port 0 Port 0 Ground (optional) Port 0 Port 1 Port 1 Port 1 Supply Voltage (optional) Port 1 Port 1 Port 1 Port 1 Ground (optional) Port 2 Port 2 Port 2 Port 2 Supply Voltage (optional) Port 2 Port 2 Port 2 Speaker + Speaker Ground Supply Voltage Test pin, no connection Reset pin External Interrupt pin
Pad Type
Pad type 5 Pad type 6 Pad type 6 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 1 Pad type 2 Pad type 2 Pad type 2 Pad type 2 Pad type 2 Pad type 2 Pad type 2 Pad type 2 Pad type 2
Pad type 4 Pad type 3 Pad type 4
Note:
The Optional pins for VDD and GND can be left open as NC pins.
Score Concept Semiconductor Ltd.
8
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
data in bond pad
Schmitt input
data out
output enable tristate control
Figure 5. Pad type 1 (bi-directional pad)
data out
bond pad tristate control
output enable
Figure 6. Pad type 2 (output pad)
Reset Schmitt input
Figure 7. Pad type 3 ( Reset )
Score Concept Semiconductor Ltd.
9
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
INT Schmitt input
Figure 8. Pad type 4 (external interrupt)
Test
Test=1 Test=0
RC circuitry
Clock out
RC pad
enable
Figure 9. Pad type 5 (RC oscillation pad)
20pF CLK32I 10M 32.768k Hz CLK32O 20pF
Figure 10. Pad type 6 (Clock circuit)
Score Concept Semiconductor Ltd.
10
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
Control Registers
Summary
Table 3. Summary of Control Registers Hex 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH Mnemonic P0DIR P0RW P1DIR P1RW P2W TCONG INTR TFLAG T0VAL T1VAL SPHEN Control Registers Name Port 0 Direction Control Register (Reserved) Port 0 Read/Write Port Port 1 Direction Control Register Port 1 Read/Write Port Port 2 Output Port (Reserved) (Reserved) (Reserved) Timer Configuration Port Interrupt Control Register Timer Flag Status Register/Watch-dog Reset Timer 0 Preset Value Register Timer 1 Preset Value Register D/A Output Control Register (Reserved) R/W W R/W W R/W W W W R/W W W W -
Descriptions
P0DIR and P1DIR
Bit R/W 7 W 6 W 5 W 4 W 3 W 2 W 1 W 0 W
0 : Input mode 1 : Output mode
Figure 11. Port 0 and Port 1 Direction Control Registers
P0RW and P1RW
Bit R/W 7 R/W 6 R/W 5 R/W 4 R/W 3 R/W 2 R/W 1 R/W 0 R/W
Write to output latch. Read from input pin. Read value of Output pin will be the output latch value.
Figure 12. Port 0 and Port 1 Read/Write Port
Score Concept Semiconductor Ltd.
11
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
P2W
Bit R/W 7 6 W 5 W 4 W 3 W 2 W 1 W 0 W
Reserved
Write to output latch
Figure 13. Port 2 Output Port
TCONG
Bit R/W 7 6 5 4 W 3 W 2 W 1 W 0 W
Reserved Watch dog timer 0 : disable 1 : enable
000 : disable T0 and T1 0x1 : enable T0 01x : enable T1 1xx : cascade T0:T1 as 16-bit timer
Real time timer 0 : disable 1 : enable
Figure 14. Timer Configuration Port
Score Concept Semiconductor Ltd.
12
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
INTR
Bit R/W 7 6 5 4 3 2 W 1 W 0 W
Reserved
External interrupt 0 : disable 1 : enable T1 interrupt 0 : disable 1 : enable
T0/RTC (half second) interrupt 0 : disable 1 : enable
Figure 15. Interrupt Control Register
TFLAG
Bit R/W 7 6 5 4 3 R 2 R 1 R 0 R
Reserved CLK32I Input
0 : T0 not overflow 1 : T0 overflow 0 : T1 not overflow 1 : T1 overflow
Note : Read will reset all flags. Any write operation to TFLAG will reset the watch dog timer.
0 : not half second 1 : half second
Figure 16. Timer Flag Status Register/Watch-dog Reset
Score Concept Semiconductor Ltd.
13
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
T0VAL and T1VAL
Bit R/W 7 W 6 W 5 W 4 W 3 W 2 W 1 W 0 W
Write timer 0 and timer 1 preset value Time frequency = 1 system clock x 2 counter value For either T0 or T1, Maximum counter value = 255 Minimum frequency 7840Hz For T0:T1, Maximum counter value = 65535 Minimun frequency 30Hz
Figure 17. Timer 0 and Timer 1 Preset Value Register
SPHEN
Bit R/W 7 6 5 4 3 2 1 W 0 W
Reserved
0 : single channel 1 : dual channels 0 : disable D/A output 1 : enable D/A output
Figure 18. D/A Output Control Register
Score Concept Semiconductor Ltd.
14
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
INSTRUCTION SUMMARY
There are 126 instructions. All instructions are one or two byte instructions. The followings are the notations used: A B C Z N X Y SP STACK BANK PAGE iPAGE PC PS I (X) (Y) label (label) ADDR14 ADDR 8 #CONSTANT Accumulator B Register Carry bit Zero bit Negative bit X Index Register Y Index Register Stack Pointer Register Stack Data Bank Register Page Register The page register for PC19-PC14 Program Counter PC13-0 Program Status Interrupt flag RAM pointed by X RAM pointed by Y A 8-bit RAM/Register label RAM pointed by the label A 14-bit address A 8-bit address A 8-bit constant
Score Concept Semiconductor Ltd.
15
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
INSTRUCTION SET
1. ADC Code Operation Flags A 0100 0000 A + A + CA N, Z, C 9. AND X Code Operation Flags 0100 1010 X AA N,Z
2.
ADC X Code Operation Flags 0100 0010 X + A + CA N, Z, C
10.
AND Y Code Operation Flags 0100 1011 Y AA N,Z
3.
ADC Y Code Operation Flags 0100 0011 Y + A + CA N, Z, C
11.
AND (X) Code Operation Flags 0100 1110 (X) AA N,Z
4.
ADC (X) Code Operation Flags 0100 0110 (X) + A + CA N, Z, C
12.
AND (Y) Code Operation Flags 0100 1111 (Y) AA N,Z
5.
ADC (Y) Code Operation Flags 0100 0111 (Y) + A + CA N, Z, C
13.
AND label Code Operation Flags 0100 1100 zzzz zzzz (zzzz zzzz)AA N,Z
6.
ADC label Code Operation Flags 0100 0100 zzzz zzzz (zzzz zzzz)+A+CA N, Z, C
14.
AND #CONSTANT Code Operation Flags 0100 1001 zzzz zzzz Zzzz zzzz A A N,Z
7.
ADC #CONSTANT Code Operation Flags 0100 0001 zzzz zzzz Zzzz zzzz +A+CA N, Z, C
15.
BRA ADDR8 Code Operation Flags 0011 0010 zzzz zzzz Zzzz zzzz PC0-7 -----
8.
AND A Code Operation Flags 0100 1000 A AA N,Z
Score Concept Semiconductor Ltd.
16
Sept 2000
SCG9864 24. 16. CALL ADDR14
Code Operation
8-BIT MICROCONTROLLER CMP #CONSTANT Code 11zz zzzz zzzz zzzz PC (SP);SP-2SP ADDR14 PC[13:0] If PAGE iPAGE IPAGE(SP);SP-1SP PAGE iPAGE 25. CMP label Code Operation Flags 0000 0101 zzzz zzzz A (zzzz zzzz) Z Operation Flags 0000 0001 zzzz zzzz A zzzz zzzz Z
Flags
-----
17.
CLR A Code Operation Flags 0010 1000 0 A N,Z 26.
CPMX #CONSTANT
Code Operation Flags
0000 1001 zzzz zzzz (X) zzzz zzzz Z
18.
CLR X Code Operation Flags 0010 1010 0 X ----27. CPMX label Code Operation Flags 0000 1101 zzzz zzzz (X) zzzz zzzz Z
19.
CLR Y Code Operation Flags 0010 1011 0 Y ----28. CPX #CONSTANT Code Operation Flags 0001 0001 zzzz zzzz X zzzz zzzz Z
20.
CLR (X) Code Operation Flags 0010 1110 0 (X) ----29. CPX label Code Operation Flags 0001 0101 zzzz zzzz X (zzzz zzzz) Z
21.
CLR (Y) Code Operation Flags 0010 1111 0 (Y) ----30. CPY #CONSTANT Code Operation Flags 0001 1001 zzzz zzzz Y zzzz zzzz Z
22.
CLR label Code Operation Flags 0010 1100 0 (zzzz zzzz) ----31. CPY label Code Operation Flags 0001 1101 zzzz zzzz Y (zzzz zzzz) Z
23.
CLRC Code Operation Flags 0110 0001 0 C C
Score Concept Semiconductor Ltd.
17
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
41. 32. DEC A Code Operation Flags 0110 1000 A - 1 A N, Z, C 42. 33. DEC X Code Operation Flags 0110 1010 X - 1 X N, Z, C 43. 34. DEC Y Code Operation Flags 0110 1011 Y - 1 Y N, Z, C 44. 35. DEC (X) Code Operation Flags 0110 1110 (X) - 1 (X) N, Z, C 45. 36. DEC (Y) Code Operation Flags 0110 1111 (Y) - 1 (Y) N, Z, C 46. 37. DEC label Code Operation Flags 0110 1100 zzzz zzzz (zzzz zzzz)-1 (zzzzzzzz) N, Z, C 47. 38. EOR X Code Operation Flags 0101 1010 X A A N, Z 48. 39. EOR Y Code Operation Flags 0101 1011 Y A A N, Z
EOR (Y) Code Operation Flags 0101 1111 (Y) A A N, Z
EOR label Code Operation Flags 0101 1100 zzzz zzzz (zzzz zzzz) A A N, Z
EOR #CONSTANT Code Operation Flags 0101 1001 zzzz zzzz zzzz zzzz A A N, Z
INC A Code Operation Flags 0110 0000 A + 1 A N, Z, C
INC X Code Operation Flags 0110 0010 X + 1 X N, Z, C
INC Y Code Operation Flags 0110 0011 Y + 1 Y N, Z, C
INC (X) Code Operation Flags 0110 0110 (X) + 1 X N, Z, C
INC (Y) Code Operation Flags 0110 0111 (Y) + 1 Y N, Z, C
40.
EOR (X) Code Operation Flags 0101 1110 (X) A A N, Z
Score Concept Semiconductor Ltd.
18
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
55. 49. INC label Code Operation Flags 0110 0100 zzzz zzzz
(zzzz zzzz) + 1 (zzzz zzzz)
MOV A, (X) Code Operation Flags 0000 0110 A (X) -----
N, Z, C 56. MOV A, (Y) Code 0011 0110 PC LOW (SP), SP-1 SP PCHIGH(SP), SP-1 SP IPAGE (SP), SP-1 SP PS (SP), SP-1 SP 1I 3FC0H PC 3 iPAGE,PAGE 58. MOV X, A Code Operation Flags 0001 0000 X A N, Z 57. MOV A label Code Operation Flags 0000 0100 zzzz zzzz A (zzzz zzzz) ----Operation Flags 0000 0111 A (Y) -----
50.
INT Code Operation
Flags
I
51.
JA Code Operation Flags 0111 0001 A PC[7:0] -----
59.
MOV X, Y Code Operation Flags 0001 0011 X Y -----
52.
JUMP ADDR14 Code Operation 10zz zzzz zzzz zzzz ADDR14 PC[13:0] If PAGEiPAGE PAGE iPAGE Flags -----
60.
MOV X, (Y) Code Operation Flags 0001 0111 X (Y) -----
61.
MOV X, label Code 0001 0100 zzzz zzzz X (zzzz zzzz) -----
53.
MOV A, X Code Operation Flags 0000 0010 A X ----62.
Operation Flags
MOV Y, A Code 0001 1000 Y A N, Z
54.
MOV A, Y Code Operation Flags 0000 0011 A Y -----
Operation Flags
Score Concept Semiconductor Ltd.
19
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
72. 63. MOV Y, X Code Operation Flags 0001 1010 Y X ----73. 64. MOV Y, (X) Code Operation Flags 0001 1110 Y (X) ----74. 65. MOV Y, label Code Operation Flags 0001 1100 zzzz zzzz Y (zzzz zzzz) ----75. 66. MOV (X), A Code Operation Flags 0011 0000 (X) A N, Z 76. 67. MOV (X), Y Code Operation Flags 0011 0011 (X) Y ----77. 68. MOV (X), (Y) Code Operation Flags 0011 0111 (X) (Y) ----78. 69. MOV (X), label Code Operation Flags 0011 0100 zzzz zzzz (X) (zzzz zzzz) ----79. 70. MOV (Y), A Code Operation Flags 0011 1000 (Y) A N, Z
MOV (Y), (X) Code Operation Flags 0011 1110 (Y) (X) -----
MOV (Y), label Code Operation Flags 0011 1100 zzzz zzzz (Y) (zzzz zzzz) -----
MOV label, A Code Operation Flags 0010 0000 zzzz zzzz (zzzz zzzz) A N, Z
MOV label, X Code Operation Flags 0010 0010 zzzz zzzz (zzzz zzzz) X -----
MOV label, Y Code Operation Flags 0010 0011 zzzz zzzz (zzzz zzzz) Y -----
MOV label, (X) Code Operation Flags 0010 0110 zzzz zzzz (zzzz zzzz) (X) -----
MOV label, (Y) Code Operation Flags 0010 0111 zzzz zzzz (zzzz zzzz) (Y) -----
MOV #CONSTANT, A
Code Operation Flags
0000 1000 zzzz zzzz Zzzz zzzz A N, Z
71.
MOV (Y), X Code Operation Flags 0011 1010 (Y) X -----
Score Concept Semiconductor Ltd.
20
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
89. 80.
MOV #CONSTANT, X
OR label Code 0101 0100 zzzz zzzz (zzzz zzzz)V AA N, Z
Code Operation Flags
0000 1010 zzzz zzzz Zzzz zzzz X ----90.
Operation Flags
OR #CONSTANT Code 0101 0001 zzzz zzzz Zzzz zzzzV AA N, Z
81.
MOV #CONSTANT, Y
Code Operation Flags
0000 1011 zzzz zzzz Zzzz zzzz Y ----91.
Operation Flags
POP Code 0011 1111 SP+1SP (SP)A Flags -----
82.
MOV #CONSTANT, (X)
Code Operation Flags
0000 1110 zzzz zzzz Zzzz zzzz (X) -----
Operation
83.
MOV #CONSTANT, (Y)
92. 0000 1111 zzzz zzzz zzzz zzzz (Y) -----
PSHPAGE Code Operation Flags 0110 1101 PAGE (SP); SP-1SP -----
Code Operation Flags
84.
NOP Code Operation Flags 0000 0000 No operation -----
93.
PUSH Code Operation Flags 0110 1001 A(SP),SP-1SP -----
85.
OR X Code Operation Flags 0101 0010 X V AA N, Z
94.
ROL A Code Operation Flags 0111 0000 CAC N, Z, C
86.
OR Y Code Operation Flags 0101 0011 Y V AA N, Z
95.
ROL X Code Operation Flags 0111 0010 CXC N, Z, C
87.
OR (X) Code Operation Flags 0101 0110 (X) V AA N, Z
96.
ROL Y Code Operation Flags 0111 0011 CYC N, Z, C
88.
OR (Y) Code Operation Flags 0101 0111 (Y) V AA N, Z
Score Concept Semiconductor Ltd.
21
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
106. 97. ROL (X) Code Operation Flags 0111 0110 C(X)C N, Z, C 107. 98. ROL (Y) Code Operation Flags 0111 0111 C(Y)C N, Z, C 108. 99. ROL label Code Operation Flags 0111 0100 zzzz zzzz C(zzzz zzzz)C N, Z, C 109. 100. ROM A Code Operation Flags 0111 1101 ROM (BANK,X,A)A -----
ROR (X) Code Operation Flags 0111 1110 C(X)C N, Z, C
ROR (Y) Code Operation Flags 0111 1111 C(Y)C N, Z, C
ROR label Code Operation Flags 0111 1100 zzzz zzzz C(zzzz zzzz)C N, Z, C
RTI Code Operation 0100 0101 SP+1SP (SP)PS;SP+11 (SP)IPAGE,PAGE; SP+1SP (SP)PCHIGH;
101.
ROM Y Code Operation Flags 0111 1001 ROM (BANK,X,Y)A ----Flags
SP+1SP (SP)PCLOW -----
102.
ROMDBL Code Operation 0001 0010 ROM (BANK,X,Y)B ROM (BANK,X,Y+1)A
110.
RTL Code Operation 0100 1101 SP+1SP (SP)iPAGE,PAGE; SP+1SP
103.
ROR A Code Operation Flags 0111 1000 CAC N, Z, C Flags
(SP)PCHIGH SP+1SP (SP)PCLOW -----
104.
ROR X Code Operation Flags 0111 1010 CXC N, Z, C
111.
RTS Code Operation 0101 0101 SP+1SP (SP)PCHIGH; SP+1SP (SP)PCLOW
105.
ROR Y Code Operation Flags 0111 1011 CYC N, Z, C
Flags
-----
Score Concept Semiconductor Ltd.
22
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
120. 112. SETC Code Operation Flags 0110 0101 1C C 121. 113. SETZ Code Operation Flags 0101 1000 1Z,0A, N, Z 122. 114. SKIPC Code Operation Flags 0011 0001 PC+2PC if C = 1 -----
STOP Code Operation Flags 0010 0100 Stop ------
TAPAGE Code Operation Flags 0111 0101 APAGE ------
TZ Code Operation 0101 0000 Z=1 if A = 0 Z=0 if A 0 Flags N, Z
115.
SKIPMI Code Operation Flags 0001 0110 PC+2PC if N = 1 -----
123.
XB Code Operation Flags 0010 0101 BA -----
116.
SKIPNC Code Operation Flags 0011 1001 PC+2PC if C = 0 -----
124.
XBANK Code Operation Flags 0011 0101 BANKA -----
117.
SKIPNZ Code Operation Flags 0010 1001 PC+2PC if Z = 0 -----
125.
XSP Code Operation Flags 0011 1101 SPA -----
118.
SKIPPL Code Operation Flags 0001 1111 PC+2PC if N = 0 -----
126.
XST Code Operation Flags 0010 1101 PSA N, Z, C, I
119.
SKIPZ Code Operation Flags 0010 0001 PC+2PC if Z = 1 -----
Score Concept Semiconductor Ltd.
23
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings: 1. 2. 3. 4. 5. VDD VIH VIL Operating Temperature Storage Temperature 7.0V VDD + 0.3V GND - 0.3V 0C to + 60C -50C to + 150C
Recommended Operating: MIN 2.4 TYP 3.0 4.0 MAX 5.5 Unit V MHz
1. Operating Voltage (VDD) 2. Operating Frequency (Fosc) 3. Input Voltage 3.1 VDD = 2.4V 3.2 VDD = 3.0V 3.3 VDD = 5.5V
VIH VIL VIH VIL VIH VIL
1.6 0 2.0 0 3.6 0
2.0 0.4 2.4 0.6 4.0 1.5
2.4 0.8 3.0 1.0 5.5V 1.8V
V V V V V V
4. Output Voltage 4.1 VDD = 2.4V @1mA 4.2 VDD = 3.0V @2mA 4.3 VDD = 5.5V @10mA 5. Input Current VIH = VDD VIL = OV
VOH VOL VOH VOL VOH VOL
2.0 2.4 4.0 -
-
0.4 0.6 1.5
V V V V V V A (through pull-low resistor) A (leakage)
IH IL
-
-
150 0.3
6. Output Current 6.1 VDD = 2.4V, 6.2 6.3 VDD = 3.0V, VDD = 5.5V,
IOH@VOH =2.0V IOL@VOL =0.4V IOH@VOH =2.4V IOL@VOL =0.6V IOH@VOH =4.0V IOL@VOL =1.5V
1.0 2.0 1.5 3.0 8 16
1.5 3.0 3.5 7.0 10 20
-
mA mA mA mA mA mA
7. Current Dissipation 7.1 Operating Current @4MHz, 3.0V & Output Pad Load = 50pF 7.2 Operating Current @4MHz, 5.0V & Output Pad Load = 50pF 7.3 Standby Current (OFF mode)
1.0 2.0 -
1.5 3.0 5.0
4.5 9.0 30.0
mA mA A
Score Concept Semiconductor Ltd.
24
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
PAD Co-ordinates
EXT_INT RESET-
TEST 37
3 9 1 2 3 4 5 6 7 8 9 10 11 12 13 P_CLK CLK32O CLK32I VSS P0RW0
38
36
VDD
35
Y
VSS PWMM PWMP P2W6 P2W5 P2W4 VDD P2W3 P2W2
P0RW1 P0RW2
(0,0) X
34 33 32 31 30 29 28 27 1 4 VSS
P0RW3 VDD P0RW4 P0RW5 P0RW6 P0RW7
15 P1RW0
16 P1RW1
17 P1RW2
18 P1RW3
19 VDD
20 P1RW4
21 P1RW5
22 P1RW6
23 P1RW7
24 VSS
25 P2W0
26 P2W1
The substrate of IC should be connected to VSS
Score Concept Semiconductor Ltd.
25
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
Pad No
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
Pad Name
P_CLK CLK32O CLK32I VSS P0RW0 P0RW1 P0RW2 P0RW3 VDD P0RW4 P0RW5 P0RW6 P0RW7 VSS P1RW0 P1RW1 P1RW2 P1RW3 VDD
X
-1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -1193.600 -984.000 -824.000 -664.000 -504.000 -344.000 -184.000
Y
955.000 795.000 635.000 475.000 315.000 155.000 -5.000 -165.000 -325.000 -485.000 -645.000 -805.000 -965.000 -1174.600 -1174.600 -1174.600 -1174.600 -1174.600 -1174.600
Pad No
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
Pad Name
P1RW4 P1RW5 P1RW6 P1RW7 VSS P2W0 P2W1 P2W2 P2W3 VDD P2W4 P2W5 P2W6 PWMP PWMM VSS VDD TEST RESET EXT_INT
X
-24.000 136.000 296.000 456.000 616.000 776.000 936.000 1193.600 1193.600 1193.600 1193.600 1193.600 1193.600 1193.600 1193.600 1193.600 -504.000 -664.000 -824.000 -984.000
Y
-1174.600 -1174.600 -1174.600 -1174.600 -1174.600 -1174.600 -1174.600 -965.000 -805.000 -645.000 -485.000 -325.000 -165.000 -5.000 155.000 315.000 1174.600 1174.600 1174.600 1174.600
Score Concept Semiconductor Ltd.
26
Sept 2000
SCG9864
8-BIT MICROCONTROLLER
Application Circuit
VCC
U1 1 2 3 R2 100K 5 6 7 8 10 11 12 13 15 16 17 18 20 21 22 23 P_CLK CLK32O CLK32I P0RW0 P0RW1 P0RW2 P0RW3 P0RW4 P0RW5 P0RW6 P0RW7 P1RW0 P1RW1 P1RW2 P1RW3 P1RW4 P1RW5 P1RW6 P1RW7 SCG9832 32768 R1 RESET EXT_INT TEST 38 39 37
R3 47K
C4 0.1u
OPTIONAL Y1
P2W0 P2W1 P2W2 P2W3 P2W4 P2W5 P2W6
25 26 27 28 30 31 32 D1 LED D2 LED D3 LED D4 LED
1M C1 C2
SCORE CONCEPT SEMICONDUCTOR LIMITED Title SCG9832 application circuit Size A Date: Document Number SCG9832 Thursday, September 14, 2000 Sheet 1 of 1 Rev 1
Score Concept Semiconductor Ltd.
27
Sept 2000


▲Up To Search▲   

 
Price & Availability of SCG9864

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X