Part Number Hot Search : 
ZRT100C2 BD788 2SK2959 72240L5 4C36S 72240L5 G216M M1024
Product Description
Full Text Search
 

To Download SB3045ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB3020ST SERIES
SCHOTTKY BARRIER RECTIFIERS 20 to 60 Volts CURRENT VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of
0.516(13.20) 0.504(12.80)
30 Amperes
0.615(15.60)MAX. 0.520(13.20) 0.504(12.80)
0.402(10.20) 0.385(9.80)
0.185(4.70) 0.169(4.30)
MIL-S-19500/228 * Low power loss, high efficiency. * Low forward voltage, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
0.118(3.0) MIN. 0.599(15.20) 0.582(14.80)
0.577(14.65) 0.565(14.35) 0.776(19.70) 0.759(19.30)
0.732(18.58) 0.715(18.18)
MECHANICAL DATA
* Case: TO-247S/TO-3PS Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.1932 ounces, 5.4803 grams.
0.071(1.80) 0.055(1.40) 0.095(2.40) 0.078(2.00) 0.050(1.25) 0.037(0.95)
0.166(4.20) 0.149(3.80) 0.579(14.70) 0.563(14.30)
0.103(2.60) 0.090(2.30)
0.025(0.62) 0.014(0.38) 0.223(5.65) 0.206(5.25)
0.223(5.65) 0.206(5.25)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi mum Re c ur re nt P e a k Re ve r s e Vo lta g e M a xi mum RMS Vo lta g e M a xi mum D C B lo c k i ng Vo lta g e M a xi mum A ve r a g e F o r wa r d C urr e nt a t T c = 7 5 OC P e a k F o r wa r d S ur g e C ur r e nt : 8 .3 m s s i ng le ha lf s i ne - wa ve s up e r i m p o s e d o n r a te d lo a d ( J E D E C m e tho d ) M a xi mum F o r wa r d Vo lta g e a t 1 5 A p e r le g M a xi mum D C Re ve r s e C ur r e nt a t Ra te d D C B lo c k i ng Vo lta g e Typ i c a l The r m a l Re s i s ta nc e Op e r a ti ng J unc ti o n Te mp e r a tur e Ra ng e S to r a g e Te m p e ra tur e Ra ng e
NOTE: Both Bonding and Chip structure are available.
S YMB OL V RRM V RMS V DC IF ( AV ) IF S M VF IR R J C TJ T S TG
SB 3020S T SB 3030S T S B 3040S T S B 3045S T SB 3050S T S B 3060ST
UNITS V V V A
20 14 20
30 21 30
40 28 40 3 0 .0
45 3 1 .5 45
50 35 50
60 42 60
275
A
0 .5 5 0 .2 50 1 .5 - 5 5 to +1 2 5 - 5 5 to + 1 5 0 - 5 5 to + 1 5 0
0 .7 0
V
T J =2 5 O C T J =1 0 0 O C
mA
O
C/W
O
C C
O
August 30,2010-REV.03
PAGE . 1
SB3020ST SERIES
RATING AND CHARACTERISTIC CURVES
400
AVERAGE FORWARD CURRENT AMPERES
50
20-30V 40-60V
PEAK FORWARD SURGE CURRENT, AMPERES
350 300 250 200 150 100 50 0 1 2 5 10 20
8.3ms Single Half Sine-Wave JEDEC Method
40 30 20 10 0 0
50
100
150
50
100
CASE TEMPERATURE, OC
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
40
INSTANTANEOUS FORWARD CURRENT AMPERES
T J=100 C
O
20-45V
10 8 6 4 2 1.0
1.0
50-60V
T J=75 C
O
0.1
0.01
T J=25 C
O
0.8 0.6 0.4 0.2
0.001
0.1
0 20 40 60 80 100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
1200
CAPACITANCE, pF
1000 800
TJ = 25 C
O
600 400 200 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
August 30,2010-REV.03
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB3045ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X