|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SB2020CT SERIES SCHOTTKY BARRIER RECTIFIERS VOLTAGE FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low forwrd voltage, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives 0.177(4.5) MAX. 0.058(1.47) 0.042(1.07) 0.038(0.96) 0.019(0.50) 0.50(12.7)MIN. 0.115(2.92) 0.080(2.03) 0.025(0.65)MAX. 0.624(15.87) 0.548(13.93) 0.419(10.66) 0.387(9.85) 0.139(3.55) MIN. 0.196(5.00) 0.163(4.16) 0.054(1.39) 0.045(1.15) 20 to 60 Volts CURRENT 20 Amperes * Low power loss, high efficiency. MECHANCAL DATA * Case: TO-220AB Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.065 ounces, 1.859grams. 0.100(2.54) 0.100(2.54) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% PA RA M E TE R Ma xi mum Re c ur r e nt P e a k Re ve r s e Vo lta g e Ma xi mum RMS Vo lta g e Ma xi mum D C B lo c k i ng Vo lta g e Ma xi mum A ve r a g e F o r wa r d C ur r e nt a t Tc = 7 5 O S YMB O L V RRM V RMS V DC C IF (AV ) IF S M VF IR RJC TJ T S TG SB 2020C T S B2030C T S B2040C T SB2045C T SB2050C T SB 2060C T UNITS V V V A 20 14 20 30 21 30 40 28 40 2 0 .0 45 31 45 50 35 50 60 42 60 P e a k F o r wa r d S ur g e C ur r e nt :8 .3 m s s i ng le ha lf s i ne - wa ve s up e r i mp o s e d o n r a te d lo a d (J E D E C m e tho d ) Ma xi mum F o r wa r d Vo lta g e a t 1 0 A p e r le g T J =2 5 O C T J =1 0 0 O C 200 A 0 .5 5 0 .2 50 2 - 5 5 to + 1 2 5 - 5 5 to + 1 5 0 - 5 5 to +1 5 0 0 .7 5 V Ma xi mum D C Re ve r s e C ur r e nt a t Ra te d D C B lo c k i ng Vo lta g e Typ i c a l The r ma l Re s i s ta nc e Op e ra ti ng J unc ti o n Te m p e r a tur e Ra ng e S to r a g e Te mp e r a ture Ra ng e mA O C/W O C C O Note: Both Bonding and Chip structure are available. August 25,2010-REV.04 PAGE . 1 SB2020CT SERIES RATING AND CHARACTERISTIC CURVES 25 20-30V 40-60V PEAK FORWARD SURGE CURRENT AMPERES AVERAGE FORWARD CURRENT AMPERES 240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100 8.3ms Single Half Sine-Wave JEDEC Method 20 15 10 5 0 0 50 100 O 150 CASE TEMPERATURE, C NO. OF CYCLE AT 60Hz Fig.1- FORWARD CURRENT DERATING CURVE Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT INSTANTANEOUS REVERSE CURRENT, mA INSTANTANEOUS FORWARD CURRENT AMPERES 10 40 20-45V TJ=100 C 1.0 O 10 8 6 4 2 1.0 50-60V 0.1 TJ=75 C O 0.8 0.6 0.4 0.2 0.1 0.3 0.4 0.01 TJ=25 OC 1% Duty Cycle Pulse Width=300 m s T J =25 OC 0.001 0.5 0.6 0.7 0.8 0.9 1.0 0 20 40 60 80 100 120 140 PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, % INSTANTANEOUS FORWARD VOLTAGE ,VOLTS Fig.3- TYPICAL REVERSE CHARACTERISTIC Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC August 25,2010-REV.04 PAGE . 2 |
Price & Availability of SB2020CT10 |