Part Number Hot Search : 
TC7PG UPC1215 2802A B89P8 PC817 A102J 30N60 SFBUX11N
Product Description
Full Text Search
 

To Download SB140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
Spec. No. : C474LB Issued Date : 2009.08.13 Revised Date : Page No. : 1/3
SB120 thru SB160
Features
* Metal semiconductor junction with guard ring * Epitaxial construction * Low forward voltage drop * High current capability * The plastic material carries UL recognition 94V-0 * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
Outline
DO-204AL(DO-41)
Mechanical Characteristics:
*Case: JEDEC DO-204AL(DO-41) molded plastic *Terminals: Tin plated axial leads, solderable per MIL-STD-202, method 208 *Polarity: Color band denotes cathode *Mounting position: Any *Weight : 0.012oz., 0.33grams
Maximum Ratings and Electrical Characteristics
(Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%)
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum forward voltage at 1A Maximum average forward rectified current .375"(9.5mm) lead lengths @TL=100C Peak forward surge current @8.3ms single half sine wave superimposed on rated load (JEDEC method) TJ=25C Maximum DC reverse current at rated DC blocking voltage TJ=100C Typical thermal resistance (Note 1) Typical junction capacitance (Note 2) Operating junction temperature range Storage temperature range
Symbol VRRM VRMS VDC VF IF(AV) IFSM IR RJL CJ TJ TSTG
Type Units SB120 SB130 SB140 SB150 SB160 20 30 40 50 60 V 14 21 28 35 42 V 20 30 40 50 60 V 0.5 0.70 V 1 40 0.5 10 15 150 -55 ~ +125 -55 ~ +150 A A mA C/W pF C C
Note: 1.Thermal resistance, junction to lead. 2.Measured at 1.0MHz and applied reverse voltage of 4.0VDC
SB120 thru SB160
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Spec. No. : C474LB Issued Date : 2009.08.13 Revised Date : Page No. : 2/3
SB120 thru SB160
CYStek Product Specification
CYStech Electronics Corp.
DO-204AL(DO-41) Dimension
Spec. No. : C474LB Issued Date : 2009.08.13 Revised Date : Page No. : 3/3
DO-204AL(DO-41) Molded Plastic Package CYStek Package Code: LB
DIM A B C
Inches Min. Max. 0.0280 0.0339 1.0000 0.1654 0.2047
Millimeters Min. Max. 0.71 0.86 25.40 4.20 5.20
DIM D E
Inches Min. Max. 1.0000 0.0787 0.1063
Millimeters Min. Max. 25.40 2.00 2.70
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : Axial leads, solderable per MIL-STD-202, Method 208 guaranteed. * Mold Compound : Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
SB120 thru SB160
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of SB140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X