Part Number Hot Search : 
TC400 C1213 40H120 L62502TH M1200 05201033 30X30 Z8F160X
Product Description
Full Text Search
 

To Download SB1020DC09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB1020DC~SB1060DC
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
20 to 60 Volts
CURRENT
10 Amperes
MECHANICALDATA
* Case: TO-263 Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.0514 ounces, 1.46 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt a t T C = 7 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 5 A , M a xi m um D C R e ve r s e C ur r e nt a t TJ = 2 5 O C R a t e d D C B l o c k i ng Vo l t a g e TJ = 1 0 0 O C Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VRRM VRMS VD C IF ( A V ) IF S M VF IR RJ C TJ TSTG
SB1020DC SB1030DC SB1040DC SB1045DC SB1050DC SB1060DC
U N IT S V V V A A
20 14 20
30 21 30
40 28 40 10 150 0 .5 5
45 3 1 .5 45
50 35 50
60 42 60
0 .7 5 0 .1 50 3 .0
O
V
0 .2 50
mA
C/W
O
-5 5 to +1 2 5
-5 5 to +1 5 0 -5 5 to +1 5 0
C C
O
Note. Both Bonding and Chip structure are available.
STAD-APR.27.2009
PAGE . 1
SB1020DC~SB1060DC
RATING AND CHARACTERISTIC CURVES
100
AVERAGE FORWARD CURRENT
25.0 20.0 15.0 10.0 5.0 0 0
=20-30V =40-60V
FORWARD CURRENT, AMPERES
10 20-40V 50-60V
1.0
50
100
150
T A =25 C 0.1 0.2 0.4 0.6 0.8 1.0
O
CASE TEMPERATURE, OC
FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
10
INSTANTANEOUS REVERSE CURRENT, mA
240
PEAK FORWARD SURGE CURRENT,
210 180 150 120 90 60 30 0 1 2 5 10
1.0
TJ = 1 C 00
O
8.3ms Single Half Since-W ave JEDEC Method
0.1
TJ = 7 C 5
O
0.01
TJ = 2 C 5
O
V RRM =20-40V V RRM =50-60V
.001 0 20 40 60 80 100
20
50
100
NO. OF CYCLE AT 60Hz
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%) Fig.3- TYPICAL REVERSE CHARACTERISTIC Fig.4- MAXIMUM NON - REPETITIVE SURGE CURRENT
STAD-APR.27.2009
PAGE . 2
SB1020DC~SB1060DC
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 0.8K per 13" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-APR.27.2009
PAGE . 3


▲Up To Search▲   

 
Price & Availability of SB1020DC09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X