Part Number Hot Search : 
ASM3P NTD6414 M38102M 7905CT FB2023 604KFK LN427YP 30N06L
Product Description
Full Text Search
 

To Download SB1020CT10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB1020CT~SB1060CT
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low forward voltage, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications.
0.058(1.47) 0.042(1.07) 0.038(0.96) 0.019(0.50) 0.50(12.7)MIN. 0.624(15.87) 0.548(13.93) 0.419(10.66) 0.387(9.85) 0.139(3.55) MIN. 0.196(5.00) 0.163(4.16) 0.054(1.39) 0.045(1.15)
20 to 60 Volts
CURRENT
10 Amperes
* Low power loss, high efficiency.
* In compliance with EU RoHS 2002/95/EC directives
0.115(2.92) 0.080(2.03) 0.025(0.65)MAX.
MECHANCAL DATA
* Case: TO-220AB Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.0655 ounces, 1.859 grams.
0.100(2.54)
0.100(2.54)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA ME TE R Ma xi m um R e c ur re nt P e a k R e ve r s e Vo lta g e Ma xi m um R MS Vo lta g e Ma xi m um D C B lo c k i ng Vo lta g e Ma xi m um A ve r a g e F o rwa r d C urre nt .3 7 5 " (9 .5 m m) le a d le ng th a t T C = 7 5 O C P e a k F o r wa rd S ur g e C ur re nt : 8 .3 ms s i ng le ha lf s i ne - wa ve s up e r i mp o s e d o n ra te d lo a d ( J E D E C me tho d ) Ma xi m um F o r wa rd Vo lta g e a t 5 A p e r le g Ma xi m um D C Re ve r s e C urr e nt a t Ra te d D C B lo c k i ng Vo lta g e Typ i c a l The rm a l R e s i s ta nce Op e r a ti ng J unc ti o n a nd S to ra g e Te m p e ra tur e Ra ng e TA = 2 5 OC TA = 1 0 0 OC S YM B OL S B 1 0 2 0 C T S B 1 0 3 0 C T S B 1 0 4 0 C T S B 1 0 4 5 C T S B 1 0 5 0 C T S B 1 0 6 0 C T V RRM V RM S V DC I F ( AV ) IF S M VF IR R J C TJ,TSTG 0 .5 5 0 .2 50 3 .0 - 5 0 to + 1 2 5
O
0.177(4.5) MAX.
UNITS V V V A
20 14 20
30 21 30
40 28 40 10
45 3 1 .5 45
50 35 50
60 42 60
150
A
0 .7 5
V
mA
C/W
O
C
NOTE: Both Bonding and Chip structure are available.
September 2,2010-REV.04
PAGE . 1
SB1020CT~SB1060CT
RATING AND CHARACTERISTIC CURVES
150
AVERAGE FORWARD CURRENT, AMPERES
25
20-30V 40-60V
PEAK FORWARD SURGE CURRENT, AMPERES
120 110 90 70 50 30 20 10 1 2 5 10 20 50 100
8.3ms Single Half Sine-Wave JEDEC Method
20 15 10 5 0 0 50 100
O
150
CASE TEMPERATURE, C
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
INSTANTANEOUS FORWARD CURRENT AMPERES
T J=100 OC
10 Per Diode O T J=25 C
1.0
T J=75 OC
0.1
1
T J=25 OC
0.01
20-45V 50-60V
0.1 0.2
0.4
0.6
0.8
1.0
0.001
0
20
40
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%) Fig.3- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
September 2,2010-REV.04
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB1020CT10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X