Part Number Hot Search : 
Z5250 LM3S6965 XR2128 D1409 LM3S6965 CCF6086 YD3843 IRF3717
Product Description
Full Text Search
 

To Download RK2031110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Metal Shaft Potentiometer
20mm Size Metal Shaft Type
RK203/EC20A Series
Heavy rotation torque and good operational feel, available in potentiometer and encoder type.
Rotary Potentiometers Slide Potentiometers
Typical Specifications
Specifications Items Potentiometer Rating Operating life
0.05W
Encoder
1mA 5V DC
30,000cycles
Products Line Potentiometer
Metal Shaft Insulated Shaft Knob Operating
Flat
Operating section
Length of operating section mm
30
Detent torque mN m
Number of detent
Rotational Operating angle direction
240$max Vertical
Minimum order unit pcs.
400
Products No.
Drawing No.
1
Depending on individual specification
RK2031110
Encoder
Operating section Length of operating section mm Detent torque mN m Number of detent Number Travel of push- Operating of pulse on switch mm direction Minimum order unit pcs. Products No. Drawing No.
EC20A1820401 Flat 30 40 20 18 18 1.5 Vertical 400 EC20A1824401 3 2
Notes
1. All the potentiometer types can be customized. Contact us with the detailed specifications if you have such requirements. 2. The same size of the non-switch type can be used as an encoder type. The switch type is an incremental encoder type only.
352
Metal Shaft Potentiometer
20mm Size Metal Shaft Type RK203/EC20A Series
Dimensions
Photo RK203 Without switch type, Potentiometer type Style
Unit:mm
PC board mounting hole dimensions Viewed from mounting side
o20.2 12 2.6 18.4 19.2
3.5 Mounting surface 2.5
8 10
30
Rotary Potentiometers Slide Potentiometers
4.5 o6
1.5 3.5 1.5
NC NC NC 3 21
2
NC
1
3
o3 15.5
1.5
3-o1.2holes 1.25 6.25
3-1 (17.8)
3.75
EC20A Without switch type, Incremental type
8.3
19.2
2.5
4.5 6
2.6
3.5 Mounting surface
8
10
30
20.2 12
18.4
10
9
M9 0.75
C1
8.3
9
Metal Shaft
A
3.5
1.5
1.5
A C B NCNC NC 3 15.5
B C
10
9
M9G0.75
C1
Insulated Shaft Knob Operating
9
1.5
3-o1.2 holes
1.25 3.75
3-1 (17.8)
6.25
2.6
EC20A With push-on switch (travel 1.5mm), Incremental type
3.5 Mounting surface 2.5
10
10
30 12
Switch travel 1.5 4.5 6
20.2
5
18.4
8.3 19.2
9
3.5
1.5
M9G0.75 1.5
7
C1
A C B NC NC NC 3 15.5
D 1.5 1.25 3.75 ACB
E
5-o1.2 holes
31 (17.8)
6.25
D
E
10
9
353
Metal Shaft Potentiometers
List of Varieties
Type Number of drive shafts Model
RK203 / EC20A RK2711
20mm size metal shaft
27mm size metal shaft
50mm size metal shaft highquality-audio
Single-shaft RK5011 A
Rotary motor-driven
Rotary Potentiometers Slide Potentiometers
RK1681
/ MG0
RK2711
MC0
Photo
The bushing Fixing method of bushing fastened by use can be of screws Bushing screw clamp
The bushing can be fastened by use of screws Horizontal type
Terminal mounting Attached switch Gang error applicable to Dual-unit parts for audio volume control purposes Metal Shaft Insulated Shaft Knob Operating Solder heat resistance Electrical performance Mechanical performance Environmental performance Manual soldering Dip soldering Reflow soldering
Vertical type
60dB to 0dB 3dB max. 300 260 max. 3s max. 5 ,5 1s 350 max. 5s max.
100dB to 0dB 2dB max. 350 260 10 5 ,5 ,5
1 0
40dB to 0dB 3dB max.
60dB to 0dB 3dB max.
s
350 max. 3s max. 350 max. 5s max. : 350$max 2s max. Motor terminal:350 max. 2s max.
1s
Operating temperature range Rated power Residual resistance Maximum attenuation Volume control Insulation resistance Voltage proof
Stopper strength N m
30
to
80 0.05W R 10k 20 max. 10k R 50k 30 max. 50k R Nominal total resistance of 0.1% or less 5k 10k 50k 100k R 10k R 50k R 100k R 70dB min. 80dB min. 90dB min. 100dB min. 0.1W
10
to
70 0.05W R 10k 10k R 50k R 5k 10k 50k 100k R R R R 50k 20 max. 30 max.
120dB min.
10k 50k 100k
70dB min. 80dB min. 90dB min. 100dB min. min. 500V DC
100M
min. 250V DC
100M
min. 500V DC
100M
min. 250V DC 100M
300V AC for 1minute 0.5 100N max.
500V AC for 1minute 0.9 1.5 150N max.
300V AC for 1minute 0.9
500V AC for 1minute
Push-pull strength Vibration Cold Dry heat Damp heat Page
40 85 2 2
100N max.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z and for 2 hours respectively for 192h for 192h 30 3 70 2 for 96h for 96h 20 70 3 2 for 240h for 240h 20 2 for 96h 70 2 30 3 for 96h for 96h
60 3 , 40 2 , 90 to 95 RH for 240h 90 to 95 RH for 96h 90 352 354
60 2 , 95 RH for 240h 358
90
40 2 , 95 RH for 96h 360
322


▲Up To Search▲   

 
Price & Availability of RK2031110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X