Part Number Hot Search : 
CP1000 NTE5091A MCD452 M52779SP 01210 MB4105 M62438FP STD83
Product Description
Full Text Search
 

To Download PC20-1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
H 1.0414 (0.041) W B A-6 A-6
PC20-1200 (F) SERIES
A-6
B
2 5 6 L
1 3 4
A-6
4.76 (0.188)
PC Terminal (Plug-in mounting) TYPE PC 6 PINS
PCB Pattern
UNIT : mm (inch) SIZE (VA) 24 L 41.28 (1.625) W 57.90 (2.279) H 34.93 (1.375) A-6 6 PIN 10.16 (0.400) B 53.34 (2.100) WT. (gram) 474.87 OPTIONAL BRACKET * NO. 24-BR MW 34.93 (1.375) MD 50.80 (2.000)
2. SCHEMATIC :
1 3 1 3
115V PRI
4 5
115V PRI
Eo
4 5
Eo
2 Series Connected
6
2 Parallel Connected
6
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary Pin 1-2 Secondary-1 Pin 3-4 Secondary-2 Pin 5-6 AC 115 V 60 Hz . Less Than 50mA . Series AC 24.90 V . Parallel AC 12.45 V . Series 1200mA . Parallel 2400mA . Less Than 295 mA . Series 20.00V . Parallel 10.00V . Primary = 33.10 Ohm . Secondary = 0.96 Ohm . = 1.05 Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-41 x 39.00 m/m . 672 73 73 Turns Diameter Turns Diameter Turns Diameter 0.23 0.50 0.50 m/m . m/m . m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1


▲Up To Search▲   

 
Price & Availability of PC20-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X