Part Number Hot Search : 
BR1060CT SMN7105 1N4936GP LC87F BDX53BG AP430 AAT250 AP430
Product Description
Full Text Search
 

To Download MMBT4126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT4126
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * Epitaxial Planar Die Construction Complementary NPN Type Available (MMBT4124) Ideal for Low Power Amplification and Switching Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 2 and 4)
E A C B B TOP VIEW E C
SOT-23 Dim A B C D E
K J L M
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
Mechanical Data
* * * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking (See Page 3): K2B Ordering & Date Code Information: See Page 3 Weight: 0.008 grams (approximate)
D G H
G H J K L M
C
B
E
All Dimensions in mm
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC PD RJA TJ, TSTG Value -25 -25 -4.0 -200 300 417 -55 to +150 Unit V V V mA mW C/W C
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 3) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 3) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure
Notes:
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE VCE(SAT) VBE(SAT) Cobo Cibo hfe fT NF Min -25 -25 -4.0 120 60 120 250 Max -50 -50 360 -0.40 -0.95 4.5 10 480 4.0 Unit V V V nA nA V V pF pF MHz dB Test Condition IC = -10A, IE = 0 IC = -1.0mA, IB = 0 IE = -10A, IC = 0 VCB = -20V, IE = 0V VEB = -3.0V, IC = 0V IC = -2.0mA, VCE = -1.0V IC = -50mA, VCE = -1.0V IC = -50mA, IB = -5.0mA IC = -50mA, IB = -5.0mA VCB = -5.0V, f = 1.0MHz, IE = 0 VEB = -0.5V, f = 1.0MHz, IC = 0 VCE = 1.0V, IC = -2.0mA, f = 1.0kHz VCE = -20V, IC = -10mA, f = 100MHz VCE = -5.0V, IC = -100A, RS = 1.0k, f = 1.0kHz
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. Halogen and Antimony Free. 3. Short duration pulse test used to minimize self-heating effect. 4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30106 Rev. 8 - 2
1 of 3 www.diodes.com
MMBT4126
(c) Diodes Incorporated
100 CIBO, INPUT CAPACITANCE (pF) COBO, OUTPUT CAPACITANCE (pF)
350 PD, POWER DISSIPATION (mW) 300 250 200 150 100 50 0 0
10
25
50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs. Ambient Temperature
200
1 0.1
1 10 VCB, COLLECTOR-BASE VOLTAGE (V) Fig. 2, Input and Output Capacitance vs. Collector-Base Voltage
100
1,000
10 VCE(SAT), COLLECTOR-EMITTER (V) SATURATION VOLTAGE
1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 3, Typical DC Current Gain vs. Collector Current 1,000
hFE, DC CURRENT GAIN
1
100
10
0.1
1
0.1
0.01 1
10 100 1,000 IC, COLLECTOR CURRENT (mA) Fig. 4, Typical Collector-Emitter Saturation Voltage vs. Collector Current
1.0
0.9 VBE(SAT), BASE-EMITTER (V) SATURATION VOLTAGE
0.8
0.7
0.6
IC IB = 10
0.5 1 10 IC, COLLECTOR CURRENT (mA) Fig. 5, Typical Base-Emitter Saturation Voltage vs. Collector Current 100
DS30106 Rev. 8 - 2
2 of 3 www.diodes.com
MMBT4126
(c) Diodes Incorporated
Ordering Information
Device MMBT4126-7-F
Notes: 5.
(Note 5) Packaging SOT-23 Shipping 3000/Tape & Reel
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K2B = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
K2B
Date Code Key Year Code Month Code
1998 J Jan 1
1999 K Feb 2
2000 L
2001 M Mar 3
2002 N Apr 4
YM
2003 P May 5
2004 R Jun 6
2005 S
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30106 Rev. 8 - 2
3 of 3 www.diodes.com
MMBT4126
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBT4126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X