Part Number Hot Search : 
RC64475 MUR820 JC208N SWSS0 MC1741CG UTR3310 V910M FR801F
Product Description
Full Text Search
 

To Download MBR1060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1030 - MBR1060
10A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * * * * * * * *
Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency High Surge Capability High Current Capability and Low Forward Voltage Drop For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application Lead Free Finish, RoHS Compliant (Note 3)
K C D A B L M
TO-220AC Dim A B C D E
Pin 1 Pin 2
Min 14.48 10.00 2.54 5.90 2.80 12.70 0.69 3.54 4.07 1.15 0.30 2.04 4.83
Max 15.75 10.40 3.43 6.40 3.93 14.27 0.93 3.78 4.82 1.39 0.50 2.79 5.33
Mechanical Data
Case: TO-220AC Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Bright Tin. Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: Type Number Weight: 2.24 grams (approx.)
E G J R P
Pin 1 Pin 2 Case
G J K L M N P R
N
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TC = 125C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Voltage Rate of Change (Rated VR) Operating and Storage Temperature Range
Notes:
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM CT RqJc dV/dt Tj, TSTG
MBR 1030 30 21
MBR 1035 35 24.5
MBR 1040 40 28 10 150 0.84 0.57 0.1 15 400 2.5 1000
MBR 1045 45 31.5
MBR 1050 50 35
MBR 1060 60 42
Unit V V A A
@ IF = 10A, TC = 25C @ IF = 10A, TC = 125C @TC = 25C @TC = 125C
0.95 0.70 0.1 25
V mA pF C/W V/ms C
-65 to +150
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS23009 Rev. 9 - 2
1 of 3 www.diodes.com
MBR1030-MBR1060
a Diodes Incorporated
10
50
IF, INSTANTANEOUS FWD CURRENT (A)
MBR1030 - MBR1045
I(AV), AVERAGE FWD CURRENT (A)
8
10
MBR1050 / MBR1060
6
4
1.0
2
0 0 50 100 150 TC, CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
300
1000
Tj = 25 C f = 1.0MHz
250
CT, CAPACITANCE (pF)
100 0.1
200
150
100
50
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA)
10
100
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
1.0
Tj = 125 C
0.1
Tj = 75 C
0.01
Tj = 25 C
0.001 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23009 Rev. 9 - 2
2 of 3 www.diodes.com
MBR1030-MBR1060
Ordering Information
Device MBR10xx*
(Note 4) Packaging TO-220AC Shipping 50/Tube
* xx = Device type, e.g. MBR1045 Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
DS23009 Rev. 9 - 2
3 of 3 www.diodes.com
MBR1030-MBR1060


▲Up To Search▲   

 
Price & Availability of MBR1060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X