Part Number Hot Search : 
D5028UK LHO44 AP432AV 9F020 APR50B10 78S06 DBL157G LUWCN7N
Product Description
Full Text Search
 

To Download LBN20001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
200MHz SAW Filter 76MHz Bandwidth
Part Number: LBN20001
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection(f053MHz) Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz MHz dB usec
Minimum
199.5 75.9 50
Typical
200 25 77.23 78.85 85.1 85.48 85.86 0.5 0.97 -16.4 25
Maximum
200.5 30 86 106 2 -
dB
KHz/C C
DIP2212 (22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 L1
L2
L3
L1=39nH
OUTPUT 50 L4
L2=22nH L4=150nH
L3=27nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN20001 2006-12-21 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
200MHz SAW Filter 76MHz Bandwidth
Part Number: LBN20001
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
22.200.5 12.800.5 4.7 4.5
0.450.05 2.540.2
7.620.2
3
2 1
4 5 6
12.700.2
2.540.2
Input Output Ground
1 4 2,3,5,6
Package: DIP2212
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN20001 2006-12-21 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
200MHz SAW Filter 76MHz Bandwidth
Part Number: LBN20001
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-22.5
Passband Respond
-24.9505
-23
-34.9505
-23.5
-44.9505
-24
-54.9505
-24.5
-64.9505
-25
-74.9505
-25.5
-84.9505
-26
-94.9505
-26.5
-104.9505
-27
100
120
140
160
180
200
220
240
260
280
300
-27.5 100
120
140
160
180
200
220
240
260
280
300
Group Delay Variation(f037MHz)
Phase Linearity(f037MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN20001 2006-12-21 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN20001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X