Part Number Hot Search : 
1428A N391K FGA30N60 C74AC 74LS1 705250F 2045C BV320A
Product Description
Full Text Search
 

To Download IL766B-2X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL766B
Vishay Semiconductors
Optocoupler, Photodarlington Output, AC Input, Internal RBE
FEATURES
* Internal RBE for better stability
A/C 1 C/A 2 NC 3
6 NC 5C 4E
* BVCEO < 60 V * Isolation test voltage, 5300 VRMS * AC or polarity insensitive inputs * No base connection * High insulation resistance, 1011 typical * Standard plastic DIP package * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
i179040
DESCRIPTION
The IL766B is a bidirectional input, optically coupled isolator consisting of two gallium arsenide infrared emitters and a silicon photodarlington sensor.
AGENCY APPROVALS
* UL1577, File No. E52744 system code H or J, double protection * BSI IEC 60950 IEC 60065
ORDER INFORMATION
PART IL766B-1 IL766B-2 IL766B-2X006 Note For additional information on the available options refer to option information. REMARKS CTR > 400 %, DIP-6 CTR > 900 %, DIP-6 CTR > 900 %, DIP-6 400 mil (option 6)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Forward continuous current Power dissipation Derate linearly from 55 C OUTPUT Collector emitter breakdown voltage Collector base breakdown voltage Power dissipation Derate linearly from 25 C BVCEO BVCBO Pdiss 60 70 200 2.6 V V mW mW/C IF Pdiss 60 200 2.6 mA mW mW/C TEST CONDITION SYMBOL VALUE UNIT
Document Number: 83644 Rev. 1.4, 09-Nov-05
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 1
IL766B
Vishay Semiconductors Optocoupler, Photodarlington Output, AC
Input, Internal RBE
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER UL Isolation test voltage Total power dissipation Derate linearly from 25 C Creepage Clearance Isolation resistance Storage temperature Operating temperature Lead soldering time at 260 C VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C RIO RIO Tstg Tamb t = 1.0 s VISO Ptot 5300 250 3.3 7 7 1012 1011 - 55 to + 150 - 55 to + 150 10 VRMS mW mW/C min min C C s TEST CONDITION SYMBOL VALUE UNIT
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTCS
PARAMETER INPUT Forward voltage OUTPUT Collector emitter breakdown voltage Collector emitter leakage current COUPLER Collector emitter, saturation voltage IC = 1.0 mA, IF = 10 mA VCEsat 1.0 V IC = 10 mA, IF = 0 A VCE = 10 V, IF = 0 A BVCEO ICEO 60 1.0 100 V nA IF = 10 mA VF 1.25 1.5 V TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER Saturation voltage, collector emitter TEST CONDITION IC = 1.0 mA, VCE = 5.0 V IC = 1.0 mA, VCE = 5.0 V PART IL766B-1 IL766B-2 SYMBOL CTR CTR MIN. 400 900 TYP. MAX. UNIT % %
SWITCHING CHARACTERISTICS
PARAMETER Turn-off time TEST CONDITION VCC = 5.0 V, IF = 2.0 mA, RL = 100 SYMBOL toff MIN. TYP. 200 MAX. UNIT s
www.vishay.com 2
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83644 Rev. 1.4, 09-Nov-05
IL766B
Optocoupler, Photodarlington Output, AC Vishay Semiconductors Input, Internal RBE
PACKAGE DIMENSIONS in inches (millimeters)
Pin one ID
3 0.248 (6.30) 0.256 (6.50) 4
2
1
5
6
ISO Method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 4 typ. 0.018 (0.45) 0.022 (0.55)
i178004
0.048 (0.45) 0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
0.300 (7.62) typ.
18 0.031 (0.80) min. 0.031 (0.80) 3to 9 0.035 (0.90) 0.100 (2.54) typ. 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.114 (2.90) 0.130 (3.0)
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .255 (6.5) .248 (6.3)
20 .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92)
18446
Document Number: 83644 Rev. 1.4, 09-Nov-05
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 3
IL766B
Vishay Semiconductors Optocoupler, Photodarlington Output, AC
Input, Internal RBE
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83644 Rev. 1.4, 09-Nov-05
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IL766B-2X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X