Part Number Hot Search : 
28F016C3 BAT54AWT 20060 LA7912 10V10X1 10900 TM50D D5NK4
Product Description
Full Text Search
 

To Download HVS2512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HVS Series
HighVoltage/HighTemperature ThickFilmChipResistors * * * * * * * * Resistances from 100k to 10T Ohms Power Rating 0.05 to 1.5 Watt Resistance Tolerances to 0.25% TCR's to 25 ppm/K Non-Magnetic (contact PtAg) High Value Thick Film Resistance Element Sizes: 0805 / 1206 / 1210 / 2010 / 2512 / 4020 Special HT Version to 300C
SPECIFICATIONS
Type Power Rating - P70 ( W @ 70C) Working Voltage ( VAC )
Trimmed Untrimmed
0805
0.125 200 600
1206
0.25 600 1000
1210
0.35 1000 1200
2010
0.5 1500 2000
2512
1.0 2000 3000
4020
1.5 4000 6000
Resistance Range (W)
0.5%to10% 25/50/100 <50ppm/V 2%to20% 50/100/250 <250ppm/V 5%to20% 100/250 <500ppm/V 10%to30% 500/1000 <1000ppm/V 0.5%to10% 25/50/100 <50ppm/V 2%to20% 50/100/250 <100ppm/V 5%to20% 100/250 <250ppm/V 10%to30% 500/1000 <1000ppm/V 10%to30% 1000/2000 <2000ppm/V 0.5%to10% 25/50/100 <25ppm/V 1%to10% 25/50/100 <50ppm/V 2%to20% 50/100 <100ppm/V 5%to20% 500/1000 <500ppm/V 10%to30% 500/1000 <1000ppm/V 0.5%to10% 25/50/100 <10ppm/V 1%to10% 25/50/100 <25ppm/V 2%to20% 50/100 <100ppm/V 5%to20% 100/250 <250ppm/V 5%to20% 250/500 <500ppm/V 10%to30% 500/1000 <1000ppm/V
1
100k - 100M
0.25%to10% 25/50/100 <5ppm/V 1%to10% 25/50/100 <10ppm/V 2%to20% 50/100 <25ppm/V 5%to20% 100/250 <100ppm/V 5%to20% 250/500 <250ppm/V 10%to30% 250/500 <1000ppm/V
>100M - 1G
>1G - 10G
>10G - 100G
>100G - 1T
-
>1T - 10T
-
-
-
W@70C/0W@155C
Riedon Inc. 12/10
300CypressAvenue
AlhambraCA91801 www.riedon.com
(626)284-9901
(626)284-1704
HVS Series
HighVoltage/HighTemperature ThickFilmChipResistors
Specification
TemperatureRange ClimacticCetegory Solderability Max.SolderingTemperature
Value
-55Cto+155C(Standard) -55Cto+300C(HTVersion,TCRvalid+25Cto+125C) 55/155/56 250C/3s(upto6monthaftershipmentresp.atstorageinNitrogen) 260C/10s
LongTermStability
LoadLife70C/1000h/P70 Storage125C/1000h MaximumVoltage/1000h
MaxDR <1GW
0.25% 0.5% 0.5%
1GW -10GW
0.5% 1% 1%
>10GW
1% 2% 2%
Type
Dimensions L
0.080+0.006/-0.002 [2.0+0.15/-0.05] 0.126+0.006/-0.002 [3.2+0.15/-0.05] 0.126+0.006/-0.002 [3.2+0.15/-0.05] 0.20+0.008/-0.002 [5.1+0.2/-0.05] 0.250+0.006/-0.002 [6.3+0.15/-0.05] 0.40+0.006/-0.002 [10.20+0.15/-0.05]
B
0.050+0.006/-0.002 [1.25+0.15/-0.05] 0.060+0.008/-0.002 [1.5+0.2/-0.05] 0.098+0.008/-0.002 [2.5+0.2/-0.05] 0.098+0.008/-0.002 [2.5+0.2/-0.05] 0.138+0.008/-0.002 [3.5+0.2/-0.05] 0.20+0.008/-0.002 [5.1+0.2/-0.05]
D
0.016+0.006/-0.002 [0.4+0.15/-0.05] 0.016+0.006/-0.002 [0.4+0.15/-0.05] 0.020+0.006/-0.002 [0.5+0.15/-0.05] 0.024+0.006/-0.002 [0.6+0.15/-0.05] 0.024+0.006/-0.002 [0.6+0.15/-0.05] 0.024+0.006/-0.002 [0.6+0.15/-0.05]
C
0.012+0.008/-0.004 [0.3+0.2/-0.1] 0.012+0.008/-0.004 [0.3+0.2/-0.1] 0.0320.008 [0.80.2] 0.050.008 [1.20.2] 0.0350.008 [0.90.2] 0.0350.008 [0.90.2]
HVS 0805 HVS 1206 HVS 1210 HVS 2010 HVS 2512 HVS 4020
Packaging: BulkorTape&ReelperIEC286-3/EIA481-1-A
Power(%)
120 100 80
PowerDeratingCurve

Tapewidth8mm/ReelDiameter180or330mm MinimumquantityBulk/100piecespervalue MinimumquantityTape&Reel/1000piecespervalue
er V HT
Sta
60 40 20
nd
Ordering Information
sio
ard
n
0 PartNumber-Resistance-Tolerance-TCR-Packaging 0 Example:HVS251210GOhms10%50ppmTape (Note:ifnoTCRisspecified,thehighestvaluewillbesupplied)
50
100
150
200
250
300
350
AmbientTemperature(C)
Riedon Inc. 12/10
300CypressAvenue
AlhambraCA91801 www.riedon.com
(626)284-9901
(626)284-1704


▲Up To Search▲   

 
Price & Availability of HVS2512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X