Part Number Hot Search : 
PSA1875A 1342B A5800578 BYD1100 00C10 CS5531 LP3110 5VLX50T
Product Description
Full Text Search
 

To Download HFP9N50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFP9N50
June 2005
BVDSS = 500 V
HFP9N50
500V N-Channel MOSFET
FEATURES
Originative New Design Superior Avalanche Rugged Technology Robust Gate Oxide Technology Very Low Intrinsic Capacitances Excellent Switching Characteristics Unrivalled Gate Charge : 35 nC (Typ.) Extended Safe Operating Area Lower RDS(ON) : 0.58 (Typ.) @VGS=10V 100% Avalanche Tested
RDS(on) typ = 0.58 ID = 9.0 A
TO-220
1
2
3
1.Gate 2. Drain 3. Source
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Drain Current Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt
TC=25 unless otherwise specified
Parameter
Value 500
Units V A A A V mJ A mJ V/ns W W/
- Continuous (TC = 25) - Continuous (TC = 100) - Pulsed
(Note 1)
9.0 5.7 36 30
(Note 2) (Note 1) (Note 1) (Note 3)
360 9.0 14.7 4.5 147 1.18 -55 to +150 300
Power Dissipation (TC = 25) - Derate above 25 Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds
Thermal Resistance Characteristics
Symbol RJC RCS RJA Junction-to-Case Case-to-Sink Junction-to-Ambient Parameter Typ. -0.5 -Max. 0.85 -62.5 /W Units
SEMIHOW REV.A0,June 2005
HFP9N50
Electrical Characteristics TC=25 C
Symbol Parameter
unless otherwise specified
Test Conditions
Min
Typ
Max
Units
On Characteristics
VGS RDS(ON) Gate Threshold Voltage Static Drain-Source On-Resistance VDS = VGS, ID = 250 VGS = 10 V, ID = 4.5 A 2.5 --0.58 4.5 0.73 V
Off Characteristics
BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 ID = 250 , Referenced to25 VDS = 500 V, VGS = 0 V VDS = 400 V, TC = 125 VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V 500 ------0.55 ------1 10 100 -100 V V/ BVDSS Breakdown Voltage Temperature Coefficient /TJ IDSS IGSSF IGSSR Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz ---1300 150 24 1700 195 31
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
(Note 4,5)
VDS = 250 V, ID = 9.0 A, RG = 25
--------
35 120 70 80 35 7.3 17
70 240 140 160 45 ---
nC nC nC
VDS = 400V, ID = 9.0 A, VGS = 10 V
(Note 4,5)
Source-Drain Diode Maximum Ratings and Characteristics
IS ISM VSD trr Qrr Continuous Source-Drain Diode Forward Current Pulsed Source-Drain Diode Forward Current Source-Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS = 9.0 A, VGS = 0 V IS = 9.0 A, VGS = 0 V diF/dt = 100 A/s (Note 4) --------320 2.8 9.0 36 1.4 --A V C
Notes ; 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L=8mH, IAS=9.0A, VDD=50V, RG=25, Starting TJ =25C 3. ISD9.0A, di/dt200A/s, VDDBVDSS , Starting TJ =25 C 4. Pulse Test : Pulse Width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature
SEMIHOW REV.A0,June 2005
HFP9N50
Typical Characteristics
101
ID , Drain Current [A]
ID , Drain Current [A]
VGS 15 V 10 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V Top :
10
1
150
25 10
0
100
-55
Note 1. VDS = 40V 2. 250 s Pulse Test
Note : 1. 250 s Pulse Test 2. TC = 25
10
-1
10
-1
100
101
10
-1
2
4
6
8
10
VDS , Drain-Source Voltage [V]
VGS , Gate-Source Voltage [V]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
1.8 1.6 VGS = 10V 1.4 1.2 1.0 0.8 0.6 0.4 VGS = 20V
IDR , Reverse Drain Current [A]
RDS(on) , [] Drain-Source On-Resistance
10
1
10
0
150
-1
25
Note : TJ = 25
Note : 1. VGS = 0V 2. 250 s Pulse Test
0
5
10
15
20
25
30
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID , Drain Current [A]
VSD , Source-Drain Voltage [V]
Figure 3. On Resistance Variation vs Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation with Source Current and Temperature
12
2400
VGS, Gate-Source Voltage [V]
Ciss
1800
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
VDS = 100V
10
VDS = 250V VDS = 400V
Capacitances [pF]
8
1200
Coss
6
600
Crss
Note ; 1. VGS = 0 V 2. f = 1 MHz
4
2
Note : ID = 9.0 A
0 -1 10
0
10
0
10
1
0
5
10
15
20
25
30
35
40
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
SEMIHOW REV.A0,June 2005
HFP9N50
Typical Characteristics
1.2
(continued)
3.0
BVDSS, (Normalized) Drain-Source Breakdown Voltage
1.1
RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.0
1.0
1.5
1.0
Note : 1. VGS = 10 V 2. ID = 4.5 A
0.9
Note : 1. VGS = 0 V 2. ID = 250 A
0.5
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Figure 7. Breakdown Voltage Variation vs Temperature
Figure 8. On-Resistance Variation vs Temperature
10
10
2
Operation in This Area is Limited by R DS(on)
8
ID, Drain Current [A]
10
1
1 ms 10 ms DC
ID, Drain Current [A]
100 s 10 s
6
4
10
0
Notes : o 1. TC = 25 C o 2. TJ = 150 C 3. Single Pulse
2
10
-1
10
0
10
1
10
2
10
3
0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature [ ]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs Case Temperature
10
0
D=0.5
Z JC Thermal Response (t),
0.2
10
-1
0.1 0.05 0.02 0.01 single pulse
Notes : (t) W 1. Z JC = 0.85 / Max. 2. Duty Factor, D=t1/t2 3. TJM - TC = PDM * Z JC (t)
PDM t1
-3
10
-2
t2
10
0
10
-5
10
-4
10
10
-2
10
-1
10
1
t1, Square Wave Pulse Duration [sec]
Figure 11. Transient Thermal Response Curve
SEMIHOW REV.A0,June 2005
HFP9N50
Fig 12. Gate Charge Test Circuit & Waveform
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg
10V
VGS
Qgs
Qgd
DUT
3mA
Charge
Fig 13. Resistive Switching Test Circuit & Waveforms
VDS RG
RL VDD
( 0.5 rated VDS )
VDS
90%
10V
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
L VDS VDD ID RG DUT VDD BVDSS IAS
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD
ID (t) VDS (t)
tp
10V
Time
SEMIHOW REV.A0,June 2005
HFP9N50
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT + VDS _ IS L Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * IS controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
SEMIHOW REV.A0,June 2005
HFP9N50
Package Dimension
TO-220 (A)
9.900.20
3
0 .6
0.
20
4.500.20 1.300.20
15.700.20
2.800.20
9.190.20
6.500.20
13.080.20
0.800.20 2.54typ 2.54typ 0.500.20
3.020.20
1.270.20 1.520.20
2.400.20
SEMIHOW REV.A0,June 2005
HFP9N50
TO-220 (B)
0.20
. 3
84
0
0 .2
4.570.20 1.270.20
15.440.20
2.740.20
9.140.20
6.300.20
2.670.20
13.280.20
1.270.20
2.670.20
0.810.20 2.54typ 2.54typ 0.400.20
SEMIHOW REV.A0,June 2005


▲Up To Search▲   

 
Price & Availability of HFP9N50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X