|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD -2.455 rev. B 03/99 HFA135NH40R HEXFRED Features Reduced RFI and EMI Reduced Snubbing Extensive Characterization of Recovery Parameters TM Ultrafast, Soft Recovery Diode LUG TERMINAL CATHODE a d BASE ANODE VR = 400V VF (typ.) = 1V IF(AV) = 135A Qrr (typ.) = 290nC IRRM (typ.) = 7.5A trr(typ.) = 50ns di(rec)M/dt (typ.) = 270A/s Description HEXFRED diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems. An extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors drives and other applications where switching losses are significant portion of the total losses. TM HALF-PAK Absolute Maximum Ratings (per Leg) Parameter VR IF @ TC = 25C IF @ TC = 100C IFSM EAS PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Continuous Forward Current Single Pulse Forward Current Non-Repetitive Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Max. 400 211 103 900 1.4 379 152 -55 to +150 Units V A mJ W C Thermal - Mechanical Characteristics Parameter RthJC RthCS Wt Junction-to-Case Case-to-Sink, Flat, Greased Surface Weight Mounting Torque Terminal Torque Vertical Pull 2 inch Lever Pull Min. 15 (1.7) 30 (3.4) Typ. 0.15 26 (0.9) Max. 0.33 25 (2.8) 40 (4.6) 80 40 Units C/W K/W g (oz) lbfin (Nm) lbfin Note: Limited by junction temperature L = 100H, duty cycle limited by max TJ 125C Mounting surface must be smooth, flat, free or burrs or other protrusions. Apply a thin even film or thermal grease to mounting surface. Gradually tighten each mounting bolt in 5-10 lbfin steps until desired or maximum torque limits are reached. Module 1 HFA135NH40R PD-2.455 rev. B 03/99 Electrical Characteristics (per Leg) @ TJ = 25C (unless otherwise specified) Parameter VBR V FM Cathode Anode Breakdown Voltage Max Forward Voltage See Fig. 1 IRM CT LS Max Reverse Leakage Current See Fig. 2 Junction Capacitance Series Inductance See Fig. 3 Min. Typ. Max. Units 400 1.1 1.4 1.0 1.5 2.3 280 6.0 1.3 1.6 1.2 9.0 12 380 V V A mA pF nH Test Conditions IR = 100A IF = 135A IF = 270A IF = 135A, T J = 125C VR = VR Rated TJ = 125C, VR = 320V VR = 200V From top of terminal hole to mounting plane Dynamic Recovery Characteristics (per Leg) @ TJ = 25C (unless otherwise specified) Parameter trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M /dt1 di(rec)M /dt2 Reverse Recovery Time See Fig. 5 Peak Recovery Current See Fig. 6 Reverse Recovery Charge See Fig. 7 Peak Rate of Fall of Recovery Current During tb See Fig. 8 Min. Typ. Max. Units Test Conditions 50 IF = 1.0A, dif /dt = 200A/s, VR = 30V 77 120 ns TJ = 25C 290 440 TJ = 125C IF = 135A 7.5 14 TJ = 25C A 16 30 TJ = 125C VR = 200V 290 780 TJ = 25C nC 2300 6300 TJ = 125C dif /dt = 200A/s 320 TJ = 25C A/s 270 TJ = 125C 1/4-20 UNC-2B 30.40 (1.197) 29.90 (1.177) 19.69 (0.775) 18.42 (0.725) 4.11 (0.162) 3.86 (0.152) 12.83 (0.505) DIA. 12.57 (0.495) 4.11 (0.162) DIA. 3.86 (0.152) 19.18 (0.755) SQ. 18.92 (0.745) 1 14.10 (0.555) 13.59 (0.535) 15.75 (0.620) 14.99 (0.590) LEAD ASSIGNMENTS 1 - CATHODE 2 - ANODE HALF- PAK Dimensions in millimeters and inches 2 39.62 (1.560) 38.61 (1.520) 3.30 (0.130) 3.05 (0.120) 2 HFA135NH40R PD-2.469 rev. B 03/99 1000 100000 Reverse Current - I R (A) 10000 1000 100 10 1 0.1 0 TJ = 150C TJ = 125C Instantaneous Forward Current - IF (A) 100 TJ = 150C TJ = 125C TJ = 25C TJ = 25C 100 200 300 400 Junction Capacitance - C T (pF) 10 Fig. 2 - Typical Reverse Current vs. Reverse Voltage 10000 Reverse Voltage - VR (V) A T = 25C J 1000 1 0.4 0.8 1.2 1.6 2.0 Forward Voltage Drop - V FM (V) Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current 100 1 10 100 1000 Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage 1 Thermal Impedance - Z thJC (K/W) 0.1 D = 0.50 D = 0.33 D = 0.25 D = 0.17 P DM D = 0.08 t 1 t 2 Notes: 1. Duty factor D = t / t 12 0.01 Single Pulse (Thermal Resistance) 2. Peak TJ = PDM x Z thJC + T C 0.0001 0.001 0.01 0.1 1 10 100 0.001 0.00001 Fig. 4 - Maximum Thermal Impedance Z thjc Characteristics 3 t 1 , Rectangular Pulse Duration (Seconds) HFA135NH40R PD-2.455 rev. B 03/99 500 100 VR = 200V TJ = 125C TJ = 25C 400 VR = 200V TJ = 125C TJ = 25C IF = 200A I F = 135A t rr - (ns) 300 I IRRM - (A) I F = 50A 10 200 IF = 200A I F =135A 100 I F = 50A 0 100 di f /dt - (A/s) 1000 1 100 di f /dt - (A/s) 1000 Fig. 5 - Typical Reverse Recovery vs. dif/dt 6000 Fig. 6 - Typical Recovery Current vs. dif/dt 10000 VR = 200V TJ = 125C TJ = 25C IF = 200A 4000 VR = 200V TJ = 125C TJ = 25C I F = 135A I F = 50A di(rec)M/dt - (A/s) Q RR - (nC) 1000 I F = 135A IF = 50A IF = 200A 2000 0 100 di f /dt - (A/s) 1000 100 100 di f /dt - (A/s) 1000 Fig. 7 - Typical Stored Charge vs. dif/dt Fig. 8 - Typical di(rec)M/dt vs. dif/dt 4 HFA135NH40R PD-2.469 rev. B 03/99 3 IF trr ta tb 4 REVERSE RECOVERY CIRCUIT VR = 200V 0 Q rr 2 I RRM 0.5 I RRM di(rec)M/dt 5 0.01 L = 70H D.U.T. D IRFP250 S 1 0.75 I RRM di f /dt 4. Qrr - Area under curve defined by trr and IRRM trr X IRRM Qrr = 2 5. di(rec)M/dt - Peak rate of change of current during tb portion of trr dif/dt ADJUST G 1. dif/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current Fig. 9 - Reverse Recovery Parameter Test Circuit L = 100H HIGH-SPEED SWITCH Rg = 25 ohm CURRENT MONITOR FREE-WHEEL DIODE + Vd = 50V Fig. 10 - Reverse Recovery Waveform and Definitions I L(PK) DUT DECAY TIME V (AVAL) V R(RATED) Fig. 11 - Avalanche Test Circuit and Waveforms WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN: 233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. http://www.irf.com Fax-On-Demand: +44 1883 733420 Data and specifications subject to change without notice. 5 |
Price & Availability of HFA135NH40R |