Part Number Hot Search : 
LS05A BDV65B BDV65B C3506 1N4731 B4133 74AHC SUT390J
Product Description
Full Text Search
 

To Download HCS360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCS360
KEELOQ(R) Code Hopping Encoder
FEATURES
Security
* * * * * * Programmable 28/32-bit serial number Programmable 64-bit encryption key Each transmission is unique 67-bit transmission code length 32-bit hopping code 35-bit fixed code (28/32-bit serial number, 4/0-bit function code, 1-bit status, 2-bit CRC) * Encryption keys are read protected
PACKAGE TYPES
PDIP, SOIC S0 S1 S2 S3 1 8 VDD LED PWM VSS
HCS360
2 3 4
7 6 5
Operating
* 2.0-6.6V operation * Four button inputs - 15 functions available * Selectable baud rate * Automatic code word completion * Battery low signal transmitted to receiver * Nonvolatile synchronization data * PWM and Manchester modulation
HCS360 BLOCK DIAGRAM
Oscillator Reset circuit LED LED driver Controller Power latching and switching
EEPROM
Encoder
Other
* * * * * * Easy to use programming interface On-chip EEPROM On-chip oscillator and timing components Button inputs have internal pull-down resistors Current limiting on LED output Minimum component count
PWM 32-bit shift register
VSS VDD
Button input port
Enhanced Features Over HCS300
* * * * * * 48-bit seed vs. 32-bit seed 2-bit CRC for error detection 28/32-bit serial number select Two seed transmission methods PWM and Manchester modulation IR modulation mode
S3 S2
S1 S0
DESCRIPTION
The HCS360 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS360 utilizes the KEELOQ code hopping technology, which incorporates high security, a small package outline and low cost, to make this device a perfect solution for unidirectional remote keyless entry systems and access control systems. The HCS360 combines a 32-bit hopping code generated by a nonlinear encryption algorithm, with a 28/32-bit serial number and 7/3 status bits to create a 67-bit transmission stream.
Typical Applications
The HCS360 is ideal for Remote Keyless Entry (RKE) applications. These applications include: * * * * * * Automotive RKE systems Automotive alarm systems Automotive immobilizers Gate and garage door openers Identity tokens Burglar alarm systems
KEELOQ is a registered trademark of Microchip Technology, Inc. Microchip's Secure Data Products are covered by some or all of the following patents: Code hopping encoder patents issued in Europe, U.S.A., and R.S.A. -- U.S.A.: 5,517,187; Europe: 0459781; R.S.A.: ZA93/4726 Secure learning patents issued in the U.S.A. and R.S.A. -- U.S.A.: 5,686,904; R.S.A.: 95/5429
2001 Microchip Technology Inc.
DS40152D-page 1
HCS360
The length of the transmission eliminates the threat of code scanning and the code hopping mechanism makes each transmission unique, thus rendering code capture and resend (code grabbing) schemes useless. The encryption key, serial number, and configuration data are stored in EEPROM which is not accessible via any external connection. This makes the HCS360 a very secure unit. The HCS360 provides an easy to use serial interface for programming the necessary security keys, system parameters, and configuration data. The encryption keys and code combinations are programmable but read-protected. The keys can only be verified after an automatic erase and programming operation. This protects against attempts to gain access to keys and manipulate synchronization values. The HCS360 operates over a wide voltage range of 2.0V to 6.6V and has four button inputs in an 8-pin configuration. This allows the system designer the freedom to utilize up to 15 functions. The only components required for device operation are the buttons and RF circuitry, allowing a very low system cost. Most keyless entry systems transmit the same code from a transmitter every time a button is pushed. The relative number of code combinations for a low end system is also a relatively small number. These shortcomings provide the means for a sophisticated thief to create a device that `grabs' a transmission and retransmits it later or a device that scans all possible combinations until the correct one is found. The HCS360 employs the KEELOQ code hopping technology and an encryption algorithm to achieve a high level of security. Code hopping is a method by which the code transmitted from the transmitter to the receiver is different every time a button is pushed. This method, coupled with a transmission length of 67 bits, virtually eliminates the use of code `grabbing' or code `scanning'. As indicated in the block diagram on page one, the HCS360 has a small EEPROM array which must be loaded with several parameters before use. The most important of these values are: * A 28/32-bit serial number which is meant to be unique for every encoder * An encryption key that is generated at the time of production * A 16-bit synchronization value The serial number for each transmitter is programmed by the manufacturer at the time of production. The generation of the encryption key is done using a key generation algorithm (Figure 1-1). Typically, inputs to the key generation algorithm are the serial number of the transmitter or seed value, and a 64-bit manufacturer's code. The manufacturer's code is chosen by the system manufacturer and must be carefully controlled. The manufacturer's code is a pivotal part of the overall system security. The 16-bit synchronization value is the basis for the transmitted code changing for each transmission, and is updated each time a button is pressed. Because of the complexity of the code hopping encryption algorithm, a change in one bit of the synchronization value will result in a large change in the actual transmitted code. There is a relationship (Figure 1-2) between the key values in EEPROM and how they are used in the encoder. Once the encoder detects that a button has been pressed, the encoder reads the button and updates the synchronization counter. The synchronization value is then combined with the encryption key in the encryption algorithm and the output is 32 bits of encrypted information. This data will change with every button press, hence, it is referred to as the hopping portion of the code word. The 32-bit hopping code is combined with the button information and the serial number to form the code word transmitted to the receiver. The code word format is explained in detail in Section 4.2.
1.0
1.1
SYSTEM OVERVIEW
Key Terms
* Manufacturer's code - a 64-bit word, unique to each manufacturer, used to produce a unique encryption key in each transmitter (encoder). * Encryption Key - a unique 64-bit key generated and programmed into the encoder during the manufacturing process. The encryption key controls the encryption algorithm and is stored in EEPROM on the encoder device. * Learn - The HCS product family facilitates several learning strategies to be implemented on the decoder. The following are examples of what can be done. Normal Learning The receiver uses the same information that is transmitted during normal operation to derive the transmitter's secret key, decrypt the discrimination value and the synchronization counter. Secure Learn* The transmitter is activated through a special button combination to transmit a stored 48-bit value (random seed) that can be used for key generation or be part of the key. Transmission of the random seed can be disabled after learning is completed. The HCS360 is a code hopping encoder device that is designed specifically for keyless entry systems, primarily for vehicles and home garage door openers. It is meant to be a cost-effective, yet secure solution to such systems. The encoder portion of a keyless entry system is meant to be held by the user and operated to gain access to a vehicle or restricted area. The HCS360 requires very few external components (Figure 2-1).
DS40152D-page 2
2001 Microchip Technology Inc.
HCS360
Any type of controller may be used as a receiver, but it is typically a microcontroller with compatible firmware that allows the receiver to operate in conjunction with a transmitter, based on the HCS360. Section 7.0 provides more detail on integrating the HCS360 into a total system. Before a transmitter can be used with a particular receiver, the transmitter must be `learned' by the receiver. Upon learning a transmitter, information is stored by the receiver so that it may track the transmitter, including the serial number of the transmitter, the current synchronization value for that transmitter and the same encryption key that is used on the transmitter. If a receiver receives a message of valid format, the serial number is checked and, if it is from a learned transmitter, the message is decrypted and the decrypted synchronization counter is checked against what is stored. If the synchronization value is verified, then the button status is checked to see what operation is needed. Figure 1-3 shows the relationship between some of the values stored by the receiver and the values received from the transmitter.
FIGURE 1-1:
CREATION AND STORAGE OF ENCRYPTION KEY DURING PRODUCTION
Transmitter Serial Number or Seed HCS360 EEPROM Array
Serial Number Encryption Key Sync Counter
Manufacturer's Code
Key Generation Algorithm
Encryption Key
. . .
FIGURE 1-2:
BASIC OPERATION OF TRANSMITTER (ENCODER)
Transmitted Information KEELOQ Encryption Algorithm 32 Bits of Encrypted Data Button Press Information
Serial Number
EEPROM Array Decryption Key Sync Counter Serial Number
FIGURE 1-3:
BASIC OPERATION OF RECEIVER (DECODER)
Check for Match EEPROM Array Decryption Key Sync Counter Serial Number Manufacturer Code Check for Match KEELOQ Decryption Algorithm Decrypted Synchronization Counter
Button Press Information
Serial Number
32 Bits of Encrypted Data
Received Information
2001 Microchip Technology Inc.
DS40152D-page 3
HCS360
2.0 DEVICE OPERATION
As shown in the typical application circuits (Figure 2-1), the HCS360 is a simple device to use. It requires only the addition of buttons and RF circuitry for use as the transmitter in your security application. A description of each pin is described in Table 2-1. The high security level of the HCS360 is based on the patented KEELOQ technology. A block cipher type of encryption algorithm based on a block length of 32 bits and a key length of 64 bits is used. The algorithm obscures the information in such a way that even if the transmission information (before coding) differs by only one bit from the information in the previous transmission, the next coded transmission will be totally different. Statistically, if only one bit in the 32-bit string of information changes, approximately 50 percent of the coded transmission will change. The HCS360 will wake up upon detecting a switch closure and then delay approximately 6.5 ms for switch debounce (Figure 22). The synchronization information, fixed information, and switch information will be encrypted to form the hopping code. The encrypted or hopping code portion of the transmission will change every time a button is pressed, even if the same button is pushed again. Keeping a button pressed for a long time will result in the same code word being transmitted until the button is released or time-out occurs. A code that has been transmitted will not occur again for more than 64K transmissions. This will provide more than 18 years of typical use before a code is repeated based on 10 operations per day. Overflow information programmed into the encoder can be used by the decoder to extend the number of unique transmissions to more than 128K. If, in the transmit process, it is detected that a new button(s) has been pressed, a reset will immediately be forced and the code word will not be completed. Please note that buttons removed will not have any effect on the code word unless no buttons remain pressed in which case the current code word will be completed and the power down will occur.
FIGURE 2-1:
VDD
TYPICAL CIRCUITS
B0 B1
S0 S1 S2 S3
VDD LED PWM VSS Tx out
2 button remote control B4 B3 B2 B1 B0 VDD
S0 S1 S2 S3
VDD LED PWM VSS Tx out
5 button remote control (Note) Note: Up to 15 functions can be implemented by pressing more than one button simultaneously or by using a suitable diode array.
TABLE 2-1:
Name S0 S1 S2 S3 VSS PWM Pin Number 1 2 3 4 5 6
PIN DESCRIPTIONS
Description Switch input 0 Switch input 1 Switch input 2/Can also be clock pin when in programming mode Switch input 3/Clock pin when in programming mode Ground reference connection Pulse width modulation (PWM) output pin/Data pin for programming mode Cathode connection for directly driving LED during transmission Positive supply voltage connection
LED VDD
7 8
DS40152D-page 4
2001 Microchip Technology Inc.
HCS360
FIGURE 2-2: ENCODER OPERATION
(A button has been pressed)
3.0
Power Up
EEPROM MEMORY ORGANIZATION
Reset and Debounce Delay
(6.5 ms)
Sample Inputs Update Sync Info Encrypt With Encryption Key Load Transmit Register
The HCS360 contains 192 bits (12 x 16-bit words) of EEPROM memory (Table 3-1). This EEPROM array is used to store the encryption key information, synchronization value, etc. Further descriptions of the memory array is given in the following sections.
TABLE 3-1:
WORD ADDRESS 0 1 2 Transmit 3 4 5 No 6 7 8 7 10 11
EEPROM MEMORY MAP
MNEMONIC KEY_0 DESCRIPTION
Yes
Buttons Added ? No All Buttons Released ? Yes Complete Code Word Transmission Stop
64-bit encryption key (word 0) KEY_1 64-bit encryption key (word 1) KEY_2 64-bit encryption key (word 2) KEY_3 64-bit encryption key (word 3) SYNC_A 16-bit synchronization value SYNC_B/SEED_2 16-bit synchronization or seed value (word 2) RESERVED Set to 0000H SEED_0 Seed Value (word 0) SEED_1 Seed Value (word 1) SER_0 Device Serial Number (word 0) SER_1 Device Serial Number (word 1) CONFIG Configuration Word
3.1
Key_0 - Key_3 (64-Bit Encryption Key)
The 64-bit encryption key is used by the transmitter to create the encrypted message transmitted to the receiver. This key is created and programmed at the time of production using a key generation algorithm. Inputs to the key generation algorithm are the serial number for the particular transmitter being used and a secret manufacturer's code. While the key generation algorithm supplied from Microchip is the typical method used, a user may elect to create their own method of key generation. This may be done providing that the decoder is programmed with the same means of creating the key for decryption purposes. If a seed is used, the seed will also form part of the input to the key generation algorithm.
2001 Microchip Technology Inc.
DS40152D-page 5
HCS360
3.2 SYNC_A, SYNC_B (Synchronization Counter) TABLE 3-2:
0 1 2 3 4 5 6 This is the three word (48 bits) seed code that will be transmitted when seed transmission is selected. This allows the system designer to implement the secure learn feature or use this fixed code word as part of a different key generation/tracking process or purely as a fixed code transmission. 7 8 9 10 11 12 13 14 15 3.5.1
CONFIGURATION WORD
Bit Description Long Guard Time Baud Rate Selection Baud Rate Selection Not Used Seed Transmission enable Delay mode enable Time out enable Independent mode enable User bit User bit User bit User bit Extended serial number enable Temporary seed transmission enable LNGRD FAST 0 FAST 1 NU SEED DELM TIMO IND USRA0 USRA1 USRB0 USRB1 XSER TMPSD
Bit Number Symbol
This is the 16-bit synchronization value that is used to create the hopping code for transmission. This value will be changed after every transmission. A second synchronization value can be used to stay synchronized with a second receiver.
3.3
SEED_0, SEED_1, and SEED_2 (Seed Word)
3.4
SER_0, SER_1 (Encoder Serial Number)
SER_0 and SER_1 are the lower and upper words of the device serial number, respectively. There are 32 bits allocated for the serial number and a selectable configuration bit determines whether 32 or 28 bits will be transmitted. The serial number is meant to be unique for every transmitter.
MANCH Manchester/PWM modulation selection OVR Overflow bit
3.5
CONFIG (Configuration Word)
LNGRD: LONG GUARD TIME
The configuration word is a 16-bit word stored in EEPROM array that is used by the device to store information used during the encryption process, as well as the status of option configurations. Further explanations of each of the bits are described in the following sections.
LNGRD = 1 selects the encoder to extend the guard time between code words. This can be used to reduce the average power transmitted over a 100ms window and thereby transmit a higher peak power. 3.5.2 FAST 1, FAST 0 BAUD RATE SELECTION
FAST 1 and FAST 0 selects the baud rate according to Table 3-3.
TABLE 3-3:
TE 400 200 200 100
BAUD RATE SELECTION
FAST 1 0 0 1 1 FAST 0 0 1 0 1
DS40152D-page 6
2001 Microchip Technology Inc.
HCS360
3.5.3 SEED: ENABLE SEED TRANSMISSION If SEED = 0, seed transmission is disabled. The independent counter mode can only be used with seed transmission disabled since SEED_2 is shared with the second synchronization counter. With SEED = 1, seed transmission is enabled. The appropriate button code(s) must be activated to transmit the seed information. In this mode, the seed information (SEED_0, SEED_1, and SEED_2) and the upper 12- or 16-bits of the serial number (SER_1) are transmitted instead of the hop code. Seed transmission is available for function codes (Table 3-7) S[3:0] = 1001 and S[3:0] = 0011(delayed). This takes place regardless of the setting of the IND bit. The two seed transmissions are shown in Figure 3-1.
FIGURE 3-1:
SEED TRANSMISSION
All examples shown with XSER = 1, SEED = 1
When S[3:0] = 1001, delay is not acceptable. CRC+VLOW SER_1 SEED_2 SEED_1 SEED_0 Data transmission direction For S[3:0] = 0x3 before delay: 16-bit Data Word 16-bit Counter
Encrypt
CRC+VLOW
SER_1
SER_0
Encrypted Data Data transmission direction
For S[3:0] = 0011 after delay (Note 1, Note 2): CRC+VLOW SER_1 SEED_2 SEED_1 SEED_0 Data transmission direction
Note 1: For Seed Transmission, SEED_2 is transmitted instead of SER_0. 2: For Seed Transmission, the setting of DELM has no effect.
2001 Microchip Technology Inc.
DS40152D-page 7
HCS360
3.5.4 DELM: DELAY MODE 3.5.5 TIMO: TIME-OUT If DELM = 1, delay transmission is enabled. A delayed transmission is indicated by inverting the lower nibble of the discrimination value. The delay mode is primarily for compatibility with previous KEELOQ devices. If DELM = 0, delay transmission is disabled (Table 3-4). If TIMO = 1, the time-out is enabled. Time-out can be used to terminate accidental continuous transmissions. When time-out occurs, the PWM output is set low and the LED is turned off. Current consumption will be higher than in standby mode since current will flow through the activated input resistors. This state can be exited only after all inputs are taken low. TIMO = 0, will enable continuous transmission (Table 3-5).
TABLE 3-4:
FAST1 0 0 1 1
TYPICAL DELAY TIMES
FAST0 0 1 0 1 Number of Code Words before Delay Mode 28 56 28 56 Time Before Delay Mode (MANCH = 0) 2.9s 3.1s 1.5s 1.7s Time Ref Delay Mode (MANCH = 1) 5.1s 6.4s 3.2s 4.5s
TABLE 3-5:
FAST 1 0 0 1 1
TYPICAL TIME-OUT TIMES
FAST 0 0 1 0 1 Maximum Number of Code Words Transmitted 256 512 256 512 Time Before Time-out (MANCH = 0) 26.5s 28.2s 14.1s 15.7s Time Before Time-out (MANCH = 1) 46.9 58.4 29.2 40.7
DS40152D-page 8
2001 Microchip Technology Inc.
HCS360
3.5.6 IND: INDEPENDENT MODE 3.5.9 The independent mode can be used where one encoder is used to control two receivers. Two counters (SYNC_A and SYNC_B) are used in independent mode. As indicated in Table 3-7, function codes 1 to 7 use SYNC_A and 8 to 15 SYNC_B. The independent mode also selects IR mode. In IR mode function codes 12 to 15 will use SYNC_B. The PWM output signal is modulated with a 40 kHz carrier. It must be pointed out the 40 kHz is derived from the internal clock and will therefore vary with the same percentage as the baud rate. If IND = 0, SYNC_A is used for all function codes. If IND = 1, independent mode is enabled and counters for functions are used according to Table 3-7. For IND = 1 and S[3:0] 0xC, 0xD, 0xE, 0xF, Basic Pulse Width modulation becomes: 3.5.7 USRA,B: USER BITS TMPSD: TEMPORARY SEED TRANSMISSION
The temporary seed transmission can be used to disable learning after the transmitter has been used for a programmable number of operations. This feature can be used to implement very secure systems. After learning is disabled, the seed information cannot be accessed even if physical access to the transmitter is possible. If TMPSD = 1 the seed transmission will be disabled after a number of code hopping transmissions. The number of transmissions before seed transmission is disabled, can be programmed by setting the synchronization counter (SYNC_A, SYNC_B) to a value as shown in Table .
TABLE 3-6:
SYNCHRONOUS COUNTER INITIALIZATION VALUES
Number of Transmissions 128 64 32 16
Synchronous Counter Values 0000H 0060H 0050H 0048H
User bits form part of the discrimination value. The user bits together with the IND bit can be used to identify the counter that is used in independent mode. 3.5.8 XSER: EXTENDED SERIAL NUMBER
If XSER = 1, the full 32-bit serial number [SER_1, SER_0] is transmitted. If XSER = 0, the four most significant bits of the serial number are substituted by S[3:0] and is compatible with the HCS200/300/301.
TABLE 3-7:
S3
FUNCTION CODES
S2 S1 S0 IND = 0 IND = 1 Comments
Counter 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 A A A A A A A A A A A A A A A A A A A A A A B B B B B IR mode B IR mode B IR mode B IR mode If SEED = 1, transmit seed immediately. If SEED = 1, transmit seed after delay.
2001 Microchip Technology Inc.
DS40152D-page 9
HCS360
3.5.10 MANCH: MANCHESTER CODE MODULATION
4.0
4.1
TRANSMITTED WORD
Transmission Format (PWM)
MANCH selects between Manchester code modulation and PWM modulation. If MANCH = 1, Manchester code modulation is selected: If MANCH = 0, PWM modulation is selected. 3.5.11 OVR: OVERFLOW
The overflow bit is used to extend the number of possible synchronization values. The synchronization counter is 16 bits in length, yielding 65,536 values before the cycle repeats. Under typical use of 10 operations a day, this will provide nearly 18 years of use before a repeated value will be used. Should the system designer conclude that is not adequate, then the overflow bit can be utilized to extend the number of unique values. This can be done by programming OVR to 1 at the time of production. The encoder will automatically clear OVR the first time that the transmitted synchronization value wraps from 0xFFFF to 0x0000. Once cleared, OVR cannot be set again, thereby creating a permanent record of the counter overflow. This prevents fast cycling of 64K counter. If the decoder system is programmed to track the overflow bits, then the effective number of unique synchronization values can be extended to 128K. If programmed to zero, the system will be compatible with the NTQ104/5/6 devices (i.e., no overflow with discrimination bits set to zero).
The HCS360 transmission is made up of several parts (Figure 4-1 and Figure 4-2). Each transmission is begun with a preamble and a header, followed by the encrypted and then the fixed data. The actual data is 67 bits which consists of 32 bits of encrypted data and 35 bits of fixed data. Each transmission is followed by a guard period before another transmission can begin. Refer to Table 8-4 and Table 8-5 for transmission timing specifications. The encrypted portion provides up to four billion changing code combinations and includes the function bits (based on which buttons were activated) along with the synchronization counter value and discrimination value. The non-encrypted portion is comprised of the CRC bits, VLOW bits, the function bits and the 28/32-bit serial number. The encrypted and non-encrypted sections combined increase the number of combinations to 1.47 x 10 20.
4.2
Code Word Organization
The HCS360 transmits a 67-bit code word when a button is pressed. The 67-bit word is constructed from a Fixed Code portion and an Encrypted Code portion (Figure 4-3). The Encrypted Data is generated from 4 function bits, 2 user bits, overflow bit, independent mode bit, and 8 serial number bits, and the 16-bit synchronization value (Figure 8-4). The Non-encrypted Code Data is made up of a VLOW bit, 2 CRC bits, 4 function bits, and the 28-bit serial number. If the extended serial number (32 bits) is selected, the 4 function code bits will not be transmitted.
DS40152D-page 10
2001 Microchip Technology Inc.
HCS360
FIGURE 4-1: TRANSMISSION FORMAT--MANCH = 0
TOTAL TRANSMISSION: 1 CODE WORD Preamble Sync Encrypt Fixed Guard Preamble Sync Encrypt
CODE WORD: TE BIT 16
13 14 15 13579 2 4 6 8 10
LOGIC "0" LOGIC "1" TE
12 4 56
Preamble
Sync Code Word
Encrypted TX Data
Fixed Code Data
Guard Time
FIGURE 4-2:
TRANSMISSION FORMAT--MANCH = 1
TOTAL TRANSMISSION: 1 CODE WORD Preamble Sync Encrypt Fixed Guard Preamble Sync Encrypt
CODE WORD: LOGIC "0" LOGIC "1"
TE
TE 16 12 456 13 14 15 13 24
Start bit
Stop bit
Preamble
Sync
Encrypted Data
Fixed Code Data
Guard Time
CODE WORD
2001 Microchip Technology Inc.
DS40152D-page 11
HCS360
FIGURE 4-3: CODE WORD ORGANIZATION (RIGHT-MOST BIT IS CLOCKED OUT FIRST)
Fixed Code Data
CRC (2 bit) VLOW (1 bit) Button Status (4 bits) 28-bit Serial Number Button Status (4 bits)
Encrypted Code Data
Discrimination bits (12 bits) MSB 16-bit Sync Value
LSB 67 bits of Data Transmitted
CRC (2 bit)
VLOW bit
+
Serial Number and Button Status (32 bits)
+
32 bits of Encrypted Data
Button Status
Discrimination Bits
(4 bits) SSS 210
S 3
I N D
O V R
U S R 1
(12 bits) US SE RR 07
S E R 6
... ... ... ...
S E R 0
DS40152D-page 12
2001 Microchip Technology Inc.
HCS360
5.0
5.1
SPECIAL FEATURES
Code Word Completion
5.3
CRC (Cycle Redundancy Check) Bits
Code word completion is an automatic feature that ensures that the entire code word is transmitted, even if the button is released before the transmission is complete and that a minimum of two words are completed. The HCS360 encoder powers itself up when a button is pushed and powers itself down after two complete words are transmitted if the user has already released the button. If the button is held down beyond the time for one transmission, then multiple transmissions will result. If another button is activated during a transmission, the active transmission will be aborted and the new code will be generated using the new button information.
The CRC bits are calculated on the 65 previously transmitted bits. The CRC bits can be used by the receiver to check the data integrity before processing starts. The CRC can detect all single bit and 66% of double bit errors. The CRC is computed as follows:
EQUATION 5-1:
CRC CALCULATION
CRC [ 1 ] n + 1 = CRC [ 0 ] n Din and CRC [ 0 ] n + 1 = ( CRC [ 0 ] n Di n ) CRC [ 1 ] n with CRC [ 1, 0 ]0 = 0 and Din the nth transmission bit 0 n 64 Note: The CRC may be wrong when the battery voltage is around either of the VLOW trip points. This may happen because VLOW is sampled twice each transmission, once for the CRC calculation (PWM is low) and once when VLOW is transmitted (PWM is high). VDD tends to move slightly during a transmission which could lead to a different value for VLOW being used for the CRC calculation and the transmission . Work around: If the CRC calculation is incorrect, recalculate for the opposite value of VLOW.
5.2
Long Guard Time
Federal Communications Commission (FCC) part 15 rules specify the limits on fundamental power and harmonics that can be transmitted. Power is calculated on the worst case average power transmitted in a 100ms window. It is therefore advantageous to minimize the duty cycle of the transmitted word. This can be achieved by minimizing the duty cycle of the individual bits and by extending the guard time between transmissions. long guard time (LNGRD) is used for reducing the average power of a transmission. This is a selectable feature. Using the LNGRD allows the user to transmit a higher amplitude transmission if the transmission time per 100 ms is shorter. The FCC puts constraints on the average power that can be transmitted by a device, and LNGRD effectively prevents continuous transmission by only allowing the transmission of every second word. This reduces the average power transmitted and hence, assists in FCC approval of a transmitter device.
5.4
Secure Learning
In order to increase the level of security in a system, it is possible for the receiver to implement what is known as a secure learning function. This can be done by utilizing the seed value on the HCS360 which is stored in EEPROM. Instead of the normal key generation method being used to create the encryption key, this seed value is used and there should not be any mathematical relationship between serial numbers and seeds for the best security.
2001 Microchip Technology Inc.
DS40152D-page 13
HCS360
5.5 Auto-shutoff FIGURE 5-1:
4.5 VLOW=0 4 3.5 3 2.5 2 2V VLOW=1 Nominal Trip Point 3.8V 3.5
The Auto-shutoff function automatically stops the device from transmitting if a button inadvertently gets pressed for a long period of time. This will prevent the device from draining the battery if a button gets pressed while the transmitter is in a pocket or purse. This function can be enabled or disabled and is selected by setting or clearing the time-out bit (Section 3.5.5). Setting this bit will enable the function (turn Auto-shutoff function on) and clearing the bit will disable the function. Time-out period is approximately 25 seconds.
VLOW TRIP POINT VS. TEMPERATURE
5.6
VLOW: Voltage LOW Indicator
1.5 -40
VLOW=0
Nominal Trip Point 25 85
The VLOW bit is transmitted with every transmission (Figure 4-3) and will be transmitted as a one if the operating voltage has dropped below the low voltage trip point, typically 3.8V at 25C. This VLOW signal is transmitted so the receiver can give an indication to the user that the transmitter battery is low.
If the supply voltage drops below the low voltage trip point, the LED output will be toggled at approximately 1Hz during the transmission.
5.7
LED Output Operation
TABLE 5-1
Approximate Supply Voltage Max 3.8V 3.8V 2.2V 2.2V Min
VLOW AND LED VS. VDD
Vlow Bit 0 1 0 LED Operation* Normal Flashing Normal
During normal transmission the LED output is LOW while the data is being transmitted and high during the guard time. Two voltage indications are combined into one bit: VLOW. Table 5-1 indicates the operation value of VLOW while data is being transmitted.
*See also Flash operating modes.
FIGURE 5-2:
BLANK ALTERNATE CODE WORD
Amplitude One Code Word 100ms A 100ms 100ms 100ms
BACW Disabled (All words transmitted) BACW Enabled (1 out of 2 transmitted)
2A Time
Min Tx Length
DS40152D-page 14
2001 Microchip Technology Inc.
HCS360
6.0 PROGRAMMING THE HCS360
When using the HCS360 in a system, the user will have to program some parameters into the device including the serial number and the secret key before it can be used. The programming allows the user to input all 192 bits in a serial data stream, which are then stored internally in EEPROM. Programming will be initiated by forcing the PWM line high, after the S3 line has been held high for the appropriate length of time. S0 should be held low during the entire program cycle. The S1 line on the HCS360 part needs to be set or cleared depending on the LS bit of the memory map (Key 0) before the key is clocked in to the HCS360. S1 must remain at this level for the duration of the programming cycle. The device can then be programmed by clocking in 16 bits at a time, followed by the word's complement using S3 or S2 as the clock line and PWM as the data in line. After each 16-bit word is loaded, a programming delay is required for the internal program cycle to complete. The acknowledge can read back after the programming delay (TWC). After the first word and its complement have been downloaded, an automatic bulk write is performed. This delay can take up to Twc. At the end of the programming cycle, the device can be verified (Figure 6-1) by reading back the EEPROM. Reading is done by clocking the S3 line and reading the data bits on PWM. For security reasons, it is not possible to execute a verify function without first programming the EEPROM. A verify operation can only be done once, immediately following the program cycle.
FIGURE 6-1:
Enter Program Mode PWM (Data) T2 S2/S3 (Clock)
PROGRAMMING WAVEFORMS
TWC
Bit 0 Bit 1 Bit 2 Bit 3 Bit 14 Bit 15 Bit 0 Bit 1 Bit 2 Bit 3 Bit 14 Bit 15
Acknowledge
Bit 16 Bit 17
TCLKL
TDH
TCLKH
T1 S1
Bit 0
TDS Data for Word 0 (KEY_0) Repeat for each word Data for Word 1
Note 1: Unused button inputs to be held to ground during the entire programming sequence. The VDD pin must be taken to ground after a program/verify cycle. 2: The VDD pin must be taken to ground after a program/verify cycle.
FIGURE 6-2:
VERIFY WAVEFORMS
Data in Word 0
Bit 3 Bit 14 Bit 15 Bit 16 Bit 17 Bit190 Bit191
Begin Verify Cycle Here End of Programming Cycle PWM (Data) S2/S3 (Clock) S1
Bit190 Bit191 Bit 0 Bit 1 Bit 2
TWC
TDV
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
2001 Microchip Technology Inc.
DS40152D-page 15
HCS360
TABLE 6-1: PROGRAMMING/VERIFY TIMING REQUIREMENTS
VDD = 5.0V 10% 25 C 5 C Parameter Program mode setup time Hold time 1 Program cycle time Clock low time Clock high time Data setup time Data hold time Data out valid time Symbol T2 T1 TWC TCLKL TCLKH TDS TDH TDV Min. 0 9.0 -- 25 25 0 18 -- Max. 4.0 -- 30 -- -- -- -- 24 Units ms ms ms s s s s s
7.0
INTEGRATING THE HCS360 INTO A SYSTEM
FIGURE 7-1:
TYPICAL LEARN SEQUENCE
Use of the HCS360 in a system requires a compatible decoder. This decoder is typically a microcontroller with compatible firmware. Firmware routines that accept transmissions from the HCS360 and decrypt the hopping code portion of the data stream are available. These routines provide system designers the means to develop their own decoding system.
Enter Learn Mode Wait for Reception of a Valid Code Generate Key from Serial Number Use Generated Key to Decrypt Compare Discrimination Value with Fixed Value
7.1
Learning a Transmitter to a Receiver
In order for a transmitter to be used with a decoder, the transmitter must first be `learned'. Several learning strategies can be followed in the decoder implementation. When a transmitter is learned to a decoder, it is suggested that the decoder stores the serial number and current synchronization value in EEPROM. The decoder must keep track of these values for every transmitter that is learned (Figure 7-1). The maximum number of transmitters that can be learned is only a function of how much EEPROM memory storage is available. The decoder must also store the manufacturer's code in order to learn a transmission transmitter, although this value will not change in a typical system so it is usually stored as part of the microcontroller ROM code. Storing the manufacturer's code as part of the ROM code is also better for security reasons. It must be stated that some learning strategies have been patented and care must be taken not to infringe.
Equal ?
No
Yes Wait for Reception of Second Valid Code Use Generated Key to Decrypt Compare Discrimination Value with Fixed Value
Equal ? Yes Counters Sequential ? Yes
No
No
Learn successful Store: Serial number Encryption key Synchronization counter
Learn Unsuccessful
Exit
DS40152D-page 16
2001 Microchip Technology Inc.
HCS360
7.2 Decoder Operation 7.3 Synchronization with Decoder
In a typical decoder operation (Figure 7-2), the key generation on the decoder side is done by taking the serial number from a transmission and combining that with the manufacturer's code to create the same secret key that was used by the transmitter. Once the secret key is obtained, the rest of the transmission can be decrypted. The decoder waits for a transmission and immediately can check the serial number to determine if it is a learned transmitter. If it is, it takes the encrypted portion of the transmission and decrypts it using the stored key It uses the discrimination bits to determine if the decryption was valid. If everything up to this point is valid, the synchronization value is evaluated. The KEELOQ technology features a sophisticated synchronization technique (Figure 7-3) which does not require the calculation and storage of future codes. If the stored counter value for that particular transmitter and the counter value that was just decrypted are within a formatted window of say 16, the counter is stored and the command is executed. If the counter value was not within the single operation window, but is within the double operation window of say 32K window, the transmitted synchronization value is stored in temporary location and it goes back to waiting for another transmission. When the next valid transmission is received, it will check the new value with the one in temporary storage. If the two values are sequential, it is assumed that the counter had just gotten out of the single operation `window', but is now back in sync, so the new synchronization value is stored and the command executed. If a transmitter has somehow gotten out of the double operation window, the transmitter will not work and must be relearned. Since the entire window rotates after each valid transmission, codes that have been used are part of the `blocked' (32K) codes and are no longer valid. This eliminates the possibility of grabbing a previous code and retransmitting to gain entry. Note: The synchronization method described in this section is only a typical implementation. It is usually implemented in firmware, it can be altered to fit the needs of a particular system
FIGURE 7-2:
TYPICAL DECODER OPERATION
Start
No
Transmission Received ? Yes
No
Does Serial Number Match ?
Yes Decrypt Transmission Is Decryption Valid ? Yes No Is Counter Within 16 ? No No Is Counter Within 32K ? Yes Save Counter in Temp Location Yes Execute Command and Update Counter
FIGURE 7-3:
SYNCHRONIZATION WINDOW
No
Entire Window rotates to eliminate use of previously used codes Blocked (32K Codes)
Current Position
Double Operation (32K Codes) Single Operation Window (16 Codes)
2001 Microchip Technology Inc.
DS40152D-page 17
HCS360
8.0 ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Item Supply voltage Input voltage Output voltage Max output current Storage temperature Lead soldering temp ESD rating Rating -0.3 to 6.9 -0.3 to VDD + 0.3 -0.3 to VDD + 0.3 25 -55 to +125 300 4000 Units V V V mA C (Note) C (Note) V Symbol VDD VIN VOUT IOUT TSTG TLSOL VESD Note:
TABLE 8-1:
Stresses above those listed under "ABSOLUTE MAXIMUM RATINGS" may cause permanent damage to the device.
TABLE 8-2:
Commercial Industrial (C): (I):
DC CHARACTERISTICS
Tamb = 0C to +70C Tamb = -40C to +85C 2.0V < VDD < 3.3 3.0 < VDD < 6.6 Min Typ1 0.7 Max 1.6 1.0 350 VDD+0.3 0.15VDD A A V V V 0.08VDD 0.15 40 80 1.0 60 120 4.0 80 160 V mA k k IOH = -1.0mA, VDD = 2.0V IOH = -2.0mA, VDD = 6.6V IOL = 1.0mA, VDD = 2.0V IOL = 2.0mA, VDD = 6.6V VLED4 = 1.5V, VDD = 6.6V VDD=4.0V VDD=4.0V Unit mA 0.1 160 -0.3 0.7VDD 0.08VDD 0.15 40 80 1.0 60 120 4.0 80 160 Conditions VDD = 3.3V VDD = 6.6V
Parameter Operating current (avg) Standby current Auto-shutoff current2,3 High level Input voltage Low level input voltage High level output voltage Low level output voltage LED sink current Resistance; S0-S3 Resistance; PWM
Sym. ICC ICCS ICCS VIH VIL VOH VOL ILED RS0-3 RPWM
Min
Typ
1
Max 1.2 1.0 75
0.3 0.1 40 0.55VDD -0.3 0.7VDD
VDD+0.3 0.55VDD 0.15VDD
Note 1: Typical values are at 25C. 2: Auto-shutoff current specification does not include the current through the input pulldown resistors. 3: Auto-shutoff current is periodically sampled and not 100% tested.
4: VLED is the voltage between the VDD pin and the LED pin.
DS40152D-page 18
2001 Microchip Technology Inc.
HCS360
FIGURE 8-1: POWER UP AND TRANSMIT TIMING
Code Word Transmission Button Press Detect TBP TTD TDB PWM Code Word 1 TTO Code Word 2 Code Word 3 Code Word n
Sn
TABLE 8-3:
POWER UP AND TRANSMIT TIMING REQUIREMENTS
VDD = +2.0 to 6.6V Commercial (C): Tamb = 0C to +70C Industrial (I): Tamb = -40C to +85C Parameter Time to second button press Transmit delay from button detect Debounce delay Auto-shutoff time-out period Symbol TBP TTD TDB TTO Min 10 + Code Word Time 4.5 4.0 15.0 Max 26 + Code Word Time 26 13 35 Unit ms ms ms s (Note 3) Remarks (Note 1) (Note 2)
Note 1: TBP is the time in which a second button can be pressed without completion of the first code word and the intention was to press the combination of buttons. 2: Transmit delay maximum value if the previous transmission was successfully transmitted. 3: The auto shutoff timeout period is not tested.
FIGURE 8-2:
TE TE TE
PWM FORMAT (MANCH = 0)
LOGIC `0'
LOGIC `1' TBP Preamble TP Header TH Encrypted Portion of Transmission THOP Fixed portion of Transmission TFIX Guard Time TG
FIGURE 8-3:
PWM PREAMBLE/HEADER FORMAT
Data Word Transmission Preamble Header Bit 0 Bit 1
32 TE
10 TE
2001 Microchip Technology Inc.
DS40152D-page 19
HCS360
FIGURE 8-4: PWM DATA WORD FORMAT
Serial Number LSB Bit 0 Header Bit 1 MSB LSB MSB S3 Function Code S0 S1 S2 Status CRC
VLOW CRC0 CRC1
Bit 30 Bit 31 Bit 32 Bit 33
Bit 58 Bit 59 Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65 Bit 66 Fixed Code Data Guard Time
Encrypted Data
FIGURE 8-5:
TE TE
MANCHESTER FORMAT (MANCH = 1)
LOGIC `0'
LOGIC `1' TBP Preamble TP Header TH Encrypted Portion of Transmission THOP Fixed portion of Transmission TFIX Guard Time TG
FIGURE 8-6:
MANCHESTER PREAMBLE/HEADER FORMAT
Data Word Transmission Preamble Header Bit 0 Bit 1
32 TE
4 TE
FIGURE 8-7:
HCS360 NORMALIZED TE VS. TEMP
1.7 1.6 1.5 1.4 1.3 VDD LEGEND = 2.0V = 3.0V = 6.0V TE Max.
Typical
TE
1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 TE Min.
Temperature C
DS40152D-page 20
2001 Microchip Technology Inc.
HCS360
TABLE 8-4: CODE WORD TRANSMISSION TIMING PARAMETERS--PWM MODE
Code Words Transmitted FAST1 = 0, FAST0 = 0 Number of TE 1 3 32 10 96 105 16 259 -- Min. 260 780 8.3 2.6 25.0 27.3 4.2 1282 Typ. 400 1200 12.8 4.0 38.4 42.0 6.4 833 Max. 620 1860 19.8 6.2 59.5 65.1 9.9 538 Number of TE 1 3 32 10 96 105 32 275 -- FAST1 = 0, FAST0 = 1 Min. 130 390 4.2 1.3 12.5 13.7 4.2 35.8 2564 Typ. 200 600 6.4 2.0 19.2 21.0 6.4 55.0 1667 Max. Units 310 930 9.9 3.1 29.8 32.6 9.9 85.3 1075 s s ms ms ms ms ms ms bps
VDD = +2.0V to 6.6V Commercial (C):Tamb = 0C to +70C Industrial (I):Tamb = -40C to +85C
Symbol TE TBP TP TH THOP TFIX TG -- -- Note:
Characteristic Basic pulse element PWM bit pulse width Preamble duration Header duration Hopping code duration Fixed code duration Guard Time (LNGRD = 0) Total transmit time PWM data rate
67.3 103.6 160.6
The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.6V Commercial (C):Tamb = 0C to +70C Industrial (I):Tamb = -40C to +85C Symbol Characteristic Number of TE Min.
Code Words Transmitted FAST1 = 1, FAST0 = 0 Typ. Max. Number of Te Min. 65 195 2.1 0.7 6.2 6.8 4.2 20.0 5128 FAST1 = 1, FAST0 = 1 Typ. 100 300 3.2 1.0 9.6 10.5 6.4 30.7 3333 Max. 155 465 5.0 1.6 14.9 16.3 9.9 47.6 2151 Units s s ms ms ms ms ms ms bps
Basic pulse element 1 130 200 310 1 TE TBP PWM bit pulse width 3 390 600 930 3 TP Preamble duration 32 4.2 6.4 9.9 32 Header duration 10 1.3 2.0 3.1 10 TH THOP Hopping code duration 96 12.5 19.2 29.8 96 TFIX Fixed code duration 105 13.7 21.0 32.6 105 Guard Time (LNGRD = 0) 32 4.2 6.4 9.9 64 TG -- Total transmit time 275 35.8 55.0 85.3 307 -- PWM data rate -- 2564 1667 1075 -- Note: The timing parameters are not tested but derived from the oscillator clock.
2001 Microchip Technology Inc.
DS40152D-page 21
HCS360
TABLE 8-5: CODE WORD TRANSMISSION TIMING PARAMETERS--MANCHESTER MODE
Code Words Transmitted FAST1 = 0, FAST0 = 0 Number of TE 1 32 4 2 64 70 2 8 182 -- Min. 520 16.6 2.1 1.0 33.3 36.4 1.0 4.2 94.6 1923 Typ. 800 25.6 3.2 1.6 51.2 56.0 1.6 6.4 145.6 1250 Max. 1240 39.7 5.0 2.5 79.4 86.8 2.5 9.9 223.7 806 Number of Te 1 32 4 2 64 70 2 16 190 -- Min. 260 8.3 1.0 0.5 16.6 18.2 0.5 4.2 49.4 3846.2 FAST1 = 0, FAST0 = 1 Typ. 400 12.8 1.6 0.8 25.6 28.0 0.8 6.4 76.0 2500 Max. 620 19.8 2.5 1.2 39.7 43.4 1.2 9.9 117.8 1612.9 Units s ms ms ms ms ms ms ms ms bps VDD = +2.0V to 6.6V Commercial (C):Tamb = 0C to +70C Industrial (I):Tamb = -40C to +85C
Symbol TE TP TH TSTART THOP TFIX TSTOP TG -- -- Note:
Characteristic Basic pulse element Preamble duration Header duration Start bit Hopping code duration Fixed code duration Stop bit Guard Time (LNGRD = 0) Total transmit time Manchester data rate
The timing parameters are not tested but derived from the oscillator clock. Code Words Transmitted FAST1 = 1, FAST0 = 0 Number of TE Min. Typ. Max. Number of Te Min. FAST1 = 1. FAST0 = 1 Typ. Max. Units s ms ms ms ms ms ms ms ms bps
VDD = +2.0V to 6.6V Commercial (C):Tamb = 0C to +70C Industrial (I):Tamb = -40C to +85C Symbol Characteristic
Basic pulse element 1 260 400 620 1 TE TP Preamble duration 32 8.3 12.8 19.8 32 TH Header duration 4 1.0 1.6 2.5 4 TSTART Start bit 2 0.5 0.8 1.2 2 THOP Hopping code duration 64 16.6 25.6 39.7 64 TFIX Fixed code duration 70 18.2 28.0 43.4 70 TSTOP Stop bit 2 0.5 0.8 1.2 2 TG Guard Time (LNGRD = 0) 16 4.2 6.4 9.9 32 -- Total transmit time 190 49.4 76.0 117.8 206 -- Manchester data rate -- 3846.2 2500.0 1612.9 -- Note: The timing parameters are not tested but derived from the oscillator clock.
130 200 310 4.2 6.4 9.9 0.5 0.8 1.2 0.3 0.4 0.6 8.3 12.8 19.8 9.1 14.0 21.7 0.3 0.4 0.6 4.2 6.4 9.9 26.8 41.2 63.4 7692.3 5000.0 3225.8
DS40152D-page 22
2001 Microchip Technology Inc.
HCS360
HCS360 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. HCS360 -- /P Package: Temperature Range: Device: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead Blank = 0C to +70C I = -40C to +85C HCS360 HCS360T Code Hopping Encoder Code Hopping Encoder (Tape and Reel)
Sales and Support
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 3. The Microchip Worldwide Web Site (www.microchip.com)
2001 Microchip Technology Inc.
DS40152D-page 23
HCS360
NOTES:
DS40152D-page 24
2001 Microchip Technology Inc.
HCS360
NOTES:
2001 Microchip Technology Inc.
DS40152D-page 25
HCS360
NOTES:
DS40152D-page 26
2001 Microchip Technology Inc.
HCS360
"All rights reserved. Copyright (c) 2001, Microchip Technology Incorporated, USA. Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies. No licenses are conveyed, implicitly or otherwise, under any intellectual property rights."
Trademarks The Microchip name, logo, PIC, PICmicro, PICMASTER, PICSTART, PRO MATE, KEELOQ, SEEVAL, MPLAB and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. Total Endurance, ICSP, In-Circuit Serial Programming, FilterLab, MXDEV, microID, FlexROM, fuzzyLAB, MPASM, MPLINK, MPLIB, PICDEM, ICEPIC, Migratable Memory, FanSense, ECONOMONITOR, SelectMode and microPort are trademarks of Microchip Technology Incorporated in the U.S.A. Serialized Quick Term Programming (SQTP) is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2001, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved.
Microchip received QS-9000 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona in July 1999. The Company's quality system processes and procedures are QS-9000 compliant for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs and microperipheral products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001 certified.
2001 Microchip Technology Inc.
DS40152D-page 27
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
ASIA/PACIFIC (continued)
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-334-8870 Fax: 65-334-8850
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
Taiwan
Austin
Analog Product Sales 8303 MoPac Expressway North Suite A-201 Austin, TX 78759 Tel: 512-345-2030 Fax: 512-345-6085
ASIA/PACIFIC
Australia
Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
EUROPE
Denmark
Microchip Technology Denmark ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
China - Beijing
Microchip Technology Beijing Office Unit 915 New China Hong Kong Manhattan Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Boston
Analog Product Sales Unit A-8-1 Millbrook Tarry Condominium 97 Lowell Road Concord, MA 01742 Tel: 978-371-6400 Fax: 978-371-0050
China - Shanghai
Microchip Technology Shanghai Office Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
France
Arizona Microchip Technology SARL Parc d'Activite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
Hong Kong
Microchip Asia Pacific RM 2101, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Dayton
Two Prestige Place, Suite 130 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Germany
Analog Product Sales Lochhamer Strasse 13 D-82152 Martinsried, Germany Tel: 49-89-895650-0 Fax: 49-89-895650-22
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, O'Shaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Mountain View
Analog Product Sales 1300 Terra Bella Avenue Mountain View, CA 94043-1836 Tel: 650-968-9241 Fax: 650-967-1590
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820
01/30/01
All rights reserved. (c) 2001 Microchip Technology Incorporated. Printed in the USA. 2/01
Printed on recycled paper.
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, except as maybe explicitly expressed herein, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
DS40152D-page 28
2001 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of HCS360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X