Part Number Hot Search : 
2SD11 LVCU0 A1184 TSS0340L MAX99 C4308 2SA1730Q TC113
Product Description
Full Text Search
 

To Download FNP1500-12G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FNP1500/1800 Front-Ends & FNR-3 Power Shelves Data Sheet
Features
RoHS compliant for all six substances High density front-ends 15.2 to 18.3 W/in3 Wide input voltage range 85 to 264 VAC 12 V standby voltage, 1A per front-end Highly efficient topology reduces operating costs I2C interface status and control I2C voltage and current limit setting Analog output voltage setting Overtemperature, output overvoltage, and output overcurrent protection ORing circuits for true redundant operation: Vo1: ORing FETs; Vo2: ORing Diodes Status LEDs: AC OK, DC OK, and Fan Fail/Overtemperature Fail
FNP1500/1800 front-ends have front-mounted AC input receptacles.
Applications
Telecommunications Data communications Servers Distributed power
FNR-3 Power Shelf
FNR-3 shelves provide up to 5400 watts in a 19" rack.
(See the Rack section for power shelf details.)
Description
The FNP1500/1800 front-ends are power-factor-corrected (PFC) which (depending on model type) provide a 12 VDC or 48 VDC (1500 or 1800 watt) output, and can be used in hot-swap redundant systems. Their very small dimensions allow configuration of up to three units in a 1U rack. The FNP front-ends have a front-mounted AC receptacle. The highly efficient thermal design with internal-fan cooling permits their use over wide temperature ranges and provides very high reliability. Status information is provided with front panel LEDs, logic signals, and via an I2C management interface. In addition, the I2C bus can enable the power supply, set high fan speed, adjust the output voltage, and set the output current limit. The FNP1500/1800's meet international safety standards and display the CE-Mark for the European Low Voltage Directive (LVD). FNR-3-12G and FNR-3-48G power-shelf solutions provide rectification, system management, and power distribution, while maintaining high reliability and offering flexibility for future expansion. The power shelves can be configured with up to three hotswappable 1500 or 1800-watt AC-DC front-ends.
MCD10074 Rev. 1.2, 15-Apr-10
Page 1 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelves Data Sheet
Model Selection
Model FNP1500-12G FNP1500-48G FNP1800-12G Input voltage VAC 1 auto selected 108 - 264 85 - 105 105 - 264 85 - 105 180 - 264 105 - 180 85 - 105 180 - 264 105 - 180 85 - 105 Output 1 Vo1 nom VDC 12 12 48 48 12 12 12 48 48 48 Io1 max ADC 129 @ 11.64V 101.8 @ 11.78A 32.2 25.4 150 @ 11.52V 129 @ 11.64V 101.8A @ 11.78V 39.2 32.2 25.4 Vo2 nom VDC 12 12 12 12 12 12 12 12 12 12 Output 2 Io2 max ADC 1 1 1 1 1 1 1 1 1 1 Rated power W 1512 1212 1512 1212 1740 1512 1212 1812 1512 1212 Compatible 2 Shelf FNR-3-12G FNR-3-48G FNR-3-12G
FNP1800-48G
1 2
FNR-3-48G
The available output power is automatically adjusted depending on the input voltage. 1U standard racks are available from Power-One. See the Rack (Power Shelf) section of this data sheet for configurations and details.
Absolute Maximum Ratings
Stress in excess of the absolute maximum ratings may cause performance degradation, adversely effect long-term reliability, or cause permanent damage to the converter.
Parameter Input voltage Operating ambient temperature Conditions/Description Continuous Transient, 60 ms max. Vi min-Vi max, Io nom, cooling by internal fan @ 100 % load @ 50 % load Non-Operating 0 0 -40 Min Max 264 300 50 70 85 Unit VAC VAC C C C
Storage temperature
Environmental, Mechanical, & Reliability Specifications
Parameter Altitude Relative humidity, non-condensing Temperature coefficient Shock Sinusoidal vibration Conditions/Description Operating Non-Operating Operating Storage 0 C to 70 C (after 15 min warm-up) IEC/EN 60068-2-27, 11 ms IEC/EN 60068-2-6 2-8 Hz 8-200 Hz 200-500 Hz 10-2000 Hz Calculated per Bellcore (SR-332, Issue 1): GB 25 C GB 25 C (FNP1500-12G) Demonstrated 230 TBD 250 7.5 2 4 6.15 10 5 Min Nom Max 10 k 40 k 90 95 0.02 40 Unit ASL Ft. ASL Ft. % RH % RH %/K gpk mil gpk gpk grms kh kh kh
Random vibration MTBF
MCD10074 Rev. 1.2, 15-Apr-10
Page 2 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelves Data Sheet
Safety Specifications Maximum electric strength testing is performed in the factory according to EN 550116, IEC/EN 60950, and UL 60950. Input-to-output electric strength tests should not be repeated in the field. Power-One will not honor any warranty claims resulting from electric strength field tests.
Parameter Agency approvals Insulation safety rating Conditions/description UL60950, (UL) CSA 60950 (cUL), EN 60950(TUV), CE Mark for LVD Input to case Input to output Output to case Input to case Input to output Output to case Output 1 to output 2 2.12 1 4.2 0.5 0.1 Basic Reinforced Functional kVDC kVDC kVDC kVDC Min Nom Max Unit
Electric strength test voltage
1
Subassemblies are pre-tested with 4.2 kVDC in accordance with EN50116 and IEC/EN60950.
EMC Specifications
Parameter Electrostatic discharge Electromagnetic field Electrical fast transients/burst Surge Voltage dips and interruptions RF conducted immunity Emissions conducted Emissions radiated Harmonics Voltage fluctuation and flicker Voltage sag Description IEC/EN 61000-4-2, level 4 IEC/EN 61000-4-3, level 3 IEC/EN 61000-4-4, level 3 IEC/EN 61000-4-5, level 3 IEC/EN 61000-4-11 IEC/EN 61000-4-6 CISPR 22/EN 55022/EN 61204 CISPR 22/EN 55022/EN 61204 IEC/EN 61000-3-2 IEC/EN 61000-3-3 SEMI F47-0200 (High Line 230V) Criterion Performance criterion B Performance criterion A Performance criterion B Performance criterion B Performance criterion B or better 10 VAC, AM 80 %, 1 kHz Performance criterion A Class B Class A Class B Pass Pass
Input Specifications
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter Input voltage Input frequency Turn-on input voltage Turn-off input voltage Inrush current limitation Hold-up time Power factor Efficiency Max input current Input connector
1
Conditions/description
Min 85 47
Nom 230 50/60
Max 264 63 85 78 50
Unit VAC Hz VAC VAC Apk ms W/VA
Ramping up Ramping down 115/230 VAC acc. ETS 300 132-1 < 100 ms After last AC line peak ,Vi = 230 VAC, Po nom Vi nom, Io nom Vi = 230 VAC, Io nom, TC = 25 C
79 70
20 0.95 89
1
90 20
% Arms
16A - 20 A / 250 VAC; according to IEC320 C19
87% for FNP1500-12
MCD10074 Rev. 1.2, 15-Apr-10
Page 3 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelves Data Sheet
Output Specifications, 12Vout Models
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter Nominal output voltage Output voltage set point accuracy Output voltage trimming Nominal current output 1 Nominal current output 1 Current limit output 1 FNP1500-12G Conditions/Description Io = 64.5 A Vi = 230 VAC, Io1 = 65.5 A, TC = 25 C (Factory setting) Adjustable via I C (Vo1 set) Adjustable via Margin pin (R input) Io1 nom @ Vi =108 VAC - 264 VAC, Po 1.5 kW Io1 nom @ Vi = 85 VAC - 105 VAC, Po 1.2 kW Io1 nom @ Vi =108 VAC - 264 VAC, Po 1.75 kW Io1 nom @ Vi =108 VAC - 180 VAC, Po 1.5 kW Io1 nom @ Vi = 85 VAC - 105 VAC, Po 1.2 kW Io1 max @ Vi = 108 VAC - 264 VAC droop hiccup Io1 max @ Vi = 85 VAC - 105 VAC droop hiccup Io1 max @ Vi = 180 VAC - 264 VAC high droop Io1 lim @ Vi = 180 VAC - 264 VAC hiccup Io1 max @ Vi = 108 VAC - 180 VAC high droop Io1 lim @ Vi = 108 VAC - 180 VAC hiccup Io1 max @ Vi = 85 VAC - 105 VAC high droop Io1 lim @ Vi = 85 VAC - 105 VAC hiccup Io2 nom @ Vi = 85 VAC - 265 VAC, Po 12 W Io2 max @ Vi = 85 VAC - 265 VAC Vi min - Vi max, 50 % Io nom, Ta = 25 C Vi = 230 V, 5 - 100 % Io nom Full load to no load [0..129 A] at Vo set = 12V dVo1 over the setting range [7 to 13V] -0.5 11.64 -0.36 - 5.58 12 FNP1500-12G
2
Min 11.93 -0.42 7 6.2
Nom 12 12 12 129.0 101.8 150.0 129.0 101.8 147.4 120.2 156.4 168.4 135.4 147.4 108.2 120.2 1.0 1.5
Max 12.05 +0.42 13 Vo1 set 129.0
1
Units VDC VDC % Vo1 nom VDC VDC ADC ADC ADC ADC ADC ADC ADC ADC ADC ADC ADC ADC ADC
FNP1800-12G
150.0
FNP1500-12G
FNP1800-12G Current limit output 1
Nominal current output 2 Current limit output 2 Static line regulation output 1 Static load regulation output 1 (droop characteristic) Static load regulation output 1 (droop characteristic)
1.0 0.5 12.36 +0.36
ADC ADC % Vo nom mV/A VDC VDC mV/A VDC VDC
FNP1800-12G
Vi = 230 V, 5 - 100 % Io nom Full load to no load [0..150 A] at Vo set = 12V dVo1 over the setting range [7 to 13V]
11.52 -0.48
- 5.58 12
12.36 +0.36
Static load regulation output 2 (droop characteristic)
Full load to no load @ Vi = 85 VAC - 265 VAC Load change 50 % <> 100 % Io nom, dIo/dt =1A/s Voltage deviation (droop + over- or undershoot)
0.4
VDC
Dynamic load regulation
FNP1500-12G & FNP1800-12G FNP1500-12G & FNP1800-12G Max. recovery time to within 1% of Vo1 nom Difference in current between two units for Vo1 above 10 % load. FNP1500-12G FNP1800-12G Time required for output within regulation after initial application of AC-input (Vi nom, Io nom) after removal of inhibit (Vi nom, Io nom) Vi nom, Io nom, 20 MHz bandwidth Vo1 Vo2
-2
2 400
% Vo nom s
Current Share
12.9 15 1.5 100 120 120 500
ADC ADC s ms mVpp mVpp mV
Start-up time
Output voltage ripple and noise (Filter 10nF/10F) Remote sense
1
Total compensation for cable losses
FNP1800-12G max is 12V.
MCD10074 Rev. 1.2, 15-Apr-10
Page 4 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Output Specifications, 48Vout Models
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter Nominal output voltage Vo1 Nominal output voltage Vo2 Output voltage set point accuracy Output voltage trimming 2 (via I C or with external resistor) FNP1500-48G Nominal current output 1 FNP1800-48G Conditions/Description Io = 16.1 A Io = 0.5 A Vi = 230 VAC, Io1 =16.1 A, TC = 25 C (47.8 - 48.2 VDC) Adjustable (44.16 to 51.84 VDC) Io1 nom @ Vi =105 VAC - 264 VAC, Po 1.5 kW Io1 nom @ Vi = 85 VAC - 105 VAC, Po 1.2 kW Io1 nom @ Vi =180 VAC - 264 VAC, Po 1.8 kW Io1 nom @ Vi =105 VAC - 180 VAC, Po 1.5 kW Io1 nom @ Vi = 85 VAC - 105 VAC, Po 1.2 kW Io1 max @ Vi = 105 VAC - 264 VAC Io1 max @ Vi = 85 VAC - 105 VAC Io1 max @ Vi = 180 VAC - 264 VAC Io1 max @ Vi = 105 VAC - 180 VAC Io1 max @ Vi = 85 VAC - 105 VAC Io2 max @ Vi = 85 VAC - 264 VAC Vi min - Vi max, 50 % Io nom Vi = 230 V, 5-100 % Io nom Vo : full load (32.2 ADC) to no load Vi = 230 V, 5-100 % Io nom Vo : full load (32.2 ADC) to no load Vi = 230 V, 5-100 % Io nom Vo : full load (32.2 ADC) to no load Load change 50 % <> 100 % Io nom, dIo/dt =1 A/s Voltage deviation (droop + over- or undershoot) FNP1500-48G FNP1800-48G All models Current Share Start-up time Max. recovery time to within 1 % of Vo1 nom Difference in current between two units for Vo1 above 10 % load. FNP1500-48G FNP1800-48G Time required for output within regulation after initial application of AC-input (Vi nom, Io nom) after removal of inhibit (Vi nom, Io nom) Vi nom, Io nom, 20 MHz bandwidth Vo1 Vo2 Total compensation for cable losses 3.2 3.9 1.5 100 480 120 500 ADC ADC s ms mVpp mVpp mV -5 -5.7 5 5.7 400 -0.5 46.54 45.91 90.1 48 90.1 48 0.4 droop hiccup droop hiccup droop hiccup droop hiccup droop hiccup -0.5 -8 32.2 25.4 39.2 32.2 25.4 36.8 30 43.8 36.8 30 1.0 1.5 0.5 49.44 49.44 1.0 39.2 Min Nom 48 12 +0.5 +8 Max Units VDC VDC % Vo1 nom % Vo1 nom ADC ADC ADC ADC ADC ADC ADC ADC ADC ADC ADC ADC % Vo nom mV/A VDC mV/A VDC VDC % Vo nom % Vo nom % Vo nom s
FNP1500-48G Current limit output 1 FNP1800-48G
Nominal current output 2 Current limit output 2 Static line regulation output 1 Static load regulation output 1 (droop characteristic) FNP1500-48G FNP1800-48G
Io2 nom @ Vi = 85 VAC - 264 VAC, Po 12 W
Static load regulation output 2 (droop characteristic) Dynamic load regulation
Output voltage ripple and noise (Filter 10 nF/10 F) Remote sense
MCD10074 Rev. 1.2, 15-Apr-10
Page 5 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Protection
Parameter Input fuse Inrush current limitation Output Overvoltage protection latching Overtemperature protection
1 1
Conditions/Description Not user accessible
Min
Nom 25A, fast blow With NTCs
Max
Unit
Tracking Absolute for 48V models Absolute for 12V models Automatic power shutdown at TC
No-load -, short circuit - and overload proof 115 122 % Vo nom V 59.5 V 16.85 95 C
Remove input voltage to reset.
Control
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter Status Indication I C digital bus PS present pin PS remote shutdown / Inhibit pin Power supply OK (I C) DC current fail (I C)
2 1 2 1 2
Conditions/Description LEDs: DC OK (green), AC OK (green); fan fail and overtemperature (amber) Monitors alarm functions and sets parameters Contact closure to logic ground ( internal pull-down resistor of 1 k) TTL compatible signal, inhibited when open contact, high or at TTL logic "1". Signal referenced to logic return (LRTN) AC OK & DC OK & no overcurrent & no overtemperature & fans working Overcurrent on Io1 Provides a warning that the input power has failed at least 5 ms before the output falls out of regulation (<90% Vo1 set). Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN). AC fail will go high or open during power fail condition and will go low when input is within the operating range. A Power Fail warning will turn off the green AC OK LED. Internal undervoltage and overvoltage supervision of Vo1. Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN). DC fail will go high or open if Vo1 is < 90% or > 110% of Vo1 set, measured in front of the ORing FETs. A green LED on the front panel indicates normal operation. The LED will flash if in parallel operation Vo1 is OK, but the unit is disabled. 2 I C critical temperature warning: Indicates that the operating temperature has reached [Tshut-down - 10K] 2 I C & OC overtemperature warning: Indicates if the unit is in overtemperature shutdown. Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN). The OC-output will go low 100 ms before an overtemperature condition shuts down the unit. An amber LED on the front panel indicates overtemperature or fan fail. Monitors the voltage Vo1 at the output connector. Accuracy 0.45 V over setting range, temperature and load. Monitors the output current Io1 : Accuracy 0.4A over the load range. Output voltage trimming Vo1: 8 % of Vo set 2 Setting accuracy over I C: 50mV at Vo nom, 150 mV over setting range Two fan speed levels automatically set depending on the internal temperature. The fan speed can be set to full speed or automatic control. Indicates if the fans are operating or have failed. Overcurrent signal which can be used for synchronous startup of units in parallel or to recover from an overload condition. (See application note).
2
AC fail / Power down warning 2 2 (I C & OC)
DC fail / Output voltage fault 2 2 (I C & OC)
Temperature warning (I C & OC)
2
2
DC voltage monitoring (I C) DC current monitoring (I C) DC voltage trimming 2 1 (I C or external resistor) Fan speed control (I C) Fan OK (I C & OC) Synch. startup pin
1 2 2 2 2 2 2 1 2
2
1
1
Detailed I C information is available from the model's I C Manual found on the Power-One web site. Provided over the I C interface and as an open collector signal on the output connector (OC).
MCD10074 Rev. 1.2, 15-Apr-10
Page 6 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Output Connector Pinning and Signal Specification
Output Connector Description Overtemperature / Fan Fail AC Fail / Power down warning Power Supply Present DC Fail / Output voltage fault Internal ground ADDR0, I C address bus 2 ADDR1, I C address bus ADDR2, I C address bus 2 ADDR3, I C address bus ADDR4, I C address bus DATA, I C data line CLOCK, I C clock line Vo2 + output Vo2 - output Logic ground
2 2 2 2 2
Pin Location U1 U2 U3 U4 U5 T1 T2 T3 T4 T5 S1 S2 S3 S4 S5
Type OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND Resistor (1 k) connected to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND Internal ground (Vo1- line before the output filter). Do not connect the internal grounds in systems with several units. DIP switch or wire to internal ground, Internally pull up to 5V (10 k). DIP switch or wire to internal ground, Internally pull up to 5V (10 k). DIP switch or wire to internal ground, Internally pull up to 5V (10 k). DIP switch or wire to internal ground, Internally pull up to 5V (10 k). DIP switch or wire to internal ground, Internally pull up to 5V (10 k). I C compatible signal referenced to logic GND 2 I C compatible signal referenced to logic GND Auxiliary power pin, insulated from main output Auxiliary ground pin, insulated from main output Internally connected over 10 to Auxiliary GND. Wire separately form Auxiliary - and main output GND to 2 minimize noise on signals and I C. Leave open if not used. PS active when pulled low (DC-DC stage off when left open) Referenced to logic GND Open or connected to Vo1+ at the load (Internally connected to Vo1+ over 100 ) Open or connected to Vo1- at the load (Internally connected to Vo1- over 100 ) Open or connected over resistor to internal ground. Do not connect the margin pins in systems with several units. Open or connected to internal ground (+8 % Vo1) or V sense+ (-8 % Vo1) Do not connect the margin pins in systems with several units. Open or connected to synch startup circuit, referenced to Vo1 - at the output connector Open or connected to synch startup circuit, referenced to Vo1 - at the output connector Main output + pins Main output - pins Main output + pins Main output - pins
2
Low level High level < 0.4 V @ 20 mA Pull up < 0.4 V @ 20 mA Pull up Open Pull up < 0.4 V @ 20 mA Pull up
V max I max 15 V 20 mA 15 V 20 mA 10 V 10 mA 15 V 20 mA
Switch closed Switch open Switch closed Switch open Switch closed Switch open Switch closed Switch open Switch closed Switch open 5 V or 3.3 V logic 5 V or 3.3 V logic
5V 5V 5V 5V 5V
Output inhibit V sense + V sense 12V models Output margin 48V models
R1 R2 R3 R4
< 0.8 V > 2.0 V
10 V 3.5 mA dU < 3 Vpp 30 mA dU < 3 Vpp 30 mA 3 VDC
60 VDC
R4
12V models Synch. startup 48V models Vo1 + output 12V models Vo1 - output 12V models Vo1 + output 48V models Vo1 - output 48V models
R5 R5 P2, P4, P6, P8, P10, P12 P1, P3, P5, P7, P9, P11 P2, P4, P6 P1, P3, P5
12V 3mA 12V 2mA
MCD10074 Rev. 1.2, 15-Apr-10
Page 7 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Mechanical Data (FNP1500/1800 12V Models)
Mechanical Data (H, W, D) 5.6" (141.2mm) x 1.6" (40.5mm) x 11" (279.4mm)
FNP1500/1800 12V Model Output Connector Descriptions
Rear View
Female Connector: FCI (51732-026 LF) Mates with: 90 output connector type: 180 output connector type: Part No. FCI (manufacturer): 51762-11202000AA LF Part No. FCI (manufacturer): 51742-11202000AA LF
Locate information on availability of FCI connectors at http://www.stkcheck.com/evs/fcielectronics/fcisearch.asp Connector drawings available at: http://portal.fciconnect.com/portal/page/portal/FcicntPublic/DocSrchCustDraw IEC AC power cord with C19 connector VDE 16A: Interpower Components Ltd. 70009110250 IEC AC power cord with C19 connector UL 20A: Interpower Components Ltd. 70025110250
MCD10074 Rev. 1.2, 15-Apr-10
Page 8 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Mechanical Data (FNP1500/1800 48V Models)
Mechanical Data (H, W, D) 5.6" (141.2mm) x 1.6" (40.5mm) x 11" (279.4mm)
FNP1500/1800 48V Model Output Connector Descriptions
Rear View
Female Connector: FCI (51732-020 LF) Mates with:
90 output connector type: 180 output connector type:
Part No. FCI (manufacturer): 51762-10602000AA LF; Power-One Part No.: ZES258-G Part No. FCI (manufacturer): 51742-10602000AA LF
Locate information on availability of FCI connectors at http://www.stkcheck.com/evs/fcielectronics/fcisearch.asp Connector drawings available at: http://portal.fciconnect.com/portal/page/portal/FcicntPublic/DocSrchCustDraw IEC AC power cord with C19 connector VDE 16A: Interpower Components Ltd. 70009110250 IEC AC power cord with C19 connector UL 20A: Interpower Components Ltd. 70025110250
MCD10074 Rev. 1.2, 15-Apr-10
Page 9 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Paralleling Front-Ends:
For parallel use in minimal configuration systems, only the inhibit pins must be shorted to logic GND. All other pins can be left open. The power supplies will share the output current automatically (droop current share). 2 For parallel applications without I C bus, but the use of all other features, it is recommended to connect all logic GND's on a backplane together, to connect all Vo2 -, all V o2 + and to leave the internal GND's open. The sense wires can be left open or connected to a common load point, the synch-start pin can be left open or connected to a 2 synch-start circuit, the inhibit pins can be connected together or used individually. All I C signals (T1-T5, S1, and S2) can be left open. Use of a small foil capacitor > 3F directly at the power outputs of each unit is recommended in order to prevent voltage drops at the hot plug. For additional information on paralleling see the following Rack (Power Shelf) section.
Racks
(FNR-3-12G and FNR-3-48G Power Shelves) Each rack (power shelf) is 1U high with backplane and designed for up to three front-end models in parallel or in n+1 operation. Each power shelf has: Massive copper bus bars for low-loss current distribution. Output terminals with two M4-screws on each power tab. Two fast-on contacts for system earthing. Address coding over five pole DIP switch on each unit, 37-pin D-Sub connector with I2C-lines, monitoring signals and support functions. Provides a start-up synchronization circuit and EMV filters.
FNR-3-12G and FNR-3-48G Power Shelf Front View
Overall Mechanical Dimensions (FNR-3-12G and FNR-3-48G Power Shelves)
FNR-3 Mechanical Data (W, H, D) 17.7" (449.6 mm) x 1.7" (43.1 mm) x 13" (330.2 mm)
MCD10074 Rev. 1.2, 15-Apr-10
Page 10 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Output Connector Descriptions (FNR-3-12G and FNR-3-48G)
A B C D E F G H I
Location A B C D E F G H I
Description 5-Bit DIP switch for I2C addressing of PSU 1 Earth connection Earth connection Earth connection Output 1 minus Output 1 plus 5-Bit DIP switch for I2C addressing of PSU 2 37-pin SUB-D connector, controlling and auxiliary power (output 2) 5-Bit DIP switch for I2C addressing of PSU 3
MCD10074 Rev. 1.2, 15-Apr-10
Page 11 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
SUB-D Output Connector Pinout and Signal Specification Output Connector Description
Overtemperature / Fan Fail PSU1 Power Supply Present PSU 1 Power Supply Present PSU 2 Open Overtemperature / Fan Fail PSU 3 AC Fail / Power down warning PSU 3 Power Supply Present PSU 3 DC Fail / Output voltage fault PSU 3 Overtemperature / Fan Fail PSU 2
Pin Location
1 2 3 4 5 6 7 8 9
Type
OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND Resistor (1 k) connected to logic GND Resistor (1 k) connected to logic GND
Low level High level
<0.4 V @ 20 mA Pull up Open Pull up Open Pull up <0.4 V @ 20 mA Pull up <0.4 V @ 20 mA Pull up Open Pull up <0.4 V @ 20 mA Pull up <0.4 V @ 20 mA Pull up <7V off < 9V
V max I max
15 V 20 mA 10 V 10 mA 10 V 10 mA 15 V 20 mA 15 V 20 mA 10 V 10 mA 15 V 20 mA 15 V 20 mA 15V 10mA
OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND Resistor (1 k) connected to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND Sync_start_A , Active high
Synch._Start_A
10
The signals of several racks can be connected together in such a way that all supplies will be inhibited until the last supply has recovered from its overcurrent condition, referenced to logic GND
Active low (DC-DC stage off when pin is open or on high potential) Referenced to logic GND Open or connected to Vo1+ at the load Internally (PSU) connected to Vo1+ over 100 Open or connected to Vo1- at the load Internally (PSU) connected to Vo1- over 100
Open Output inhibit PSU 1-3 V sense + V sense Open NC NC NC NC AC Fail/ Power-down warning PSU 1 DC Fail/ Output voltage fault PSU 1 AC Fail/ Power-down warning PSU 2 DC Fail/ Output voltage fault PSU 2 DATA, I2C data line
11 12 13 14 15 16 17 18 19 20 21 22 23 24 OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND OC-output, protected by 16 V Zener diode and a 10 resistor in series, referenced to logic GND I C compatible signal referenced to logic GND
2
<0.8 V >2.0 V
10 V 3.5 mA dU < 3 Vpp 30 mA dU < 3 Vpp 30 mA
<0.4 V @ 20 mA Pull up <0.4 V @ 20 mA Pull up <0.4 V @ 20 mA Pull up <0.4 V @ 20 mA Pull up 5 V or 3.3 V logic
15 V 20 mA 15 V 20 mA 15 V 20 mA 15 V 20 mA
MCD10074 Rev. 1.2, 15-Apr-10
Page 12 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
SUB-D Output Connector Pinout and Signal Specification (Continued) Output Connector Description
CLOCK, I2C clock line Auxiliary power +12 V (Output 2) Auxiliary power ground (Output 2) Logic Gnd
Pin Location
2
Type
I C compatible signal referenced to logic GND Vo2+ Aux output, insulated from main output Vo2- Aux output, insulated from main output Internally connected over 10 to Vo2-, Auxiliary GND. Wire separately from auxiliary and main output GND to minimize noise and avoid voltage drops on 2 signal- and I C return. Leave open if not used. Open or connected to V senseV sense- (+8 % Vo1) or V sense+ (-8 % Vo1) Open or connected to V senseV sense- (+8 % Vo1) or V sense+ (-8 % Vo1) Open or connected to V senseV sense- (+8 % Vo1) or V sense+ (-8 % Vo1)
Low level High level
5 V or 3.3 V logic
V max I max
25 26 27
28
Output margin PSU 1 Output margin PSU 2 Output margin PSU 3 NC NC NC NC NC NC
29 30 31 32 33 34 35 36 37
60V 60V 60V
Synchronized start-up circuit for paralleling operation Because of hiccup overcurrent protection, when a supply reaches an overcurrent limit, the output voltage will immediately turn OFF and after a delay turn ON again. In parallel use, all power supplies have to start synchronized because of the internal hiccup behavior. Otherwise, the supply which has reached overcurrent first will go to hiccup; this will overload the other supplies, which then will also go to hiccup. When the first supply has recovered from hiccup (hiccup dead time), the others remain in hiccup. This will immediately drive the first one into hiccup once again. This means that without a start-up circuit, a system with several power supplies can never recover from an overload condition or start-up into full load. The following additional circuit, required to reach synchronized startup, is already implemented inside the FNR-3-12G and FNR-3-48G shelves.
MCD10074 Rev. 1.2, 15-Apr-10
Page 13 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Synch Start-up Connection Between Shelves The following connection between the shelves is required to achieve a parallel operation. The synch-start circuits inside the shelves inhibit all power supplies until the last one has recovered from its overcurrent condition and then synchronize the restart of the outputs.
Synch Start-up Circuit Description Description Pin Location, Definition
26 28 12 R5 (at PSU)
Type
Low level High level
V max I max
Auxiliary power +12 V (Output 2) Logic ground Output inhibit_A PSU 1-3 Synch. Startup 1 PSU 1-3 Synch. Startup_A Rack FNR-3-12G & Rack FNR-3-48G 1-N
Vo2+, Aux output, insulated from main output Logic_GND ,Internally connected over 10 to Vo2-, ( Auxiliary power ground (Output 2)) Inhibit_A ,Active low (DC-DC stage off) Referenced to Logic_GND <0.8 V >2.0 V <7V off > 9V 10 V 3.5 mA 15V 10mA
The synch_start pin is connected to the overcurrent signal of the PSU1-3. In the case of an overcurrent shutdown, this signal goes high.
Referenced to Vo1Sync_start_A , Active high
10
Pin on the D-Sub connector on the backplane
The signals of several racks can be connected together in such a way that all supplies will be inhibited until the last supply has recovered from its overcurrent condition.
Referenced to Logic_GND
NOTE: The Sync-Start pins can be wired together only if the power supplies are connected with a minimal voltage drop on power ground as achieved on a backplane with massive copper bus bars. If there is a less ideal connection, it is recommended to use an opto-coupler for each unit (IC1, D3, D2).
MCD10074 Rev. 1.2, 15-Apr-10
Page 14 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Mechanical Data (FNR-3-12G and FNR-3-48G Power Shelves)
MCD10074 Rev. 1.2, 15-Apr-10
Page 15 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Accessories: Center Angular Brackets are set in the middle for shelf mounting:
Center Angular Bracket sets can be ordered: Power-One part no.: HZZ01222 Note: Each Center Angular Bracket set contains 2 brackets and 8 screws.
MCD10074 Rev. 1.2, 15-Apr-10
Page 16 of 17
www.power-one.com
FNP1500/1800 Front-Ends & FNR-3 Power Shelf Data Sheet
Fulcrum:
The handle has been designed to allow easy plug-in and -out in a rack system. The handle (lever) fits into a counter piece (fulcrum) which is fixed to the bottom of the rack. During the plug, the fulcrum holds the unit down and guides it towards the output connector. The Power-One part number of the fulcrum and its associated mounting accessories is: HZZ01223. Individual fulcrum sets can be also ordered: Power-One part no.: HZZ01223. Note: Each HZZ01223 set contain 2 fulcrums, 2 supports, and mounting accessories.
I2C to USB Interface HZZ02002G:
I2C USB Interface
I2C Management Software: All FNP front-ends can be controlled via Power-One's GUI-driven I2C Management software and an I2C-to-USB interface (P/N HZZ02002G). An I2C Programming Manual describes the complete range of parameters that can be programmed to the FNP1500/1800 front-ends. This manual is available by searching on "FNP1500" at www.power-one.com.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of Power-One, Inc. TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
MCD10074 Rev. 1.2, 15-Apr-10
Page 17 of 17
www.power-one.com


▲Up To Search▲   

 
Price & Availability of FNP1500-12G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X