Part Number Hot Search : 
LBS12201 AN533 MJL21196 12250 S1352 M74HC258 AON6410 ZMD12B
Product Description
Full Text Search
 

To Download FFLI6L0167K-- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Capacitors for Power Electronics
FFLI (RoHS Compliant)
USUAL APPLICATIONS
DC FILTERING
The FFLI capacitor is specifically designed for DC filtering,
PACKAGING MATERIAL
Aluminium cylindrical case filled thermosetting resin. Self extinguishing thermosetting resin (V0 : in accordance with UL 94 ; M2F1 : in accordance with NF F 16-101). Self extinguishing plastic cover (V0 : in accordance with UL 94) ROHS components
LIFETIME EXPECTANCY
One unique feature of this technology (as opposed to electrolytics) is how the capacitor reacts at the end of its lifetime. Whereas with an electrolytic there is a strong risk of explosion of the case. However with our line of film capacitors, the capacitor will simply experience at the end of life a loss of capacitance of about 5%, with no risk of explosion. Please note that this is theoretical, however, as the capacitor continues to be functional even after this 5% decrease. Expected life time for FFLI range: 100 000 Hrs / Undc / Hot-spot temperature = 65C.
DIMENSIONS
Terminal Code JE Threaded Female
1.5 M6 x 10
STANDARDS
Terminal Code -Threaded Male
M8 x 20 A1 Self ex plas Tinned outputs
O1
H1 - 10 H1 2
Marking Marking
5
IEC 61071: IEC 60068-1: IEC 61373: UL 94: UL810:
Power electronic capacitors Environmental testing Shocks and vibrations Fire requirements Capacitors
HOT SPOT CALCULATION
Self extinguishing plastic cover Tinned outputs
Aluminium can D2
M12 x 16 O1 5
MARKING
Capacitance value Nominal dc voltage Maximum rms current Batch number Coded date according IEC62 Max Torque M6 = 4.5.Nm Max Torque M8 = 8.5Nm Max Torque M12 = 15Nm
See Hot Spot Temperature, page 3. For all applications, the hot spot temperature must be lower than 95C. hot spot = ambient + [tg.Q+Rs.(Irms)2].Rth With: Q : Reactive power in Var RS in Ohm Irms in Ampere Rth : Rth ambient / hot spot in C/W tg 0.(10-4) is the tangent of loss angle for polypropylene dielectric. Polypropylene has a constant dielectric losses factor of 2x10-4 irrespective of temperature and frequency (up to 1 MHz). Ambient : Ambient Temperature in C
HOW TO ORDER
FFLI
Series
6
Dielectric 6 = Polypropylene
L
Voltage Code L = 1000V U = 1200V Q = 1400V
0337
Capacitance Code Capacitance Values with 2 significant digits: 0 + pF code 0397 = 390F 0167 = 160F etc.
K
Capacitance Tolerances K = 10%
--
Terminal Code - - = Male Threaded JE = Female Threaded
20
Capacitors for Power Electronics
FFLI Design
Dry with controlled self-healing metallized polypropylene dielectric. Climatic Category Working temperature Storage temperature Test voltage between terminals Test voltage between terminals and case Dielectric 40/95/56 (IEC68) -40C / + 95C (according to the power dissipated ) -40C / +85C @ 25C: 1.5 x Undc during 10s @ 25C:@ 4 kVrms @ 50Hz during 1 min. Polypropylene
RATINGS AND PART NUMBER REFERENCE
Part Number Capacitance (F) 290 390 500 680 810 1000 1200 1350 1600 1900 2400 3000 190 260 330 450 540 650 780 900 1100 1300 1800 2200 150 200 260 350 430 530 630 720 860 1000 1300 1600 105 140 185 250 300 360 440 500 600 700 900 1100 D H1 A Irms (A) I2t (A2s) 13 23 13 24 23 52 52 95 93 300 300 320 8 15 8 16 16 33 33 64 66 210 200 200 6 11 7 12 12 27 27 51 50 160 160 160 5 8 5 9 9 18 19 36 35 120 120 120 LS max. (nH) 60 60 85 85 100 85 100 85 100 140 170 200 60 60 85 85 100 85 100 85 100 140 170 200 60 60 85 85 100 85 100 85 100 140 170 200 60 60 85 85 100 85 100 85 100 140 170 200 RS (m ) 4.1 2.9 5.6 4.3 5.1 3.2 3.7 2.5 3.0 1.4 1.6 1.9 4.5 3.4 6.8 5.2 6.1 3.8 4.5 2.9 3.4 1.5 1.9 2.2 5.0 3.9 7.4 5.9 6.8 4.1 4.9 3.2 3.8 1.7 2.0 2.3 5.8 4.5 8.8 6.7 7.9 4.8 5.6 3.7 4.3 1.9 2.3 2.7 Rth (C/W) 4.1 3.6 3.6 3.3 3.1 3.0 2.9 2.6 2.6 2.4 2.2 2.0 4.1 3.6 3.6 3.3 3.1 3.0 2.9 2.6 2.6 2.4 2.2 2.0 4.1 3.6 3.6 3.3 3.1 3.0 2.9 2.6 2.6 2.4 2.2 2.0 4.1 3.6 3.6 3.3 3.1 3.0 2.9 2.6 2.6 2.4 2.2 2.0 Typical Weight (g) 500 600 600 900 1100 1200 1500 1700 2000 2600 3200 3800 200 300 600 900 1100 1200 1500 1700 2000 2600 3200 3800 500 600 600 900 1100 1200 1500 1700 2000 2600 3200 3800 500 600 600 900 1100 1200 1500 1700 2000 2600 3200 3800
Undc 800V
FFLI6B0297K-FFLI6B0397K-FFLI6B0507K-FFLI6B0687K-FFLI6B0817K-FFLI6B1007K-FFLI6B1207K-FFLI6B1357K-FFLI6B1607K-FFLI6B1907K-FFLI6B2407K-FFLI6B3007K-FFLI6L0197K-FFLI6L0267K-FFLI6L0337K-FFLI6L0457K-FFLI6L0547K-FFLI6L0657K-FFLI6L0787K-FFLI6L0907K-FFLI6L1107K-FFLI6L1307K-FFLI6L1807K-FFLI6L2207K-FFLI6U0157K-FFLI6U0207K-FFLI6U0267K-FFLI6U0357K-FFLI6U0437K-FFLI6U0537K-FFLI6U0637K-FFLI6U0727K-FFLI6U0867K-FFLI6U1007K-FFLI6U1307K-FFLI6U1607K-FFLI6Q1056K-FFLI6Q0147K-FFLI6Q1856K-FFLI6Q0257K-FFLI6Q0307K-FFLI6Q0367K-FFLI6Q0447K-FFLI6Q0507K-FFLI6Q0607K-FFLI6Q0707K-FFLI6Q0907K-FFLI6Q1107K-75 (2.953) 85 (3.346) 75 (2.953) 85 (3.346) 85 (3.346) 100 (3.937) 100 (3.937) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 75 (2.953) 85 (3.346) 75 (2.953) 85 (3.346) 85 (3.346) 100 (3.937) 100 (3.937) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 75 (2.953) 85 (3.346) 75 (2.953) 85 (3.346) 85 (3.346) 100 (3.937) 100 (3.937) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 75 (2.953) 85 (3.346) 75 (2.953) 85 (3.346) 85 (3.346) 100 (3.937) 100 (3.937) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 116 (4.567) 105 105 155 155 180 155 180 155 180 240 290 340 105 105 155 155 180 155 180 155 180 240 290 340 105 105 155 155 180 155 180 155 180 240 290 340 105 105 155 155 180 155 180 155 180 240 290 340 (4.134) (4.134) (6.102) (6.102) (7.087) (6.102) (7.087) (6.102) (7.087) (9.449) (11.42) (13.39) (4.134) (4.134) (6.102) (6.102) (7.087) (6.102) (7.087) (6.102) (7.087) (9.449) (11.42) (13.39) (4.134) (4.134) (6.102) (6.102) (7.087) (6.102) (7.087) (6.102) (7.087) (9.449) (11.42) (13.39) (4.134) (4.134) (6.102) (6.102) (7.087) (6.102) (7.087) (6.102) (7.087) (9.449) (11.42) (13.39) 32 32 32 32 32 50 50 50 50 50 50 50 32 32 32 32 32 50 50 50 50 50 50 50 32 32 32 32 32 50 50 50 50 50 50 50 32 32 32 32 32 50 50 50 50 50 50 50 (1.260) (1.260) (1.260) (1.260) (1.260) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) (1.260) (1.260) (1.260) (1.260) (1.260) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) (1.260) (1.260) (1.260) (1.260) (1.260) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) (1.260) (1.260) (1.260) (1.260) (1.260) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) (13.78) 50 62 45 53 50 65 61 77 72 110 100 100 46 56 40 48 45 60 55 72 68 100 95 95 44 53 39 45 43 57 53 69 64 95 90 90 41 50 35 42 40 52 50 65 60 90 90 85
Undc 1000V
Undc 1150V
Undc 1400V
*Change "--" to "JE" for female terminals
Dimensions millimeters (inches)
21
DC FILTERING
ELECTRICAL CHARACTERISTICS


▲Up To Search▲   

 
Price & Availability of FFLI6L0167K--

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X