Part Number Hot Search : 
CU6050 1SMB60A S822D T495X PZM22N T1608 91ER1KLF LAT03B4U
Product Description
Full Text Search
 

To Download EMSA120150N-P9R-SZ-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a division of CUI INC
date 09/2010 page 1 of 5
SERIES:
EMSA 18W
DESCRIPTION:
SWITCHING POWER SUPPLY
FEATURES
*universal AC input *regulated output voltage *short circuit protection *meets EISA / efficiency level V regulations *custom designs available
RoHS
MODEL
EMSA050300 EMSA060300 EMSA090200 EMSA120150 EMSA150120 EMSA180100 EMSA200090 EMSA240070 output voltage
nominal (V dc)
output current
min (A) max (A)
output wattage
max (W)
ripple*
max. (mVp-p)
efficiency level
cord length
(mm)
5 6 9 12 15 18 20 24
0 0 0 0 0 0 0 0
3.0 3.0 2.0 1.5 1.2 1.0 0.9 0.7
15 18 18 18 18 18 18 18
150 150 150 150 150 180 200 240
V V V V V V V V
1530 100 1530 100 1530 100 1530 100 1530 100 1530 100 1530 100 1530 100
*at full load, 100 ~ 240 V ac input, measured at 20MHz bandwidth with a 10 uF electrolytic cap and a 0.1 uF ceramic cap on the output
PART NUMBER KEY EMSA120150 X - XX - SZ - CXX
example of 12 V dc, 1.5 A
Base Number
DC Plug type: see output plug options on page 4
Factory Designation
Reserved for custom configurations
Blades: "blank" = North American, European, United Kingdom, Australian, and China blades included N = North American blade included E = European blade included B = United Kingdom blade included A = Australian blade included C = China blade included
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 2 of 5
SERIES:
EMSA 18W
DESCRIPTION:
SWITCHING POWER SUPPLY
INPUT
parameter rated input voltage input voltage range rated frequency frequency range rated input current inrush current 5, 6 V output: 115 V ac, cold start 5, 6 V output: 230 V ac, cold start all other outputs: 115 V ac, cold start all other outputs: 230 V ac, cold start conditions/description min 100 90 50 47 nom max 240 264 60 63 0.6 30 60 40 80 0.3 units V ac V ac Hz Hz A A A A A W
no load power consumption
OUTPUT
parameter line regulation load regulation over voltage protection short circuit protection output voltage clamped by internal protection zener output shut down and auto-restart conditions/description min nom 1 5 max units % %
SAFETY & EMI
parameter HI-POT insulation resistance safety approvals EMI standard leakage current RoHS compliant yes conditions/description input to output at 10 mA for 1 minute input to output at 500 V dc UL/cUL, GS, RCM, BSMI FCC class B, CE, VCCI-II 0.25 mA 100 min nom max 3,000 4,242 units V ac V dc M
ENVIRONMENTAL
parameter operating temperature operating humidity storage temperature storage humidity conditions/description min 0 20 -10 10 nom max 40 80 75 90 units C % C %
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 3 of 5
SERIES:
EMSA 18W
DESCRIPTION:
SWITCHING POWER SUPPLY
MECHANICAL DRAWING
input plug weight case size multi-blade (UL, VDE, UK, SAA, CCC) 167 g 74 L x 43.5 W x 35.3 H mm tolerance: 1 mm
EMS-US
EMS-AU
EMS-UK
EMS-EU
EMS-CC
DC CORD
Cable Gauge EMSA050300 EMSA060300 EMSA090200 EMSA120150 EMSA150120 EMSA180100 EMSA200090 EMSA240070 18 AWG 18 AWG 20 AWG 20 AWG 20 AWG 22 AWG 22 AWG 22 AWG
Black wire, white stripe: Positive
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 4 of 5
SERIES:
EMSA 18W
DESCRIPTION:
SWITCHING POWER SUPPLY
OUTPUT PLUG OPTIONS
3.5 mm Phono Plug
*Tip positive
P1
P1R
Standard DC Plug
P5/P5R P6/P6R P7/P7R P8/P8R P9/P9R A 5.5 5.5 3.5 3.8 3.8 B 2.1 2.5 1.3 1.35 1.05 C 9.5 9.5 9.5 9.5 9.5 Unit mm mm mm mm mm
Standard PX
Right Angle PXR
Locking DC Plug
A 5.5 5.5 B 2.1 2.5 C 9.5 9.5 Unit mm mm
P10 P11
EIAJ Plugs
EIAJ A B P12/P12R EIAJ-1 2.35 0.7 P13/P13R EIAJ-2 4.0 1.7 P14/P14R EIAJ-3 4.75 1.7 C 9.5 9.5 9.5 D NA 5.0 5.0 Unit mm mm mm
Standard PXX
Right Angle PXXR
Stripped and Tinned
DC PLUG TYPE ST
stripped and tinned Plug type
PXX X X
Plug angle: "blank" = standard R = right angle Plug polarity: "blank" = N/A P = center positive N = center negative
*Contact CUI for additional output plug options.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 5 of 5
SERIES:
EMSA 18W
DESCRIPTION:
SWITCHING POWER SUPPLY
INDIVIDUAL PACKAGING
tolerance 1 mm
RoHS Compliant
PACKAGING
tolerance +7 / -0 mm
"RoHS Compliant"
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com


▲Up To Search▲   

 
Price & Availability of EMSA120150N-P9R-SZ-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X