|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LED - Chip discontinued Radiation Infrared 460 360 300 ELC-1020-28-1 10.04.2007 Type MQW Technology InGaAs/GaAs rev. 04/06 Electrodes N (cathode) up typ. dimensions (m) typ. thickness 260 (20) m cathode gold alloy, 1.5 m anode gold alloy, 1.5 m, solderable PD-02 Optical and Electrical Characteristics Tamb = 25C, unless otherwise specified Test Parameter conditions Forward voltage Reverse voltage Radiant power1 Radiant power2 Peak wavelength Spectral bandwidth at 50% Switching time 1 2 Symbol Min Typ Max Unit IF = 100 mA IR = 10 A IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA VF VR e e p 0.5 tr, tf 1000 10 0.75 1.2 1.4 V V 1.5 3.0 1020 80 10 1050 mW mW nm nm ns Measured on bare chip on TO-18 header with EPIGAP equipment Measured on epoxy covered chip on TO-18 header with EPIGAP equipment Labeling Type EL-1020-28-1 Lot N e(typ) [mW] VF(typ) [V] Quantity Packing: Chips on adhesive film with wire-bond side on top EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 1 |
Price & Availability of ELC-1020-28-1 |