|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Power entry modules without line filter www.schurter.com/pg05 IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole EC Snap-In Version or Screw-On Version illuminated version C20 70 C Description -PanelMount: Screw-onversionfromfrontorrearside,snap-inversionfromfront side -2Functions: ApplianceInletProtectionclassI,LineSwitch2-pole -Quickconnectterminals6.3x0.8mm -Alternative:versionwithlinefilterEC12 Characteristics -Allsingleelementsarealreadywired Unwiredversionsavailableonrequest -Lineswitchnon-illuminatedorilluminated -Idealforapplicationwithhightransientloads -QualifiedforuseinequipmentaccordingIEC/EN60950 Other versions on request Approvals -VDELicenseNumber:40001031 -ULLicenseNumber:E96454 -Unwiredversions -Lineswitchwithotherrockermarking -ForprotectionclassII References Weblinks GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories Technical Data RatingsIEC RatingsUL/CSA DielectricStrength 16A/250VAC;50Hz 20A/250VAC;60Hz >2.5kVACbetweenL-N >3kVACbetweenL/N-PE (1min/50Hz) -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals6.3x0.8mm Screw:max8mm Mountingscrewtorquemax0.5Nm Snap-in:1.5/2/2.5mm Thermoplastic,black,UL94V-0 ApplianceInlet C20acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,16A, ProtectionClass1 Rockerswitch2-pole,non-illuminated orilluminated,acc.toIEC61058-1 Technicaldetails LineSwitch AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal PanelThicknesss Material:Housing Connectors EC www.schurter.com/pg05 Dimensions Screw on PCB mounting 36 32.2 -0.10 +0.05 Power entry modules without line filter 67mm ca. 52 31.6 2.3 0.05 31.7 -0.08 +0.05 3.6 R 0.8 46.2 -0.10 +0.05 R 2. 95 0 .0 5 45.7 -0.10 10.4 R 2. 8 5 4. 7 11.95 0.08 12.20.08 3.3 0.05 6.4 26.6 S 4.8 32.5 0.10 Snap-in mounting 36 32.2 -0.10 +0.05 ca. 52 31.6 2.3 0.05 31.7 -0.08 +0.05 46.2 -0.10 +0.05 R 2. 95 0 .0 5 45.7 -0.10 2.15 R 1.9 7 4. 11.95 0.08 12.20.08 S 0.05 26.6 4.8 32.5 +0.05 -0.10 Diagrams Line switch non-illuminated Line switch illuminated 1) Line 2) Load 1) Line 2) Load Connectors +0.05 46.5 -0.10 +0.05 -0.10 50 23.85 +0.05 5.25 0.05 R R6 46.50.10 6 2. +0.05 -0.15 23.85 +0.05 57 0.10 6 67 57 R 2. R 2.8 Power entry modules without line filter www.schurter.com/pg05 Variants withinternalconnections Panel mounting Screw Screw Screw Screw Screw Screw Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Panel Thickness s [mm] 6 1.5 1.5 1.5 1.5 1.5 1.5 2 2 2 2 2 2 2.5 2.5 2.5 2.5 2.5 2.5 l l l l l l l l l l l l l l l l Illumination Color red red green green red red green green red red green green red red green green l l l l l l l l l l l l Internally wired Order Number EC11.0001.002 EC11.0021.001 EC11.0021.002 EC11.0031.001 EC11.0031.002 EC11.0001.001 EC11.0001.201 EC11.0001.202 EC11.0021.201 EC11.0021.202 EC11.0031.201 EC11.0031.202 EC11.0001.301 EC11.0001.302 EC11.0021.301 EC11.0021.302 EC11.0031.301 EC11.0031.302 EC11.0001.401 EC11.0001.402 EC11.0021.401 EC11.0021.402 EC11.0031.401 EC11.0031.402 EC Packaging unit Accessories 25Pcs Description Assorted Covers Rear Cover 0859.0076 Cord retaining kits Cord retaining strain relief Flat head, Z Flat head, H 0888.0021 4700.0008 Connectors EC www.schurter.com/pg05 Mating Outlets/Connectors Category / Description Connector Overview complete IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight Connector further types to EC11 Power entry modules without line filter 0104 1651 1652 4790 4795 Power Cord Overview complete Power Cord with IEC Connector C19, Straight Power Cord further types to EC11 1654 Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 10 A Divers Power Supply and Interconnection Cords 16 A Divers Power Supply and Interconnection Cords 16 A Power Supply or Interconnection Cord further types to EC11 4300.0920 6003.0395 6009.5195 Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments. |
Price & Availability of EC110021001 |