Part Number Hot Search : 
BCX71G RL102 ML614 110LT3 1EEBP C1100H LA6595T UPC831
Product Description
Full Text Search
 

To Download DA2077-AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 518
Flyback Transformer
For ON Semiconductor NCP1027
The DA2077-AL flyback transformer has been specifically developed for use with ON Semiconductor's NCP1027 Standby Power Supply for ATX Applications and is specified in Application Note AND8241/D. This transformer is designed for universal input, 85 - 265 Vac. It operates in continuous conduction mode within an input voltage range of 120 Vdc to 375 Vdc and at a 65 kHz switching frequency. Primary to secondary isolation is 2000 Vrms. Coilcraft can also custom engineer a transformer to meet your specific requirements. For free evaluation samples, contact Coilcraft or visit www.coilcraft.com.
Part number DA2077-AL
1. 2. 3. 4.
Inductance at 0 A1 10% (mH) 3.4
DCR max (Ohms) pri sec aux 2.53 0.042 0.574
Leakage inductance2 max (H) 114
Turns ratio pri : aux pri : sec 1 : 0.06 1 : 0.15
Output 5 V, 2 A (sec) 12.5 V, 10 mA (aux)
Inductance is for the primary, measured at 10 kHz, 0.1 Vrms, 0 Adc Leakage inductance tested at 100 kHz, 0.1 Vrms Operating temperature range -40C to +85C. Electrical specifications at 25C.
1.100 max 27,94
10 Primary 6
0.950 max 24,13
5 Secondary 1
7 Auxiliary 9
0.620 15,75
0.150 0.030 3,81 0,76 6
0.150 3,81
Recommended Board Layout
1 0.200 (7 places) 5,08
5
1.100 max 27,94 1 0.0346 0,879
10
Bottom View
0.620 15,75
0.060 1,52
Weight: 16.5 g Terminations: Matte tin over copper Packaged: 49 parts per tray
Specifications subject to change without notice. Please check our website for latest information.
Document 518
Revised 12/02/08
(c) Coilcraft, Inc. 2008


▲Up To Search▲   

 
Price & Availability of DA2077-AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X