Part Number Hot Search : 
1SMC26CA Y7C63 RF830 AK68512D 645ETT C105M 49801 STUS039
Product Description
Full Text Search
 

To Download CS12ANW03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Power Rated Slides
Series CS
Distinctive Characteristics
High performance and high quality at a low price. Molded cover and case of high insulating material withstand 12 kilovolts of electrostatic discharge (ESD), providing antistatic feature.
Cover and case UL 94V-0 flammability rated.
Epoxy sealed terminals to lock out flux, dust, and other contaminants.
Suited for a wide variety of applications including telecommunications, electronic controls, audio devices, and household appliances.
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
12-07
Miniature Power Rated Slides
Series CS
General Specifications
Electrical Capacity (Resistive Load)
Power Level: 3A @ 125V AC or 2A @ 250V AC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Static Capability: Contact Timing: Total Travel:
10 milliohms maximum 1,000 megohms minimum @ 500V DC 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum 50,000 operations minimum 20,000 operations minimum Withstands 12 kilovolts ESD Nonshorting (break-before-make) .087" (2.2mm)
Materials & Finishes
Actuator: Cover & Case: Movable Contacts: Stationary Contacts: Terminals:
Glass fiber reinforced polyamide Glass fiber reinforced polyamide (UL94V-0) Copper with silver plating Silver capped copper with silver plating Copper with silver plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
-30C through +85C (-22F through +185F) 90 ~ 95% humidity for 240 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Soldering Time & Temp: Cleaning:
Wave Soldering: See Profile A in Supplement section. Manual Soldering: See Profile B in Supplement section. These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standard:
UL94V-0 cover & case
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
12-07
Miniature Power Rated Slides
TYPICAL SWITCH ORDERING EXAMPLE
Series CS
CS
POLES
1 2 SPDT DPDT
1
2
ACTUATORS
A B
A
N
W
CONTACT MATERIAL & RATING
W Silver Rated 3A @ 125V AC
03
Narrow for Single Pole Wide for Double Pole
CIRCUITS
2 ON NONE ON N
MOUNTING
PCB Mount 03
TERMINALS
Straight PC
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
CS12ANW03
Narrow Actuator SPDT ON-NONE-ON Circuit
Silver Contacts with 3-Amp Rating Straight PC Terminals for PCB Mounting
POLES & CIRCUITS
Slide Position Left Pole SP DP Model CS12 CS22 ON ON NONE NONE ON ON 2-1 2-1 5-4 OPEN OPEN 2-3 2-3 5-6 Center Right Left Connected Terminals Center Right Throw & Schematics Note: Terminal numbers are not actually on switch.
2 (COM)
SPDT DPDT
1 2 1 (COM) 3 4
3 5 6
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
12-07
Miniature Power Rated Slides
MOUNTING
Panel Cutouts PCB Footprints
Series CS
(4.8) .189
3 3 6 5 4
(6.8) .268 (4.6) .181 (9.0) .354
(6.8) .268
2 1
(4.7) Typ .185 (1.6) Dia Typ .063
2 1
(4.7) Typ .185
(1.6) Dia Typ .063
Single Pole
Double Pole
Single Pole
Double Pole
TYPICAL SWITCH DIMENSIONS
Single Pole
(0.7) Typ .028 (0.5) .020 (4.7) Typ .185 (4.3) .169 (6.4) .252 (0.5) .020
3 2 ON
(14.0) .551
ON
(3.8) .150
(12.7) .500
1
(3.8) .150 (7.0) .276
(5.1) .201
(6.4) .252
(6.6) .260
(1.2) .047
CS12ANW03
Actuator shown in LEFT position
Double Pole
(0.7) Typ .028 (0.5) .020 (4.7) Typ .185 (4.3) .169 (6.4) .252 (1.2) Typ .047
6 5 3 2
(0.5) .020 (12.7) .500
(14.0) .551
ON
(3.8) .150
ON
4
1
(8.2) .323 (11.8) .465
(5.1) .201
(7.6) .299
(4.8) .189 (11.4) .449
CS22BNW03
Actuator shown in LEFT position
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
12-07


▲Up To Search▲   

 
Price & Availability of CS12ANW03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X