Part Number Hot Search : 
A471J X0006T 4HCT0 PSD6407 T5100380 6300A SI7818DN 1N4005G
Product Description
Full Text Search
 

To Download C13202101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product SKU: Product Description: Product Category:
C1320.21.01 Hook-Up Wire, PVC Test Lead, No. of Conductors: 1, Gauge Size (AWG): 18, Conductor/Strands: 65/36,Temperature Range: -25AC to +60AC - Black - 1000 Ft. Spool Electronics - Hook-Up Wire - Rubber/PVC Test Lead - PVC Test Lead - Black
Product Construction:
Conductor: Insulation: Fully-annealed, stranded tinned copper per ASTM B-33 Temperature range: -25AC to +60AC PVC Premium grade color coded Polyvinylchloride (PVC)
Product Specification:
No. of Conductors: 1 18 65/36 Black 0.045 1.14 20,000V 5,000V 0.140 3.56 1000' Spool Conductor Size (AWG): Conductor/Strands: Jacket Color: Nominal Insulation Thickness (in): Nominal Insulation Thickness (mm): Breakdown Voltage (AC,ms): Working Voltage: Nominal Outside Diameter (in): Nominal Outside Diameter (mm): Standard Packaging:
Standard Package Quantity: UPC #: Footnote: Put-up: SCC-14: Cube: Weight Per Unit of Measure: ColorOption:
1 079407815128 For intermittent duty only. 1000 50079407815122 533.12 .01 Black Oscillators Test equipment
Product Information:
Applications:
Packaging:
1000' (305 m) Spools 500' (152m) Reels 5000' (1524m) Reels Other put-ups available- consult Customer Service
Reference Charts
Color Code Chart
Technical Specifications
Unit Conversion Factors Cable Design Equations - Balanced Pair Insulation and Jacket Properties Temperature Conversion Chart Decimal and Unit Conversion Factors Cable Design Equations - Braid Shield AWG Conductor Chart Conduit Capacity Chart Cable Design Equations - Coaxial Cable Engineering Prefixes Coax Connector Cross Reference Glossary


▲Up To Search▲   

 
Price & Availability of C13202101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X