Part Number Hot Search : 
12000 P020H 8HC11 LT8301 76650 TW2968 UPD573 TSM1215D
Product Description
Full Text Search
 

To Download BU2527AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
BU2527AF
DESCRIPTION With TO-3PFa package High voltage High speed switching APPLICATIONS For use in horizontal deflection circuits of high resolution monitors
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICP IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Base current (DC) Base current (Pulse) Total power dissipation Max.operating junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 1500 800 7.5 12 30 8 12 45 150 -65~150 ae ae UNIT V V V A A A A W
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Emitter-base saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=100mA ;IB=0,L=25mH IE=1mA ;IC=0 IC=6A ;IB=1.2A IC=6A ;IB=1.2A VCE=BVCES; VBE=0 TC=125ae VEB=7.5V; IC=0 IC=1A ; VCE=5V IC=6A ; VCE=5V 5 MIN 800 7.5
BU2527AF
SYMBOL VCEO(SUS) VEBO VCEsat VBEsat ICES IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V V
5.0 1.3 0.25 2.0 0.25 10 9
V V mA mA
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2527AF
Fig.2 Outline dimensions (unindicated tolerance:A
0.30mm)
JMnic


▲Up To Search▲   

 
Price & Availability of BU2527AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X