Part Number Hot Search : 
SA636DK BC847C MJE52103 USC1105 UPC1378 STV223 CTQ150 SST2623J
Product Description
Full Text Search
 

To Download BU2527AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2527AF
DESCRIPTION *With TO-3PFa package *High voltage *High speed switching APPLICATIONS *For use in horizontal deflection circuits of high resolution monitors
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Base current (DC) Base current-peak Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 800 7.5 12 30 8 12 45 150 -65~150 UNIT V V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
BU2527AF
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA ;IB=0,L=25mH
800
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
7.5
V
VCEsat
Collector-emitter saturation voltage
IC=6A ;IB=1.2A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=6A ;IB=1.2A VCE=BVCES; VBE=0 Tj=125 VEB=7.5V; IC=0
1.3 0.25 2.0 0.25
V
ICES
Collector cut-off current
mA
IEBO
Emitter cut-off current
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
10
hFE-2
DC current gain
IC=6A ; VCE=5V
5
9
CC
Collector capacitance
VCB=10V;IE=0; f=1.0MHz
145
pF
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2527AF
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of BU2527AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X