Part Number Hot Search : 
06780 GPM130C KR24D 2SK31 1000M V846ME08 GPM130C LVA82A
Product Description
Full Text Search
 

To Download BCW61C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL SPECIFICATION
SEMICONDUCTOR
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
RECTRON
BCW61C
FEATURES
* Power dissipation PCM : 0.25 W (Tamb =25OC)
SOT-23
MECHANICAL DATA
* * * * *
COLLECTOR
3
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.008 gram
BASE
1
EMITTER
2
0.055(1.40) 0.047(1.20) 0.006(0.15) 0.003(0.08) 0.020(0.50) 0.012(0.30)
0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00)
0.020(0.50) 0.012(0.30)
0.100(2.55) 0.089(2.25)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase , half wave, 60HZ, resistive or inductive load. For capacitive load, derate current by 20%.
O
0.019(2.00) 0.071(1.80)
1 3 2
0.118(3.00) 0.110(2.80)
Dimensions in inches and (millimeters) MAXIMUM RATINGS ( @ TA = 25 C unless otherwise noted )
o
CHARACTERISTICS Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current-continuous Total device dissipation Junction and storage temperature CHARACTERISTICS Collector-base breakdown voltage (IC= -10mA, IE=0) Collector-emitter breakdown voltage (IC= -1mA, IB=0) Emitter-base breakdown voltage (IE= -10mA, IC=0) Collector cut-off current (VCB= -32V, IE=0) Collector cut-off current (VEB= -4V, IE=0) DC current gain (VCE= -5V, IC= -10mA) DC current gain (VCE= -5V, IC= -2mA) DC current gain (VCE= -1V, IC= -50mA) Collector-emitter saturation voltage (IC= -10mA, IB= -0.25mA) Collector-emitter saturation voltage (IC= -50mA, IB= -1.25mA) Base-emitter saturation voltage (IC= -10mA, IB= -0.25mA) Base-emitter saturation voltage (IC= -50mA, IB= -1.25mA) Base-emitter voltage (VCE= -5V, IC= -10mA) Base-emitter voltage (VCE= -5V, IC= -2mA) Base-emitter voltage (VCE= -1V, IC= -50mA) Transition frequency (VCE= -5V, IC= -10mA, f=100MHZ) Collector capacitance (VCB= -10V, IE= 0, f=1MHZ) Emitter capacitance (VEB= -0.5V, IC= 0, f=1MHZ) Marking Note 1: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
SYMBOL VCBO VCEO VEBO IC PC TJ ,Tstg SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE MIN -32 -32 -5 40 250 100 VCE(sat) VBE(sat) -0.06 -0.12 -0.6 -0.68 VBE(ON) fT Cc Ce -0.6 100 -
VALUE -32 -32 -5 -0.1 0.25 -55 - 150 TYP -0.55 -0.72 4.5 11 BC MAX -0.02 -0.02 460 -0.25 -0.55 -0.85 -1.05 -0.75 -
UNITS V V V A W oC UNITS V V V mA mA V V V V V V V MHZ pF pF
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
2006-3
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of BCW61C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X