Part Number Hot Search : 
EA1006AE LTC372 78L06M FM101 LM134 40014 MC79M12 DFLT6V0A
Product Description
Full Text Search
 

To Download BAV99S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS16TW/BAW56DW/BAV70DW/BAV99S
SURFACE MOUNT SWITCHING DIODES
VOLTAGE FEATURES
* Fast switching speed. * Surface mount package Ideally Suited for Automatic insertion * High Conductance * In compliance with EU RoHS 2002/95/EC directives
100 Volts
POWER
200mWatts
MECHANICAL DATA
* Case: SOT-363, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Weight: approximately 0.006gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
PARAMETER Marking Code Reverse Voltage Peak Reverse Voltage Rectified Current (Average),Half Wave Rectification With Resistive Load and f>50Hz Peak Forward Surge Current, 1.0s Power Dissipation Derate Above 25OC SYMBOL VR VRM IO I FS M PTOT BAS16TW 16T BAW56DW JC 75 100 150 4.0 200 0.715@I F=0.001A 0.855@I F=0.01A 1.0@I F=0.05A 1.25@I F=0.15A 0.03 2.5 1.5 4.0 625 -55 to +150 Fig.48 Fig.51 Fig.52 Fig.32
O
BAV70DW JA
BAV99S JB
UNITS V V mA A mW
Maximum Forward Voltage Maximum DC Reverse Current at 25V 75V Maximum Junction Capacitance (Note 1) Maximum Reverse Recovery Time (Note 2) Typical Thermal Resistance Junction Temperature Range Circuit Figure
VF
V
IR CJ TRR RJA TJ
A pF ns C/W
O
C
NOTE : 1. Reverse Bias Voltage = 0. f=1MHz 2. I F=10mA to I R=1mA. VR=6V. Load=100
REV.0.0-JAN.6.2009
PAGE . 1
BAS16TW/BAW56DW/BAV70DW/BAV99S
1000
10
T J = 125 C
O
Forward Current,mA
100
Rever se Curren t, m A
1.0
10
0.1
T J = 75 C
O
1
0.01
T J = 25 C
0 .0 0 1
O
0 .1 0 .2
0 .4
0 .6
0 .8
1 .0
1 .2
1 .4
0
20
40
60
80
100
Forward Voltage, Volts
FIG.1-TYPICAL FORWARD CHARACTERISTICS
Reverse Voltage, Volts
FIG.2-TYPICAL REVERSE CHARACTERISTICS
P D ,Power Dissipati on, mW
500
400
300
200
100
0
50
100
150
200
Ambient Temperature ( oC)
FIG.3-POWER DERATING CURVE
6
5
4
6
5
4
6
5
4
6
5
4
1
2
3
1
2
3
1
2
3
1
2
3
Fig.48
REV.0.0-JAN.6.2009
Fig.51
Fig.52
Fig.32
PAGE . 2
BAS16TW/BAW56DW/BAV70DW/BAV99S
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.0-JAN.6.2009
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BAV99S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X