Part Number Hot Search : 
STK4161 CSPLTVK 5KE10 TDF2912 CSPLTVK H5PS5 4LVCH 2SD0966
Product Description
Full Text Search
 

To Download 9C12063A10R0FKHFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
Document Number: MRF8S9102N Rev. 0, 2/2011
RF Power Field Effect Transistor
N--Channel Enhancement--Mode Lateral MOSFET
Designed for CDMA base station applications with frequencies from 865 to 960 MHz. Can be used in Class AB and Class C for all typical cellular base station modulation formats. * Typical Single--Carrier W--CDMA Performance: VDD = 28 Volts, IDQ = 750 mA, Pout = 28 Watts Avg., IQ Magnitude Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF.
Frequency 920 MHz 940 MHz 960 MHz Gps (dB) 23.1 23.1 22.8 D (%) 36.4 36.4 36.6 Output PAR (dB) 6.3 6.2 6.1 ACPR (dBc) --35.5 --36.1 --35.8
MRF8S9102NR3
865-960 MHz, 28 W AVG., 28 V SINGLE W-CDMA LATERAL N-CHANNEL RF POWER MOSFET
* Capable of Handling 10:1 VSWR, @ 32 Vdc, 940 MHz, 144 Watts CW Output Power (3 dB Input Overdrive from Rated Pout), Designed for Enhanced Ruggedness * Typical Pout @ 1 dB Compression Point 100 Watts CW 880 MHz * Typical Single--Carrier W--CDMA Performance: VDD = 28 Volts, IDQ = 750 mA, Pout = 28 Watts Avg., IQ Magnitude Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF.
Frequency 865 MHz 880 MHz 895 MHz Gps (dB) 22.9 23.0 22.8 D (%) 35.4 35.5 35.6 Output PAR (dB) 6.4 6.2 6.0 ACPR (dBc) --34.7 --35.1 --35.7 CASE 2021-03, STYLE 1 OM-780-2 PLASTIC
Features * 100% PAR Tested for Guaranteed Output Power Capability * Characterized with Series Equivalent Large--Signal Impedance Parameters and Common Source S--Parameters * Internally Matched for Ease of Use * Integrated ESD Protection * Greater Negative Gate--Source Voltage Range for Improved Class C Operation * Designed for Digital Predistortion Error Correction Systems * Optimized for Doherty Applications * 225C Capable Plastic Package * RoHS Compliant * In Tape and Reel. R3 Suffix = 250 Units, 32 mm Tape Width, 13 inch Reel.
(c) Freescale Semiconductor, Inc., 2011. All rights reserved.
MRF8S9102NR3 1
RF Device Data Freescale Semiconductor
Table 1. Maximum Ratings
Rating Drain--Source Voltage Gate--Source Voltage Operating Voltage Storage Temperature Range Case Operating Temperature Operating Junction Temperature
(1,2)
Symbol VDSS VGS VDD Tstg TC TJ
Value --0.5, +70 --6.0, +10 32, +0 --65 to +150 150 225
Unit Vdc Vdc Vdc C C C
Table 2. Thermal Characteristics
Characteristic Thermal Resistance, Junction to Case Case Temperature 81C, 28 W CW, 28 Vdc, IDQ = 750 mA, 880 MHz Case Temperature 80C, 100 W CW, 28 Vdc, IDQ = 750 mA, 880 MHz Symbol RJC Value (2,3) 0.63 0.58 Unit C/W
Table 3. ESD Protection Characteristics
Test Methodology Human Body Model (per JESD22--A114) Machine Model (per EIA/JESD22--A115) Charge Device Model (per JESD22--C101) Class 2 (Minimum) A (Minimum) IV (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology Per JESD22--A113, IPC/JEDEC J--STD--020 Rating 3 Package Peak Temperature 260 Unit C
Table 5. Electrical Characteristics (TA = 25C unless otherwise noted)
Characteristic Off Characteristics Zero Gate Voltage Drain Leakage Current (VDS = 70 Vdc, VGS = 0 Vdc) Zero Gate Voltage Drain Leakage Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate--Source Leakage Current (VGS = 5 Vdc, VDS = 0 Vdc) On Characteristics Gate Threshold Voltage (VDS = 10 Vdc, ID = 400 Adc) Gate Quiescent Voltage (VDS = 28 Vdc, ID = 750 mAdc) Fixture Gate Quiescent Voltage (4) (VDD = 28 Vdc, ID = 750 mAdc, Measured in Functional Test) Drain--Source On--Voltage (VGS = 10 Vdc, ID = 1.7 Adc) VGS(th) VGS(Q) VGG(Q) VDS(on) 1.5 -- 4.6 0.1 2.3 3.1 6.2 0.2 3.0 -- 7.6 0.3 Vdc Vdc Vdc Vdc IDSS IDSS IGSS -- -- -- -- -- -- 10 1 1 Adc Adc Adc Symbol Min Typ Max Unit
1. Continuous use at maximum temperature will affect MTTF. 2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF calculators by product. 3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf. Select Documentation/Application Notes -- AN1955. 4. VGG = 2 x VGS(Q). Parameter measured on Freescale Test Fixture, due to resistive divider network on the board. Refer to Test Circuit schematic. (continued)
MRF8S9102NR3 2 RF Device Data Freescale Semiconductor
Table 5. Electrical Characteristics (TA = 25C unless otherwise noted) (continued)
Characteristic Symbol Min Typ Max Unit Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 750 mA, Pout = 28 W Avg., f = 920 MHz, Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. Power Gain Drain Efficiency Output Peak--to--Average Ratio @ 0.01% Probability on CCDF Adjacent Channel Power Ratio Input Return Loss Gps D PAR ACPR IRL 21.5 34.0 6.0 -- -- 23.1 36.4 6.3 --35.5 --14 24.0 -- -- --32.5 --9 dB % dB dBc dB
Typical Broadband Performance (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 750 mA, Pout = 28 W Avg., Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. Frequency 920 MHz 940 MHz 960 MHz Pout @ 1 dB Compression Point, CW IMD Symmetry @ 82 W PEP, Pout where IMD Third Order Intermodulation 30 dBc (Delta IMD Third Order Intermodulation between Upper and Lower Sidebands > 2 dB) VBW Resonance Point (IMD Third Order Intermodulation Inflection Point) Gain Flatness in 40 MHz Bandwidth @ Pout = 28 W Avg. Gain Variation over Temperature (--30C to +85C) Output Power Variation over Temperature (--30C to +85C) Gps (dB) 23.1 23.1 22.8 P1dB IMDsym D (%) 36.4 36.4 36.6 -- -- Output PAR (dB) 6.3 6.2 6.1 100 20 ACPR (dBc) --35.5 --36.1 --35.8 -- -- IRL (dB) --14 --22 --17 W MHz
Typical Performances (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 750 mA, 920--960 MHz Bandwidth
VBWres GF G P1dB
-- -- -- --
80 0.3 0.02 0.004
-- -- -- --
MHz dB dB/C dB/C
Typical Broadband Performance -- 880 MHz (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 750 mA, Pout = 28 W Avg., Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. Frequency 865 MHz 880 MHz 895 MHz 1. Part internally matched both on input and output. Gps (dB) 22.9 23.0 22.8 D (%) 35.4 35.5 35.6 Output PAR (dB) 6.4 6.2 6.0 ACPR (dBc) --34.7 --35.1 --35.7 IRL (dB) --15 --23 --19
MRF8S9102NR3 RF Device Data Freescale Semiconductor 3
R1 R2 C3 C9 C10 C8 CUT OUT AREA R3
C12
C2
C4
C5
C14
C15
C16
C11
C6
C7
C13
C1
MRF8S9102N Rev. 0
Figure 1. MRF8S9102NR3 Test Circuit Component Layout Table 6. MRF8S9102NR3 Test Circuit Component Designations and Values
Part C1, C2 C3, C4, C5, C6, C7 C8, C14, C15 C9, C12, C13, C16 C10 C11 R1, R2 R3 PCB Description 220 F, 63 V Electrolytic Capacitors 10 F, 50 V Chip Capacitors 3.0 pF Chip Capacitors 47 pF Chip Capacitors 4.3 pF Chip Capacitor 4.7 pF Chip Capacitor 1 K, 1/8 W Chip Resistors 10 , 1/4 W Chip Resistor 0.020, r = 3.5 Part Number 222212018221 C5750X5R1H106M ATC100B3R0BT500XT ATC100B470JT500XT ATC100B4R3BT500XT ATC100B4R7BT500XT WCR08051KFI 9C12063A10R0FKHFT RO4350 Manufacturer Vishay TDK ATC ATC ATC ATC Welwyn Yageo Rogers
MRF8S9102NR3 4 RF Device Data Freescale Semiconductor
TYPICAL CHARACTERISTICS
VDD = 28 Vdc, Pout = 28 W (Avg.), IDQ = 750 mA Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth D, DRAIN EFFICIENCY (%) 27 26 25 Gps, POWER GAIN (dB) 24 23 22 21 20 19 18 17 820 ACPR IRL 840 860 880 900 920 940 960 D Gps Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF PARC 40 38 36 34 32 --36 --36.5 ACPR (dBc) --37 --37.5 --38 --38.5 980
IRL, INPUT RETURN LOSS (dB)
0 --5 --10 --15 --20 --25
--0.5 --0.8 --1.1 --1.4 --1.7 --2 PARC (dB)
f, FREQUENCY (MHz)
Figure 2. Output Peak- -Average Ratio Compression (PARC) -toBroadband Performance @ Pout = 28 Watts Avg.
--10 --20 --30 --40 --50 --60 VDD = 28 Vdc, Pout = 82 W (PEP), IDQ = 750 mA Two--Tone Measurements (f1 + f2)/2 = Center Frequency of 940 MHz IM3--U IM3--L IM5--U IM5--L IM7--L 1 10 TWO--TONE SPACING (MHz) IM7--U 100
IMD, INTERMODULATION DISTORTION (dBc)
Figure 3. Intermodulation Distortion Products versus Two-Tone Spacing
24 OUTPUT COMPRESSION AT 0.01% PROBABILITY ON CCDF (dB) 23.5 Gps, POWER GAIN (dB) 23 22.5 22 21.5 21 2 60 D D, DRAIN EFFICIENCY (%) 50 40 30 --1 dB = 25 W --2 dB = 35 W PARC 10 20 30 40 50 60 Gps --3 dB = 48 W 20 10 0 --20 --25 --30 --35 --40 --45 --50 ACPR (dBc)
VDD = 28 Vdc, IDQ = 750 mA, f = 940 MHz, Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth, Input Signal 1 PAR = 7.5 dB @ 0.01% Probability on CCDF 0 --1 --2 --3 --4
ACPR
Pout, OUTPUT POWER (WATTS)
Figure 4. Output Peak- -Average Ratio -toCompression (PARC) versus Output Power
MRF8S9102NR3 RF Device Data Freescale Semiconductor 5
TYPICAL CHARACTERISTICS
24 Gps 23 Gps, POWER GAIN (dB) 22 21 20 19 18 1 10 Pout, OUTPUT POWER (WATTS) AVG. 940 MHz 920 MHz 60 D 50 D, DRAIN EFFICIENCY (%) 40 30 ACPR 920 MHz 940 MHz 960 MHz 0 100 --60 20 10 --10 --20 --30 --40 --50 ACPR (dBc) +ACPR in 3.84 MHz Integrated BW 1.8 3.6 0
960 MHz VDD = 28 Vdc, IDQ = 750 mA, Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF 960 MHz 940 MHz 920 MHz
Figure 5. Single-Carrier W-CDMA Power Gain, Drain Efficiency and ACPR versus Output Power
30 25 20 GAIN (dB) 15 10 5 0 600 VDD = 28 Vdc Pin = 0 dBm IDQ = 750 mA 700 800 900 IRL --20 --24 1400 Gain 0 --4 --8 --12 --16 IRL (dB) 3.84 MHz Channel BW 0
1000
1100
1200
1300
f, FREQUENCY (MHz)
Figure 6. Broadband Frequency Response
W-CDMA TEST SIGNAL
100 10 PROBABILITY (%) 1 Input Signal 0.1 (dB) W--CDMA. ACPR Measured in 3.84 MHz Channel Bandwidth @ 5 MHz Offset. Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF 0 1 2 3 4 5 6 7 8 9 10 PEAK--TO--AVERAGE (dB) 0.01 0.001 0.0001 10 0 --10 --20 --30 --40 --50 --60 --70 --80 --90 --100 --9 --7.2 --5.4 --3.6 --1.8 5.4 7.2 9 f, FREQUENCY (MHz) --ACPR in 3.84 MHz Integrated BW
Figure 7. CCDF W-CDMA IQ Magnitude Clipping, Single-Carrier Test Signal MRF8S9102NR3 6
Figure 8. Single-Carrier W-CDMA Spectrum RF Device Data Freescale Semiconductor
VDD = 28 Vdc, IDQ = 750 mA, Pout = 28 W Avg. f MHz 820 840 860 880 900 920 940 960 980 Zsource 1.93 -- j3.20 2.05 -- j3.14 2.13 -- j3.13 2.17 -- j3.14 2.21 -- j3.14 2.23 -- j3.19 2.20 -- j3.24 2.14 -- j3.27 2.04 -- j3.29 Zload 3.46 -- j1.73 3.48 -- j1.48 3.52 -- j1.26 3.58 -- j1.06 3.70 -- j0.87 3.86 -- j0.73 4.04 -- j0.63 4.26 -- j0.56 4.50 -- j0.56
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. Device Under Test Output Matching Network
Input Matching Network
Z
source
Z
load
Figure 9. Series Equivalent Source and Load Impedance
MRF8S9102NR3 RF Device Data Freescale Semiconductor 7
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
VDD = 28 Vdc, IDQ = 750 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle 57 56 Pout, OUTPUT POWER (dBm) 55 54 53 52 51 50 49 48 47 46 25 26 27 28 29 30 31 32 33 34 35 36 Pin, INPUT POWER (dBm) NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V f (MHz) 920 940 960 P1dB Watts 158 162 158 dBm 52.0 52.1 52.0 195 195 195 P3dB Watts dBm 52.9 52.9 52.9 920 MHz 960 MHz 940 MHz 940 MHz 960 MHz 920 MHz Actual Ideal
Test Impedances per Compression Level f (MHz) 920 940 960 P1dB P1dB P1dB Zsource 1.60 -- j2.77 2.03 -- j3.36 2.33 -- j3.55 Zload 8.80 -- j0.18 9.34 + j1.58 8.42 + j3.05
Figure 10. Pulsed CW Output Power versus Input Power @ 28 V
MRF8S9102NR3 8 RF Device Data Freescale Semiconductor
R1 R2 C3 C9 C10 C8 C17 CUT OUT AREA R3
C13
C2
C4
C5
C14
C15
C16
C11
C6
C7
C12
C1
MRF8S9102N Rev. 0
Figure 11. MRF8S9102NR3 Test Circuit Component Layout -- 865-895 MHz Table 7. MRF8S9102NR3 Test Circuit Component Designations and Values -- 865-895 MHz
Part C1, C2 C3, C4, C5, C6, C7 C8 C9, C12, C13, C16 C10, C11 C14, C15 C17 R1, R2 R3 PCB Description 220 F, 63 V Electrolytic Capacitors 10 F, 50 V Chip Capacitors 2.7 pF Chip Capacitor 47 pF Chip Capacitors 6.8 pF Chip Capacitors 3.9 pF Chip Capacitors 1.2 pF Chip Capacitor 1 K, 1/8 W Chip Resistors 10 , 1/4 W Chip Resistor 0.020, r = 3.5 Part Number 222212018221 C5750X5R1H106M ATC100B2R7BT500XT ATC100B470JT500XT ATC100B6R8BT500XT ATC100B3R9BT500XT ATC100B1R2BT500XT WCR08051KFI 9C12063A10R0FKHFT RO4350 Manufacturer Vishay TDK ATC ATC ATC ATC ATC Welwyn Yageo Rogers
MRF8S9102NR3 RF Device Data Freescale Semiconductor 9
TYPICAL CHARACTERISTICS -- 865-895 MHz
VDD = 28 Vdc, Pout = 28 W (Avg.), IDQ = 750 mA Single--Carrier W--CDMA 3.84 MHz Channel Bandwidth Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF Gps D, DRAIN EFFICIENCY (%) 27 26 25 Gps, POWER GAIN (dB) 24 23 22 21 20 19 18 17 820 IRL 840 860 880 900 920 940 960 f, FREQUENCY (MHz) ACPR PARC D 40 38 36 34 32 --31 ACPR (dBc) --32 --33 --34 --35 --36 980
0 --5 --10 --15 --20 --25
IRL, INPUT RETURN LOSS (dB)
0 --0.5 --1 --1.5 --2 --2.5 PARC (dB)
Figure 12. Output Peak- -Average Ratio Compression (PARC) -toBroadband Performance @ Pout = 28 Watts Avg.
24 23 Gps, POWER GAIN (dB) 22 21 20 19 18 895 MHz 880 MHz 865 MHz 60 50 D, DRAIN EFFICIENCY (%) 40 30 ACPR 895 MHz 865 MHz 880 MHz 20 10 0 100 0 --10 --20 --30 --40 --50 --60 ACPR (dBc)
Gps
D
VDD = 28 Vdc, IDQ = 750 mA, Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF 895 MHz 880 MHz 865 MHz
1
10 Pout, OUTPUT POWER (WATTS) AVG.
Figure 13. Single-Carrier W-CDMA Power Gain, Drain Efficiency and ACPR versus Output Power
30 25 20 GAIN (dB) 15 10 5 0 700 IRL VDD = 28 Vdc Pin = 0 dBm IDQ = 750 mA 750 800 850 900 950 1000 1050 Gain 0 --4 --8 --12 --16 --20 --24 1100 IRL (dB)
f, FREQUENCY (MHz)
Figure 14. Broadband Frequency Response
MRF8S9102NR3 10 RF Device Data Freescale Semiconductor
VDD = 28 Vdc, IDQ = 750 mA, Pout = 28 W Avg. f MHz 820 840 860 880 900 920 940 960 980 Zsource 0.95 -- j1.97 1.02 -- j1.88 1.09 -- j1.83 1.10 -- j1.74 1.13 -- j1.74 1.18 -- j1.71 1.12 -- j1.75 1.06 -- j1.72 1.02 -- j1.71 Zload 3.44 -- j2.01 3.44 -- j1.87 3.48 -- j1.73 3.53 -- j1.60 3.63 -- j1.65 3.73 -- j1.51 3.81 -- j1.55 3.88 -- j1.60 3.98 -- j1.71
Zsource = Test circuit impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. Device Under Test Output Matching Network
Input Matching Network
Z
source
Z
load
Figure 15. Series Equivalent Source and Load Impedance -- 865-895 MHz
MRF8S9102NR3 RF Device Data Freescale Semiconductor 11
PACKAGE DIMENSIONS
MRF8S9102NR3 12 RF Device Data Freescale Semiconductor
MRF8S9102NR3 RF Device Data Freescale Semiconductor 13
MRF8S9102NR3 14 RF Device Data Freescale Semiconductor
PRODUCT DOCUMENTATION AND SOFTWARE
Refer to the following documents and software to aid your design process. Application Notes * AN1907: Solder Reflow Attach Method for High Power RF Devices in Plastic Packages * AN1955: Thermal Measurement Methodology of RF Power Amplifiers * AN3789: Clamping of High Power RF Transistors and RFICs in Over--Molded Plastic Packages Engineering Bulletins * EB212: Using Data Sheet Impedances for RF LDMOS Devices Software * Electromigration MTTF Calculator * RF High Power Model * .s2p File For Software, do a Part Number search at http://www.freescale.com, and select the "Part Number" link. Go to the Software & Tools tab on the part's Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision 0 Date Feb. 2011 * Initial Release of Data Sheet Description
MRF8S9102NR3 RF Device Data Freescale Semiconductor 15
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 1--800--521--6274 or +1--480--768--2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1--8--1, Shimo--Meguro, Meguro--ku, Tokyo 153--0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor China Ltd. Exchange Building 23F No. 118 Jianguo Road Chaoyang District Beijing 100022 China +86 10 5879 8000 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center 1--800--441--2447 or +1--303--675--2140 Fax: +1--303--675--2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2011. All rights reserved.
MRF8S9102NR3
Rev. 16 0, 2/2011 Document Number: MRF8S9102N
RF Device Data Freescale Semiconductor


▲Up To Search▲   

 
Price & Availability of 9C12063A10R0FKHFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X