Part Number Hot Search : 
TLP51207 20005 BPW46 A070VW01 DB105 W12NK90 F1030 A500ERW
Product Description
Full Text Search
 

To Download 87806-3002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0878063002 Active
extreme_powerplus_ssi 5.08mm (.200") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlusTM PS-P Receptacle, Right Angle, Through Hole, Screw Mount, Power Beta 2, Signal 16, Power Alpha 2, 20 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87805-006 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA LR19980
General
Product Family Series Application Comments Overview Product Name PCB Receptacles 87806 Board-to-Board No Recessed Power Circuit extreme_powerplus_ssi EXTreme PowerPlusTM
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 20 20 Power Alpha 2, Signal 16, Power Beta 2 Black 100 94V-0 No Yes Copper Alloy Gold Tin High Temperature Thermoplastic 4 Right Angle 0.135 In 3.43 mm No Yes Tray 0.100 In, 0.125 In, 0.200 In 2.54 mm, 3.18 mm, 5.08 mm 0.100 In, 0.125 In, 0.200 In 2.54 mm, 3.18 mm, 5.08 mm 30 0.76 100 2.54 Yes Yes No -20C to +105C Through Hole
Search Parts in this Series 87806Series
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A, 30A 250V (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-87631-018 PS-87805-006 SD-87806-128
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87806-3002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X