Part Number Hot Search : 
DZ5V1 VDX1047 B16NS25 NDUCTOR 85C72 MG400 SMZJ3793 TDA8843
Product Description
Full Text Search
 

To Download 78320-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0783201001 Active
micro_sata 1.27mm (.050") Pitch High Speed Micro Serial ATA Device Receptacle for 1.8" HDD/ SSD, SMT, Right Angle, Top Mount, 14 Circuits, Tray, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-78320-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Overview Product Name PCB Receptacles 78320 Board-to-Board micro_sata Micro Serial ATA, Serial ATA
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 14 14 Without optional manufacturing pins (S1 to S7 and P1 to P7); Void pins P8 and P9 Black 500 94V-0 No Yes Yes Yes Copper Alloy Gold Tin Nylon 1 Right Angle Yes Yes Tray 0.050 In, 0.200 In 1.27 mm, 5.08 mm 0.050 In, 0.200 In 1.27 mm, 5.08 mm 30 0.76 100 2.54 Yes Yes No -40C to +105C Surface Mount
Search Parts in this Series 78320Series Mates With 78103 , 78283 and 78285 Micro SATA Device Plugs
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 1.5A Yes 30V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-78320-001 PS-78320-002 SD-78320-001
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 78320-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X