Part Number Hot Search : 
123REF IP112 AD630SD LBN41504 IP101ALF XC6120 S3014 AS111512
Product Description
Full Text Search
 

To Download 76046-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0760460001 Active
sfp_stacked_multiport_connectors Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports, EMI Metal Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
Documents: 3D Model Drawing (PDF) Application Specification (PDF)
Product Specification PS-75310-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only LR19980 E29179 EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance?
Series
Agency Certification
CSA UL
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 76046 Module-to-Board Receptacle sfp_stacked_multiport_connectors SFP Plus N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) N/A 160 160 160 Black, Clear (Blue Tint) 100 94V-0 Female None Yes High Performance Alloy (HPA) Gold Tin-Lead High Temperature Thermoplastic, Polycarbonate 2 Right Angle 0.081 In 2.07 mm Yes Yes 0.062 In 1.57 mm Tray No 0.031 In 0.80 mm 0.031 In 0.80 mm 30.4 0.76 30.4
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 76046Series Use With 0759510999 SFP Dust Plug, Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # SFP Stacked Multi- 0622029920 Port Insertion Tool, 2 by 4 SFP Stacked Multi- 0622029940 Port Extraction Tool, 2 by 4
Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof
0.76 Yes Yes 8 No -40C to +85C Through Hole - Compliant Pin No
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 0.5A None EMI Gasket Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing Test Summary AS-75310-001, AS-76090-001 PK-75450-001 PS-75310-001 SD-76046-001 TS-75310-001
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 76046-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X