Part Number Hot Search : 
IF1330 BAT85 28F00 MBT3906 TLP3212 TC74A KT835 MDT10
Product Description
Full Text Search
 

To Download 74AUP2G157DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP2G157
Low-power 2-input multiplexer
Rev. 03 -- 2 July 2008 Product data sheet
1. General description
The 74AUP2G157 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to 3.6 V. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The 74AUP2G157 is a single 2-input multiplexer which select data from two data inputs (I0 and I1) under control of a common data select input (S). The state of the common data select input determines the particular register from which the data comes. The output (Y, Y) presents the selected data in the true (non-inverted) and complement form. The enable input (E) is active LOW. When E is HIGH, the output Y is forced LOW and the output Y is forced HIGH regardless of all other input conditions.
2. Features
I Wide supply voltage range from 0.8 V to 3.6 V I High noise immunity I Complies with JEDEC standards: N JESD8-12 (0.8 V to 1.3 V) N JESD8-11 (0.9 V to 1.65 V) N JESD8-7 (1.2 V to 1.95 V) N JESD8-5 (1.8 V to 2.7 V) N JESD8-B (2.7 V to 3.6 V) I ESD protection: N HBM JESD22-A114E Class 3A exceeds 5000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101C exceeds 1000 V I Low static power consumption; ICC = 0.9 A (maximum) I Latch-up performance exceeds 100 mA per JESD 78 Class II I Inputs accept voltages up to 3.6 V I Low noise overshoot and undershoot < 10 % of VCC I IOFF circuitry provides partial Power-down mode operation I Multiple package options I Specified from -40 C to +85 C and -40 C to +125 C
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74AUP2G157DC 74AUP2G157GT 74AUP2G157GD 74AUP2G157GM -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C VSSOP8 XSON8 XSON8U XQFN8U Description Version plastic very thin shrink small outline package; 8 leads; SOT765-1 body width 2.3 mm plastic extremely thin small outline package; no leads; SOT833-1 8 terminals; body 1 x 1.95 x 0.5 mm plastic extremely thin small outline package; no leads; SOT996-2 8 terminals; UTLP based; body 3 x 2 x 0.5 mm plastic extremely thin quad flat package; no leads; 8 terminals; UTLP based; body 1.6 x 1.6 x 0.5 mm SOT902-1 Type number
4. Marking
Table 2. Marking codes Marking code a2P a2P a2P a2P Type number 74AUP2G157DC 74AUP2G157GT 74AUP2G157GD 74AUP2G157GM
5. Functional diagram
G1
S I0 I1 E
001aah769
EN
Y Y
1 1
001aah770
MUX
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
S
E Y I0 I1 1 2 SELECTOR 6 S E MULTIPLEXER OUTPUT 7
001aaf511
5 3
Y Y
I1 Y I0
001aaf512
Fig 3.
74AUP2G157_3
Logic diagram
Fig 4.
Functional diagram
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
2 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
6. Pinning information
6.1 Pinning
74AUP2G157
I0 1 8 VCC
I1
2
7
E
74AUP2G157
Y I0 I1 Y GND 1 2 3 4
001aaf513
3
6
S
8 7 6 5
VCC E S Y GND 4 5 Y
001aaf514
Transparent top view
Fig 5.
Pin configuration SOT765-1 (VSSOP8)
Fig 6.
Pin configuration SOT833-1 (XSON8)
74AUP2G157
terminal 1 index area E 1 VCC 8
74AUP2G157
I0 I1 Y GND 1 2 3 4 8 7 6 5 VCC
7
I0
S E S Y Y
2
6
I1
3 4
5
Y
GND
001aaf515
001aai369
Transparent top view
Transparent top view
Fig 7.
Pin configuration SOT996-2 (XSON8U)
Fig 8.
Pin configuration SOT902-1 (XQFN8U)
6.2 Pin description
Table 3. Symbol Pin description Pin SOT765-1, SOT833-1 and SOT996-2 I0 I1 Y GND Y
74AUP2G157_3
Description SOT902-1 7 6 5 4 3 data input from source 0 data input from source 1 complement multiplexer output ground (0 V) true multiplexer output
(c) NXP B.V. 2008. All rights reserved.
1 2 3 4 5
Product data sheet
Rev. 03 -- 2 July 2008
3 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
Table 3. Symbol
Pin description ...continued Pin SOT765-1, SOT833-1 and SOT996-2 SOT902-1 2 1 8 data select input enable input (active LOW) supply voltage Description
S E VCC
6 7 8
7. Functional description
Table 4. Input E H L L L L
[1]
Function table[1] Output S X L L H H I0 X L H X X I1 X X X L H Y L L H L H Y H H L H L
H = HIGH voltage level; L = LOW voltage level; X = don't care.
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input clamping current input voltage output clamping current output voltage output current supply current ground current storage temperature total power dissipation
Conditions VI < 0 V
[1]
Min -0.5 -50 -0.5 -50
[1]
Max +4.6 +4.6 +4.6 20 50 +150 250
Unit V mA V mA V mA mA mA C mW
VO < 0 V Active mode and Power-down mode VO = 0 V to VCC
-0.5 -50 -65
Tamb = -40 C to +125 C
[2]
-
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. For VSSOP8 packages: above 110 C the value of Ptot derates linearly with 8.0 mW/K. For XSON8, XSON8U and XQFN8U packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
4 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
9. Recommended operating conditions
Table 6. Symbol VCC VI VO Tamb t/V Operating conditions Parameter supply voltage input voltage output voltage ambient temperature input transition rise and fall rate VCC = 0.8 V to 3.6 V Active mode Power-down mode; VCC = 0 V Conditions Min 0.8 0 0 0 -40 0 Max 3.6 3.6 VCC 3.6 +125 200 Unit V V V V C ns/V
10. Static characteristics
Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VIH HIGH-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V
74AUP2G157_3
Conditions
Min
Typ
Max -
Unit V V V V
0.70 x VCC 0.65 x VCC 1.6 2.0 VCC - 0.1 1.11 1.32 2.05 1.9 2.72 2.6 -
0.30 x VCC V 0.35 x VCC V 0.7 0.9 0.1 0.3 x VCC 0.31 0.31 0.31 0.44 0.31 0.44 V V V V V V V V V V V V V V V V V V
0.75 x VCC -
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
5 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter II IOFF IOFF ICC ICC CI CO VIH input leakage current power-off leakage current additional power-off leakage current supply current additional supply current input capacitance output capacitance HIGH-level input voltage Conditions VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VCC = 0 V to 3.6 V; VI = GND or VCC VO = GND; VCC = 0 V VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF input leakage current power-off leakage current additional power-off leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V 0.1 0.3 x VCC 0.37 0.35 0.33 0.45 0.33 0.45 0.5 0.5 0.6 V V V V V V V V A A A VCC - 0.1 0.7 x VCC 1.03 1.30 1.97 1.85 2.67 2.55 V V V V V V V V
[1]
Min -
Typ 0.6 1.3
Max 0.1 0.2 0.2 0.5 40 -
Unit A A A A A pF pF V V V V
Tamb = -40 C to +85 C 0.70 x VCC 0.65 x VCC 1.6 2.0 -
0.30 x VCC V 0.35 x VCC V 0.7 0.9 V V
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
6 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter ICC ICC supply current additional supply current Conditions VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VIL LOW-level input voltage VCC = 0.8 V VCC = 0.9 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC input leakage current power-off leakage current additional power-off leakage current supply current additional supply current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V
[1] [1]
Min -
Typ -
Max 0.9 50
Unit A A
Tamb = -40 C to +125 C VIH HIGH-level input voltage 0.75 x VCC 0.70 x VCC 1.6 2.0 V V V V
0.25 x VCC V 0.30 x VCC V 0.7 0.9 0.11 0.41 0.39 0.36 0.50 0.36 0.50 0.75 0.75 0.75 1.4 75 V V V V V V V V V V V V V V V V V A A A A A
VCC - 0.11 0.6 x VCC 0.93 1.17 1.77 1.67 2.40 2.30 -
0.33 x VCC V
[1]
One input at VCC - 0.6 V, other input at VCC or GND.
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
7 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
11. Dynamic characteristics
Table 8. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11. Symbol Parameter Conditions Tamb = 25 C Min CL = 5 pF tpd propagation delay I0, I1 to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V S to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V E to Y, Y; see Figure 10 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[2] [2] [2]
Tamb = -40 C to +125 C Min Max (85 C) Max (125 C)
Unit
Typ[1]
Max
2.5 1.9 1.7 1.5 1.3 2.6 1.9 1.7 1.6 1.3 2.7 2.1 1.8 1.6 1.4
21.2 6.1 4.2 3.4 2.7 2.4 23.6 6.6 4.5 3.6 2.8 2.5 22.6 6.4 4.4 3.6 2.8 2.5
13.3 7.8 6.2 4.3 3.7 13.8 8.0 6.3 4.4 3.7 13.7 8.0 6.3 4.2 3.6
2.2 2.0 1.6 1.2 1.0 2.2 2.1 1.6 1.2 1.0 2.5 2.1 1.6 1.4 1.1
13.8 8.4 6.9 4.9 4.0 14.3 8.7 7.0 5.0 4.0 14.3 8.7 7.0 4.8 3.9
13.9 8.8 7.3 5.2 4.2 14.5 9.1 7.4 5.3 4.2 14.5 9.1 7.4 5.1 4.2
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
8 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11. Symbol Parameter Conditions Tamb = 25 C Min CL = 10 pF tpd propagation delay I0, I1 to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V S to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V E to Y, Y; see Figure 10 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[2] [2] [2]
Tamb = -40 C to +125 C Min Max (85 C) Max (125 C)
Unit
Typ[1]
Max
2.9 2.2 2.1 1.9 1.7 3.0 2.3 2.1 1.9 1.7 3.1 2.5 2.2 1.9 1.7
24.5 6.9 4.8 4.0 3.2 2.9 27.2 7.4 5.1 4.2 3.4 3.0 25.9 7.2 5.0 4.1 3.3 3.0
15.1 8.9 7.1 5.0 4.4 15.5 9.0 7.2 5.1 4.4 15.5 9.0 7.1 4.9 4.2
2.5 2.4 1.9 1.6 1.3 2.6 2.4 1.9 1.6 1.4 2.8 2.4 1.9 1.7 1.5
15.6 9.6 7.9 5.7 4.7 16.1 9.8 8.0 5.7 4.7 16.1 9.8 8.0 5.5 4.6
15.8 10.0 8.3 6.0 5.0 16.4 10.3 8.4 6.1 5.0 16.4 10.3 8.4 5.9 4.8
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
9 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11. Symbol Parameter Conditions Tamb = 25 C Min CL = 15 pF tpd propagation delay I0, I1 to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V S to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V E to Y, Y; see Figure 10 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[2] [2] [2]
Tamb = -40 C to +125 C Min Max (85 C) Max (125 C)
Unit
Typ[1]
Max
3.3 2.5 2.4 2.2 2.0 3.3 2.6 2.4 2.2 2.0 3.5 2.8 2.4 2.2 2.0
27.8 7.7 5.4 4.4 3.7 3.4 30.7 8.2 5.7 4.7 3.8 3.5 29.1 8.0 5.6 4.6 3.8 3.4
16.8 9.8 7.8 5.6 4.9 17.2 10.0 7.9 5.7 5.0 17.2 9.9 7.9 5.5 4.7
2.8 2.7 2.2 1.9 1.6 2.9 2.7 2.2 1.9 1.6 3.1 2.7 2.2 2.0 1.8
17.4 10.6 8.7 6.4 5.3 17.9 10.9 8.9 6.5 5.4 17.9 10.9 8.9 6.2 5.1
17.6 11.2 9.2 6.7 5.6 18.2 11.4 9.4 6.8 5.7 18.2 11.4 9.4 6.6 5.4
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
10 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11. Symbol Parameter Conditions Tamb = 25 C Min CL = 30 pF tpd propagation delay I0, I1 to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V S to Y, Y; see Figure 9 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V E to Y, Y; see Figure 10 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[2] [2] [2]
Tamb = -40 C to +125 C Min Max (85 C) Max (125 C)
Unit
Typ[1]
Max
4.3 3.3 3.1 2.9 2.8 4.4 3.3 3.1 2.9 2.7 4.4 3.6 3.1 2.9 2.7
35.4 9.8 6.9 5.7 4.8 4.4 38.8 10.5 7.2 5.9 4.9 4.5 36.8 10.1 7.1 5.8 4.9 4.5
21.6 12.4 10.0 7.2 6.4 22.0 12.6 10.1 7.3 6.4 22.1 12.6 10.0 7.1 6.2
3.7 3.4 2.8 2.6 2.3 3.7 3.5 2.8 2.6 2.3 3.9 3.5 2.8 2.7 2.4
22.5 13.6 11.3 8.2 6.9 23.0 13.9 11.4 8.3 6.9 23.0 13.8 11.3 8.0 6.7
22.8 14.4 11.9 8.7 7.3 23.4 14.6 12.0 8.7 7.3 23.4 14.6 12.0 8.5 7.0
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
11 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11. Symbol Parameter Conditions Tamb = 25 C Min CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance fi = 1 MHz; VI = GND to VCC VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[1] [2] [3] All typical values are measured at nominal VCC. tpd is the same as tPLH and tPHL CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs.
[3]
Tamb = -40 C to +125 C Min Max (85 C) Max (125 C)
Unit
Typ[1]
Max
-
5.2 5.5 5.7 6.0 6.9 7.9
-
-
-
-
pF pF pF pF pF pF
12. Waveforms
VI I0, I1, S input GND tPHL VOH Y output VOL VOH Y output VOL VM
001aaf516
VM tPLH VM tPLH tPHL
Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 9.
The data inputs (I0, I1) and data select input (S) to output (Y, Y) propagation delays
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
12 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
VI E input GND tPHL VOH Y output VOL VOH Y output VOL VM
001aaf517
VM tPLH VM tPLH tPHL
Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 10. The enable input (E) to output (Y, Y) propagation delays Table 9. VCC 0.8 V to 3.6 V Measurement points Output VM 0.5 x VCC Input VM 0.5 x VCC VI VCC tr = tf 3.0 ns
Supply voltage
VCC
VEXT
5 k
G
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 10. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times.
Fig 11. Load circuitry for switching times Table 10. VCC 0.8 V to 3.6 V
[1]
Test data Load CL 5 pF, 10 pF, 15 pF and 30 pF RL
[1]
Supply voltage
VEXT tPLH, tPHL open tPZH, tPHZ GND tPZL, tPLZ 2 x VCC 5 k or 1 M
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
13 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
13. Package outline
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1
D
E
A X
c y HE vMA
Z
8
5
Q A pin 1 index A2 A1 (A3) Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1 A1 0.15 0.00 A2 0.85 0.60 A3 0.12 bp 0.27 0.17 c 0.23 0.08 D(1) 2.1 1.9 E(2) 2.4 2.2 e 0.5 HE 3.2 3.0 L 0.4 Lp 0.40 0.15 Q 0.21 0.19 v 0.2 w 0.13 y 0.1 Z(1) 0.4 0.1 8 0
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT765-1 REFERENCES IEC JEDEC MO-187 JEITA EUROPEAN PROJECTION
ISSUE DATE 02-06-07
Fig 12. Package outline SOT765-1 (VSSOP8)
74AUP2G157_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
14 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm
SOT833-1
1
2
3
b 4 4x L
(2)
L1
e
8 e1
7 e1
6 e1
5
8x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max 0.5 A1 max 0.04 b 0.25 0.17 D 2.0 1.9 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT833-1 REFERENCES IEC --JEDEC MO-252 JEITA --EUROPEAN PROJECTION ISSUE DATE 07-11-14 07-12-07
Fig 13. Package outline SOT833-1 (XSON8)
74AUP2G157_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
15 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
XSON8U: plastic extremely thin small outline package; no leads; 8 terminals; UTLP based; body 3 x 2 x 0.5 mm
SOT996-2
D
B
A
E
A
A1
detail X terminal 1 index area e1 L1
1
e
b
4
v w
M M
CAB C
C y1 C y
L2
L
8 5
X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max 0.5 A1 0.05 0.00 b 0.35 0.15 D 2.1 1.9 E 3.1 2.9 e 0.5 e1 1.5 L 0.5 0.3 L1 0.15 0.05 L2 0.6 0.4 v 0.1 w 0.05 y 0.05 y1 0.1
OUTLINE VERSION SOT996-2
REFERENCES IEC --JEDEC JEITA ---
EUROPEAN PROJECTION
ISSUE DATE 07-12-18 07-12-21
Fig 14. Package outline SOT996-2 (XSON8U)
74AUP2G157_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
16 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
XQFN8U: plastic extremely thin quad flat package; no leads; 8 terminals; UTLP based; body 1.6 x 1.6 x 0.5 mm
SOT902-1
D terminal 1 index area
B
A
E
A A1
detail X
L1 L
e
4
e v M C A B w M C
5
C y1 C y
3
metal area not for soldering
2 6
b
e1
e1
7 1
terminal 1 index area
8
X
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max 0.5 A1 0.05 0.00 b 0.25 0.15 D 1.65 1.55 E 1.65 1.55 e 0.55 e1 0.5 L 0.35 0.25 L1 0.15 0.05 v 0.1 w 0.05 y 0.05 y1 0.05
OUTLINE VERSION SOT902-1
REFERENCES IEC --JEDEC MO-255 JEITA ---
EUROPEAN PROJECTION
ISSUE DATE 05-11-25 07-11-14
Fig 15. Package outline SOT902-1 (XQFN8U)
74AUP2G157_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
17 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
14. Abbreviations
Table 11. Acronym CDM CMOS DUT ESD HBM MM TTL Abbreviations Description Charged Device Model Complementary Metal-Oxide Semiconductor Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic
15. Revision history
Table 12. Revision history Release date 20080702 Data sheet status Product data sheet Product data sheet Product data sheet Change notice Supersedes 74AUP2G157_2 74AUP2G157_1 Document ID 74AUP2G157_3 Modifications: 74AUP2G157_2 74AUP2G157_1
*
Added type number 74AUP2G157GD (XSON8U package)
20080219 20061006
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
18 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
16. Legal information
16.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
16.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
16.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
16.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
17. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
74AUP2G157_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 2 July 2008
19 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
18. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 16.1 16.2 16.3 16.4 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 8 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 14 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 Legal information. . . . . . . . . . . . . . . . . . . . . . . 19 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 19 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Contact information. . . . . . . . . . . . . . . . . . . . . 19 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 2 July 2008 Document identifier: 74AUP2G157_3


▲Up To Search▲   

 
Price & Availability of 74AUP2G157DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X