Part Number Hot Search : 
TD7101F MS3022 LM317HVR CAT28 3SK309 025AA 1A272 34404
Product Description
Full Text Search
 

To Download 74320-1007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0743201007 Active
MicroCrossTM DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, Gold (Au) Flash Plating, 3.12mm (.123") P.C. Tail Length, 28 Circuits, Lead Free
Documents: Drawing (PDF) Product Specification PS-74320-001 (PDF)
RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Agency Certification
UL E29179
General
Product Family Series Application Comments Component Type Product Name Type I/O Connectors 74320 Wire-to-Board DDWG (Digital Display Working Group) Standard Receptacle MicroCrossTMDVI N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating N/A 28 28 Natural 100 94V-0 Receptacle Yes Yes Copper Alloy Gold Tin 3 Right Angle 0.123 In 3.12 mm Yes Yes Tray Yes 0.075 In 1.91 mm 0.075 In 1.91 mm 2 0.05 100 2.50 Yes Yes 1 No -20C to +85C
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 74320Series Mates With 88744 , 74323 Use With Hex Screw Kit 71781-0001 or 71781-0002
Termination Interface: Style Waterproof / Dustproof Wire Size AWG
Through Hole No N/A
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 3A Yes Full Shield Yes 40V AC (RMS)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-74320-001 SD-74320-001
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74320-1007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X