Part Number Hot Search : 
THN6702 LM2121 BA6950FS KTD1047 9F002 BZP62 TON9305 2DPSP
Product Description
Full Text Search
 

To Download 74320-1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0743201004 Active
MicroCrossTM DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm (.092") P.C. Tail Length, 29 Circuits, Lead free
Documents: Drawing (PDF) Test Summary (PDF)
Product Specification PS-74320-001 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL E29179
General
Product Family Series Application Comments Component Type Product Name Type I/O Connectors 74320 Wire-to-Board DDWG (Digital Display Working Group) Standard Receptacle MicroCrossTMDVI N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating N/A 29 29 Natural 100 94V-0 Receptacle Yes Yes Copper Alloy Gold Tin 3 Right Angle 0.092 In 2.34 mm Yes Yes Tray Yes 0.075 In 1.91 mm 0.075 In 1.91 mm 2 0.05 100 2.50 Yes Yes 1 No -20C to +85C
Search Parts in this Series 74320Series Mates With 88744 , 74323 Use With Hex Screw Kit 71781-0001 or 71781-0002
Termination Interface: Style Waterproof / Dustproof Wire Size AWG
Through Hole No N/A
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 3A Yes Full Shield Yes 40V AC (RMS)
Material Info Reference - Drawing Numbers
Product Specification PS-74320-001, RPS-74320-002, RPS-74320-003, RPS-74320-004, RPS-74320-005, RPS-74320-007, RPS-74320-016 SD-74320-001
Sales Drawing
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74320-1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X