Part Number Hot Search : 
DDZ10ASF UP1G125 24C16 20150 11120 SXXXXC R12KE 2SC328
Product Description
Full Text Search
 

To Download 5015715007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5015715007 Active
picoclasp 1.00mm (.039") Pitch Pico-ClaspTM Wire-to-Board PCB Header, Dual Row, Right Angle, 50 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-501571-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 501571 Wire-to-Board picoclasp Pico-ClaspTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 50 50 Natural 30 No No No None Yes Brass, Phosphor Bronze Gold Gold High Temperature Thermoplastic 2 Right Angle 0.000 In 0.00 mm No Yes 0.000 In 0.00 mm Embossed Tape on Reel 0.039 In 1.00 mm 0.039 In 1.00 mm 4 0.1 4 0.1 Yes Yes Yes No Yes -40C to +85C Surface Mount
Search Parts in this Series 501571Series Mates With 501189 Pico-ClaspTM Wire-to-Board Female Housing
Electrical
Current - Maximum per Contact Voltage - Maximum 0.8A, 1A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-501571-001 PS-501571-001, RPS-501190-003, RPS-501190-008, RPS-501331-001, RPS-501571-005, RPS-501571-006, RPS-501571-007, RPS-501571-008 SD-501571-001, SD-501571-002
Sales Drawing
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5015715007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X