Part Number Hot Search : 
RFG35 B1213 20MU11 SL221R02 STD5KA40 76000 A1108 LB1806
Product Description
Full Text Search
 

To Download 47403-6002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0474036002 Active
esatausb_combo_receptacles Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs, Beveled Metal Pins and Mylar, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47403-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 47403 Wire-to-Board Through hole type front solder tabs . Reverse mounted on recessed PCB . Durability: 1,500 cycles for USB; 2,500 cycles for eSATA Receptacle esatausb_combo_receptacles eSATA/USB Combo, External Serial ATA, USB N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments
Component Type Overview Product Name Type
Physical
Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style 4, 7 eSATA: 7 circuits; USB: 4 circuits Black 1,500 Male Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 2 Right Angle No Yes 0.047 In 1.20 mm Embossed Tape on Reel Yes 0.050 In, 0.079 In, 0.098 In 1.27 mm, 2.00 mm, 2.50 mm 0.050 In, 0.079 In, 0.098 In 1.27 mm, 2.00 mm, 2.50 mm 30 0.76 80 2 Yes Yes 1 -35C to +85C Through Hole
Search Parts in this Series 47403Series Mates With External Serial ATA Cable Assembly or USB Type A Cable Assembly
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 1.5A Yes Full Shield Yes 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47403-016 PS-47403-001 SD-47403-600
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 47403-6002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X