Part Number Hot Search : 
2N2218 SCDS104 F4041BP J110C RGP08K DD5024 ADM56006 TC660EOA
Product Description
Full Text Search
 

To Download 43025001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Entry Modules with Line Filter www.schurter.com/pg06 IEC Appliance Inlet C14 with Filter, Line Switch 1-pole
KFB
C14
70 C -PanelMount: Screw-onmountingfromfrontside -3Functions: ApplianceInletProtectionclassI,LineSwitch1-pole,Line-filterinstandardversion -Quickconnectterminals6.3x0.8mm -Alternative:versionwithoutlinefilterKEB1 -WerecommendfornewapplicationsthenewtypeDC12
Description
Characteristics
-Allsingleelementsarealreadywired -Lineswitchnon-illuminated -WithEMC-shield -QualifiedforuseinequipmentaccordingIEC/EN60950
References Weblinks
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Approvals
-VDELicenseNumber:40004665(FKS) -ULLicenseNumber:E72928(FKS)
Technical Data
RatingsIEC RatingsUL/CSA LeakageCurrent DielectricStrength 1-10A@Ta40C/250VAC;50Hz 1-10A@Ta40C/125VAC;60Hz standard<0.5mA(250V/60Hz) >1.7kVDCbetweenL-N >2.7kVDCbetweenL/N-PE Testvoltage(2sec) -25Cto85C 25/085/21acc.toIEC60068-1 fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals6.3x0.8mm Screw:max8mm Mountingscrewtorquemax0.5Nm Thermoplastic,black,UL94V-0 Appliance-Inlet/-Outlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1 Rockerswitch1-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails StandardVersion,IEC60939,IEC 60601-1,UL1283,UL544,EN133 200,CSAC22.2no.8 Technicaldetails >2'100'000hacc.toMIL-HB-217F
LineSwitch
AllowableOperationTemp. ClimaticCategory DegreeofProtection ProtectionClass Terminal PanelThicknesss Material:Housing
LineFilter
MTBF
EMC Products
KFB
www.schurter.com/pg06 Dimensions
60.5mm
Power Entry Modules with Line Filter
27.2 -0.2
+0.1
2 3.2x90 32.8 0.1 x28.5 0.1 31.2 -0.2
+0.1
36 0.2
6.3x0.8
+0.3 0
M3
34
36 0.1 44
9.5
46 60.5
5
29
+0.3 0
R3
Technical Data of Filter-Components
Rated Current [A] 1 2 4 6 10 Filter-Type Standard Version Standard Version Standard Version Standard Version Standard Version Inductances L [mH] 2 x 10 2x4 2 x 1.5 2 x 0.8 2 x 0.3 Capacitance CX [nF] 68 68 68 68 68 Capacitance CY [nF] 2.2 2.2 2.2 2.2 2.2
Diagrams
1) Line 2) Load
Attenuation Loss 1A
Standardversion
----differentialmode_____commonmode
2A
4A
6A
10 A
EMC Products
33
Power Entry Modules with Line Filter www.schurter.com/pg06 Variants
Rated Current [A] 1 2 4 6 10 Filter-Type Standard Version Standard Version Standard Version Standard Version Standard Version Order Number 4302.5001 4302.5002 4302.5003 4302.5004 4302.5005
KFB
Packaging unit Accessories
10Pcs
Description
Assorted Covers Rear Cover 0859.0075
Cord retaining kits Cord retaining strain relief Countersunk, B 4700.0002
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to KFB1 Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to KFB1 Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to KFB1 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon EMC Products currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 43025001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X