Part Number Hot Search : 
SSH4N70 LBS07203 X3225 C781PN 1KSMB47A F3204 PF3506 ST25VF
Product Description
Full Text Search
 

To Download 39-03-6044 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039036044 Active
standard_093 2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing With Positive Latch, UL 94V-2, 4 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-3191-001 (PDF)
Product Specification PS-3191-003 (PDF) Product Specification PS-3191-005 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV UL LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Overview Product Name Crimp Housings 3191 Polarized to Mating Part standard_093 Standard .093"
Physical
Breakaway Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 4 2x2 Natural 94V-2 Dual No None Yes Nylon 1 Bag No 0.264 In 6.71 mm Yes No -40C to +105C
Search Parts in this Series 3191Series Mates With 3191 Pin and Socket Plug, 5219 Vertical PCB Header Use With 1189 Crimp Terminals, 1190 Crimp Terminals, 1380 Male Crimp Terminals, 1381 Female Crimp Terminals, 1433 Crimp Terminals, 1434 Male Crimp Terminals, 2605 , 2606 , 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , Lin
Electrical
Current - Maximum per Contact 9A
Material Info
Old Part Number 3191-04R1
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-3191-001 PS-3191-001, PS-3191-003, PS-3191-005, RPS-3191-001, RPS-3191-002 SD-3191-04R1-*
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 39-03-6044

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X